Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE300CS Datasheet(PDF) 4 Page - EIC discrete Semiconductors

Part # P6KE300CS
Description  BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

P6KE300CS Datasheet(HTML) 4 Page - EIC discrete Semiconductors

  P6KE300CS Datasheet HTML 1Page - EIC discrete Semiconductors P6KE300CS Datasheet HTML 2Page - EIC discrete Semiconductors P6KE300CS Datasheet HTML 3Page - EIC discrete Semiconductors P6KE300CS Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RATING AND CHARACTERISTIC CURVES ( P6KE6.8CS SERIES )
FIG.1 - PULSE DERATING CURVE
FIG.2 - PULSE WAVEFORM
0
25
50
75
100
125
150
175
Ta, AMBIENT TEMPERATURE, (
°C)
FIG.3 - STEADY STATE POWER DERATING
FIG.4 - PULSE RATING CURVE
Page 4 of 4
Rev. 04 : March 25, 2005
80
60
40
20
120
5.00
100
10
0
1.25
3.75
0
0.1
2.50
1.0
tp, PULSE WIDTH
100
100
125
175
0
25
50
75
150
0.1
µs
1.0
µs
10
µs
100
µs
10ms
1.0ms
200
TL, LEAD TEMPERATURE (
°C)
tp
50
100
0
Tr = 10
µs
Peak Value
IRSM
Half Value - IRSM
T, TIME(ms)
1.0
2.0
3.0
4.0
0
2
TJ=25
°C
Pulse Width (tp) is defined
as that point where the peak
current decays to 50%
of IRSM
10X1000 Waveform
as defined by R.E.A.
Single Phase Half Wave
60 Hz Resistive or Inductive load


Similar Part No. - P6KE300CS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE300C PANJIT-P6KE300C Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Socay Electornics Co., ...
P6KE300C SOCAY-P6KE300C Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Chongqing Pingwei Enter...
P6KE300C CHONGQING-P6KE300C Datasheet
249Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Surge Components
P6KE300C SURGE-P6KE300C Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
New Jersey Semi-Conduct...
P6KE300C NJSEMI-P6KE300C Datasheet
153Kb / 3P
   600w Transient Voltage Suppressor
More results

Similar Description - P6KE300CS

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
3KE13C EIC-3KE13C Datasheet
72Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
SA5.0C NJSEMI-SA5.0C Datasheet
197Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
1N6267CL EIC-1N6267CL Datasheet
53Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
1N6267C EIC-1N6267C Datasheet
80Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
1N6267CL LEIDITECH-1N6267CL Datasheet
236Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMBJ50C EIC-SMBJ50C Datasheet
18Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
P6SMBJ65 DIOTEC-P6SMBJ65_14 Datasheet
130Kb / 4P
   bidirectional Transient Voltage Suppressor Diodes
P6SMB220 DIOTEC-P6SMB220_14 Datasheet
120Kb / 3P
   bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
P4SMA220 SEMIKRON-P4SMA220 Datasheet
373Kb / 2P
   Bidirectional Transient Voltage Suppressor diodes
TGL41-520C SEMIKRON-TGL41-520C Datasheet
427Kb / 2P
   Bidirectional Transient Voltage Suppressor diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com