Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2864 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SK2864
Description  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK2864 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SK2864 Datasheet HTML 1Page - Sanyo Semicon Device 2SK2864 Datasheet HTML 2Page - Sanyo Semicon Device 2SK2864 Datasheet HTML 3Page - Sanyo Semicon Device 2SK2864 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SK2864
No.6610-2/4
Drain-to-Source Voltage, VDS -- V
Case Temperature, Tc --
°C
RDS(on) -- Tc
Gate-to-Source Voltage, VGS -- V
RDS(on) -- VGS
Gate-to-Source Voltage, VGS -- V
ID -- VGS
ID -- VDS
0
1
234
56
7
8
IT01918
IT01919
Tc=25
°C
ID=10A
0
2
4
6
8
10
121416
200
160
120
80
40
180
140
100
60
IT01920
--60
--40
--20
0
20
40
60
80
100
120
250
200
150
100
50
0
140
160
IT01921
20
18
16
14
12
10
8
6
4
2
012345
0
20
18
16
14
12
10
8
6
4
2
0
VGS=4V
5V
VDS=10V
VGS=10V
ID=10A
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Input Capacitance
Ciss1
VDS=0, f=1MHz
3000
3800
pF
Ciss2
VDS=20V, f=1MHz
1700
2150
pF
Output Capacitance
Coss
VDS=20V, f=1MHz
400
420
pF
Reverse Transfer Capacitance
Crss
VDS=20V, f=1MHz
150
185
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit
28
35
ns
Rise Time
tr
See specified Test Circuit
85
110
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit
130
165
ns
Fall Time
tf
See specified Test Circuit
90
105
ns
Diode Forward Voltage
VSD
IS=20A, VGS=0
1.0
1.5
V
Gate resistance
Rg
f=1MHz
1.0
2.0
3.0
Switching Time Test Circuit
PW=10
µs
D.C.
≤1%
10V
0V
P.G
50
G
S
D
ID=10A
RL=10Ω
VDD=100V
VOUT
2SK2864
VIN
VIN


Similar Part No. - 2SK2864

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2862 TOSHIBA-2SK2862 Datasheet
283Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVER APPLICATIONS)
2SK2862 TOSHIBA-2SK2862 Datasheet
716Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
logo
Inchange Semiconductor ...
2SK2862 ISC-2SK2862 Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK2862 TOSHIBA-2SK2862_06 Datasheet
716Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2862 TOSHIBA-2SK2862_09 Datasheet
425Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
More results

Similar Description - 2SK2864

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com