Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

250688-002 Datasheet(PDF) 8 Page - Intel Corporation

Part # 250688-002
Description  Mobile Intel Pentium4 Processor-M
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

250688-002 Datasheet(HTML) 8 Page - Intel Corporation

Back Button 250688-002 Datasheet HTML 4Page - Intel Corporation 250688-002 Datasheet HTML 5Page - Intel Corporation 250688-002 Datasheet HTML 6Page - Intel Corporation 250688-002 Datasheet HTML 7Page - Intel Corporation 250688-002 Datasheet HTML 8Page - Intel Corporation 250688-002 Datasheet HTML 9Page - Intel Corporation 250688-002 Datasheet HTML 10Page - Intel Corporation 250688-002 Datasheet HTML 11Page - Intel Corporation 250688-002 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 97 page
background image
8
Mobile IntelPentium4 Processor-M Datasheet
Mobile IntelPentium4 Processor-M
Revision History
Date
Revision
Description
March 2002
001
Initial release of the Datasheet
April 2002
002
Updates include:
Added new processor speeds: 1.4 GHz, 1.5 GHz, & 1.8 GHz
Added PROCHOT# signal in Table 21
Updated signal description for PROCHOT# in Table 37 and Section 6.1.2
Updated the description of the Enhanced Intel Speedstep Technology in
sections 2.4.1 and 7.3
Updated PWRGOOD signal in Table 3, Section 2.7, Table 14, Table 21,
Table 28, Table 35, Figure 28, and FIgure 29
June 2002
003
Updates include:
Added specifications for new processor speeds: 1.90 GHz and 2 GHz
Added die length and die width for processors based on B0-step shrink
process in Table 33
September 2002
004
Updates include:
Added 2.2 GHz Mobile Intel Pentium 4 Processor-M specifications.
Current and power specifications updated in Table 7 & Table 38.
Corrected STPCLK#/SLP# timing relationship in Section 7.2.3 to match
parameter T75.
January 2003
005
Updates include:
Added 2.4 GHz Mobile Intel Pentium 4 Processor-M specifications.
Current and power specifications updated in Table 7 & Table 38.
Clarified DBI[3:0]# and THERMTRIP# descriptions in Table 37.
Clarified thermal solution requirements in Section 6.
April 2003
006
Updates include:
Added 2.5 GHz Mobile Intel Pentium 4 Processor-M specifications.
Current and power specifications updated in Table 7 & Table 38.
June 2003
007
Updates include:
Added 2.6 GHz Mobile Intel Pentium 4 Processor-M specifications.
Updated note 5 in Table 22.
Updated THERMTRIP# description in Table 37.


Similar Part No. - 250688-002

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
25068 ALPHAWIRE-25068 Datasheet
92Kb / 4P
   Customer Specification
1/5/2023
More results

Similar Description - 250688-002

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
T7600 INTEL-T7600 Datasheet
1Mb / 91P
   Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
320032-001 INTEL-320032-001 Datasheet
552Kb / 57P
   Mobile Intel Atom Processor N270 Single Core
logo
Advantech Co., Ltd.
DVS-355M ADVANTECH-DVS-355M Datasheet
395Kb / 2P
   Embedded/Mobile Digital Video Platform with Intel Core Duo Mobile Processor
logo
AAEON Technology
IMBI-QM57 AAEON-IMBI-QM57 Datasheet
307Kb / 2P
   Industrial Motherboard with Intel Core i7/i5 Mobile Processor
logo
BOSER Technology Co., L...
HS-1743 BOSER-HS-1743 Datasheet
95Kb / 1P
   Intel Core 2 Duo/Celeron짰 M processor
HS-1760 BOSER-HS-1760 Datasheet
97Kb / 1P
   Intel Core 2 Duo/Celeron M processor
logo
List of Unclassifed Man...
IBOX210 ETC2-IBOX210 Datasheet
753Kb / 1P
   Intel Baytrail D/M/E Soc Processor
IMB-180 ETC2-IMB-180 Datasheet
1Mb / 2P
   Socket rPGA 947 Intel Core i7/i5/i3/mobile processor
IMB-182 ETC2-IMB-182 Datasheet
1Mb / 2P
   BGA type for Intel Core i7/i5/i3/mobile processor
logo
Advantech Co., Ltd.
DVS-355Z ADVANTECH-DVS-355Z Datasheet
235Kb / 2P
   Rugged Vehicle/Embedded Platform with Intel Core Duo Mobile Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com