Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCI-5142 Datasheet(PDF) 5 Page - National Instruments Corporation

Part # PCI-5142
Description  14-Bit 100 MS/s Digitizer with Onboard Signal Processing
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

PCI-5142 Datasheet(HTML) 5 Page - National Instruments Corporation

  PCI-5142 Datasheet HTML 1Page - National Instruments Corporation PCI-5142 Datasheet HTML 2Page - National Instruments Corporation PCI-5142 Datasheet HTML 3Page - National Instruments Corporation PCI-5142 Datasheet HTML 4Page - National Instruments Corporation PCI-5142 Datasheet HTML 5Page - National Instruments Corporation PCI-5142 Datasheet HTML 6Page - National Instruments Corporation PCI-5142 Datasheet HTML 7Page - National Instruments Corporation PCI-5142 Datasheet HTML 8Page - National Instruments Corporation PCI-5142 Datasheet HTML 9Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 77 page
background image
© National Instruments Corporation
5
NI PXI/PCI-5142 Specifications
Crosstalk,
Typical
≤–100 dB at 10 MHz
CH 0 to/from
CH 1, External
Trigger to CH 0
or CH 1.
Bandwidth and Transient Response
Bandwidth
(–3 dB)
Range
(Vpk-pk)
50
Ω and 1 MΩ
Filters off.
* 78 MHz above
40 ºC.
All ranges
except 0.2
100 MHz
0.2
80 MHz up to 40 ºC*
Rise/Fall Time,
Typical
Range
(Vpk-pk)
50
Ω and 1 MΩ
All ranges
except 0.2
3.5 ns
0.2
4.2 ns
Bandwidth
Limit Filters
Noise Filter
Antialias Filter
Only one filter
can be enabled
at any given
time. The
antialias filter
is enabled by
default.
20 MHz
2-pole Bessel filter
40 MHz (–6 dB, typical)
35 MHz (–3 dB)
6-pole Chebyshev filter
AC-Coupling
Cutoff (–3 dB)
12 Hz
AC coupling
available on
1M
Ω only.
Passband
Flatness
Filter
Settings
Range
(Vpk-pk)
50
Ω and 1 MΩ
Referenced
to 50 kHz.
Filters Off
All
ranges
except
0.2
±0.4 dB DC to 20 MHz
±1 dB 20 MHz to 50 MHz
0.2
±0.4 dB DC to 20 MHz
±1 dB 20 MHz to 40 MHz
Antialias
Filter On
All
ranges
±1.2 dB DC to 16 MHz
±1.6 dB 16 MHz to
32 MHz
Specification
Value
Comments


Similar Part No. - PCI-5142

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
PCI-5 COOPER-PCI-5 Datasheet
240Kb / 2P
   Subminiature, Radial Leaded, Fast-Acting Fuses
logo
Eaton All Rights Reserv...
PCI-5 EATON-PCI-5 Datasheet
1Mb / 2P
   Subminiature radial leaded fast-acting fuses
logo
VIGO Photonics S.A.
PCI-5 VIGO-PCI-5 Datasheet
695Kb / 2P
   1.0 – 12.0 μm HgCdTe ambient temperature, optically immersed photoconductive detectors
08/11/2020
logo
Protech Systems Co., Lt...
PCI-501LF PROTECHSYSTEMS-PCI-501LF Datasheet
337Kb / 2P
   CPU Card
PCI-531LF PROTECHSYSTEMS-PCI-531LF Datasheet
443Kb / 2P
   PCI Intel Core Duo / Solo / Core 2 Duo / Duo LV CPU Card w / VGA / Audio / 2LAN
More results

Similar Description - PCI-5142

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXIE-5442 NI-PXIE-5442 Datasheet
806Kb / 6P
   100 MS/s, 16-Bit Arbitrary Waveform Generator with Onboard Signal Processing
PXI-5441 NI-PXI-5441 Datasheet
289Kb / 7P
   100 MS/s, 16-bit Arbitrary Waveform Generator with Onboard Signal Processing
NI5122 NI-NI5122 Datasheet
442Kb / 5P
   100 MHz, 100 MS/s, 14-Bit Digitizer
NIPXIE-5122 NI-NIPXIE-5122 Datasheet
442Kb / 5P
   100 MHz, 100 MS/s, 14-Bit Digitizer
logo
Adlink Technology Inc.
PXIE-9848 ADLINK-PXIE-9848 Datasheet
235Kb / 2P
   8-CH 14-Bit 100 MS/s High-Speed PXI Express Digitizer
logo
National Instruments Co...
NI5761 NI-NI5761 Datasheet
495Kb / 14P
   250 MS/s, 14-Bit Digitizer Adapter Module for NI FlexRIO
logo
Advantech Co., Ltd.
PCIE-1840 ADVANTECH-PCIE-1840 Datasheet
356Kb / 1P
   4-Ch, 16-Bit, 125 MS/s Digitizer
27-Jun-2018
logo
National Instruments Co...
PXI-5124 NI-PXI-5124 Datasheet
251Kb / 3P
   150 MHz, 200 MS/s, 12-Bit Digitizer
NIPXIE-5622 NI-NIPXIE-5622 Datasheet
286Kb / 14P
   150 MS/s, 16-Bit Digitizer for Communications
NIPXI-5142 NI-NIPXI-5142 Datasheet
383Kb / 17P
   100 MS/s, 14-Bit Digitizers for Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com