Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2682LS Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SK2682LS
Description  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK2682LS Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SK2682LS Datasheet HTML 1Page - Sanyo Semicon Device 2SK2682LS Datasheet HTML 2Page - Sanyo Semicon Device 2SK2682LS Datasheet HTML 3Page - Sanyo Semicon Device 2SK2682LS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SK2682LS
No.6783-3/4
5
10
15
20
25
30
35
40
0.5
1.0
1.5
2.0
2.5
0.1
23
5 7 1.0
23
5 7 10
23
5 7
23
5 7
100
1000
23
5
7
1.0
23
5
7
0.1
23
10
0
5
10
15
20
25
30
A S O
Drain-to-Source Voltage, VDS -- V
100
7
5
3
2
7
5
3
2
7
5
3
2
10
1.0
0.1
IT02623
0
0
20
40
60
80
100
120
140
160
PD -- Ta
Ambient Temperature, Ta --
°C
IT02624
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VDS -- V
10000
7
5
3
2
100
7
5
3
2
7
5
3
2
1000
10
IT02621
0
0
20
40
60
80
100
120
140
160
PD -- Tc
Case Temperature, Tc --
°C
IT02625
yfs -- ID
Drain Current, ID -- A
100
7
5
3
7
5
3
2
7
5
3
2
10
1.0
IT02620
0.1
1.0
10
23
5
7
23
5
7
23
Tc=
--25
°C
25
°C
75°
C
VDS=10V
f=1MHz
Ciss
Coss
Crss
SW Time -- ID
Drain Current, ID -- A
1000
100
7
5
3
2
7
5
3
2
10
IT02622
VDD=100V
VGS=10V
tr
td(off)
tf
td(on)
Operation in
this area is
limited by RDS(on).
Tc=25
°C
Single pulse
<10
µs
100
µs
IDP=52A
ID=13A


Similar Part No. - 2SK2682LS

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK2682LS ISC-2SK2682LS Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK2682LS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com