Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M24256-BR Datasheet(PDF) 9 Page - STMicroelectronics

Part # M24256-BR
Description  256 Kbit serial I짼C bus EEPROM with three Chip Enable lines
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256-BR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M24256-BR Datasheet HTML 5Page - STMicroelectronics M24256-BR Datasheet HTML 6Page - STMicroelectronics M24256-BR Datasheet HTML 7Page - STMicroelectronics M24256-BR Datasheet HTML 8Page - STMicroelectronics M24256-BR Datasheet HTML 9Page - STMicroelectronics M24256-BR Datasheet HTML 10Page - STMicroelectronics M24256-BR Datasheet HTML 11Page - STMicroelectronics M24256-BR Datasheet HTML 12Page - STMicroelectronics M24256-BR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
M24256-BF, M24256-BR, M24256-BW, M24256-DR
Signal description
Doc ID 6757 Rev 21
9/42
2.5
VSS ground
VSS is the reference for the VCC supply voltage.
2.6
Supply voltage (VCC)
2.6.1
Operating supply voltage VCC
Prior to selecting the memory and issuing instructions to it, a valid and stable VCC voltage
within the specified [VCC(min), VCC(max)] range must be applied (see Table 8, Table 9 and
Table 10). In order to secure a stable DC supply voltage, it is recommended to decouple the
VCC line with a suitable capacitor (usually of the order of 10 nF to 100 nF) close to the
VCC/VSS package pins.
This voltage must remain stable and valid until the end of the transmission of the instruction
and, for a Write instruction, until the completion of the internal write cycle (tW).
2.6.2
Power-up conditions
VCC has to rise continuously from 0 V up to VCC(min) (see Table 8, Table 9 and Table 10),
and the rise time must not vary faster than 1 V/µs.
2.6.3
Device reset
In order to prevent inadvertent write operations during power-up, a power on reset (POR)
circuit is included. At power-up, the device does not respond to any instruction until VCC
reaches an internal reset threshold voltage. This threshold is lower than the minimum VCC
operating voltage defined in Table 8, Table 9 and Table 10.
When VCC passes over the POR threshold, the device is reset and enters the Standby
Power mode. However, the device must not be accessed until VCC reaches a valid and
stable VCC voltage within the specified [VCC(min), VCC(max)] range.
In a similar way, during power-down (continuous decrease in VCC), as soon as VCC drops
below the power on reset threshold voltage, the device stops responding to any instruction
sent to it.
2.6.4
Power-down conditions
During power-down (where VCC decreases continuously), the device must be in the Standby
Power mode (mode reached after decoding a Stop condition, assuming that there is no
internal Write cycle in progress).


Similar Part No. - M24256-BR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24256-BR STMICROELECTRONICS-M24256-BR Datasheet
265Kb / 31P
   512 Kbit and 256 Kbit Serial I2C bus EEPROM with three Chip Enable lines
M24256-BR STMICROELECTRONICS-M24256-BR Datasheet
321Kb / 35P
   512 Kbit and 256 Kbit serial I짼C bus EEPROM with three Chip Enable lines
M24256-BR STMICROELECTRONICS-M24256-BR Datasheet
415Kb / 40P
   256-Kbit serial I짼C bus EEPROM
M24256-BR STMICROELECTRONICS-M24256-BR Datasheet
716Kb / 39P
   256-Kbit serial I짼C bus EEPROM
M24256-BR STMICROELECTRONICS-M24256-BR Datasheet
345Kb / 37P
   Random and sequential read modes
January 2009 Rev 13
More results

Similar Description - M24256-BR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24512-W STMICROELECTRONICS-M24512-W_08 Datasheet
321Kb / 35P
   512 Kbit and 256 Kbit serial I짼C bus EEPROM with three Chip Enable lines
M24256 STMICROELECTRONICS-M24256 Datasheet
135Kb / 17P
   256/128 Kbit Serial I짼C Bus EEPROM Without Chip Enable Lines
M24256-B STMICROELECTRONICS-M24256-B Datasheet
172Kb / 19P
   256/128 Kbit Serial IC Bus EEPROM With Three Chip Enable Lines
M24512-W STMICROELECTRONICS-M24512-W Datasheet
265Kb / 31P
   512 Kbit and 256 Kbit Serial I2C bus EEPROM with three Chip Enable lines
M24256-BW STMICROELECTRONICS-M24256-BW_12 Datasheet
410Kb / 41P
   256-Kbit serial I짼C bus EEPROM
M24256-DRMN6TP STMICROELECTRONICS-M24256-DRMN6TP Datasheet
415Kb / 40P
   256-Kbit serial I짼C bus EEPROM
M24256-BFMC6TG STMICROELECTRONICS-M24256-BFMC6TG Datasheet
716Kb / 39P
   256-Kbit serial I짼C bus EEPROM
M24256-BFDW6TP STMICROELECTRONICS-M24256-BFDW6TP Datasheet
415Kb / 40P
   256-Kbit serial I짼C bus EEPROM
M24256-A STMICROELECTRONICS-M24256-A Datasheet
176Kb / 20P
   256 Kbit Serial I C Bus EEPROM With Two Chip Enable Lines
M24256-DRE STMICROELECTRONICS-M24256-DRE Datasheet
1Mb / 41P
   256-Kbit serial I짼C bus EEPROM - 105째C operation
January 2015 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com