Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD2.2E Datasheet(PDF) 4 Page - EIC discrete Semiconductors

Part # RD2.2E
Description  SILICON ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

RD2.2E Datasheet(HTML) 4 Page - EIC discrete Semiconductors

  RD2.2E Datasheet HTML 1Page - EIC discrete Semiconductors RD2.2E Datasheet HTML 2Page - EIC discrete Semiconductors RD2.2E Datasheet HTML 3Page - EIC discrete Semiconductors RD2.2E Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Dynamic
Knee Dynamic
Reverse
Zener Voltage
Type
Zener Voltage
1)
Impedance
Impedance
Current
Temperature
Number
VZ (V)
ZZ(Ω)
ZZK(Ω)
IR(µA)
γz(mV/°C)
Min.
Max.
IZ (mA)
Max.
Iz (mA)
Max.
Iz (mA)
Max.
VR (V)
Max.
Iz (mA)
Suffix
B
24.26
27.64
B1
24.26
25.52
B2
24.97
26.26
B3
25.63
26.95
B4
26.29
27.64
B
26.99
30.51
B1
26.99
28.39
B2
27.70
29.13
B3
28.36
29.82
B4
29.02
30.51
B
29.63
33.11
B1
29.68
31.22
B2
30.32
31.88
B3
30.90
32.50
B4
31.49
33.11
B
32.14
35.77
B1
32.14
33.79
B2
32.79
34.49
B3
33.40
35.13
B4
34.01
35.77
B
34.68
40.80
B1
34.68
36.47
B2
35.36
37.19
B3
36.00
37.85
B4
36.63
38.52
Notes:
(1) The zener voltage (Vz) of the B and B1 to B4 grades is tested for 40 ms after power ON.
(2) The B grade is a composition of the B1 to B4 grades. Any of the B1 to B4 voltage classifications are
available for customers who request the B grade product
Page 4 of 4
Rev. 02 : March 25, 2005
RD27E
RD30E
RD33E
RD36E
RD39E
5
45
5
250
0.5
0.2
21
21
5.0
5
55
5
250
0.5
0.2
23
24
5.0
5
65
5
250
0.5
0.2
25
26
5.0
5.0
29
27
0.2
0.5
250
5
75
5
5
85
5
250
0.5
0.2
30
32
5.0


Similar Part No. - RD2.2E

ManufacturerPart #DatasheetDescription
logo
NEC
RD2.2E NEC-RD2.2E Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
logo
New Jersey Semi-Conduct...
RD2.2E NJSEMI-RD2.2E Datasheet
346Kb / 5P
   500 mW PLANAR TYPE SILICON ZENER DIODES
logo
NEC
RD2.2EAB NEC-RD2.2EAB Datasheet
81Kb / 8P
   400 mW DHD ZENER DIODE DO-34
RD2.2EAB1 NEC-RD2.2EAB1 Datasheet
81Kb / 8P
   400 mW DHD ZENER DIODE DO-34
RD2.2EAB2 NEC-RD2.2EAB2 Datasheet
81Kb / 8P
   400 mW DHD ZENER DIODE DO-34
More results

Similar Description - RD2.2E

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com