Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD6.2E Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # RD6.2E
Description  SILICON ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

RD6.2E Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  RD6.2E Datasheet HTML 1Page - EIC discrete Semiconductors RD6.2E Datasheet HTML 2Page - EIC discrete Semiconductors RD6.2E Datasheet HTML 3Page - EIC discrete Semiconductors RD6.2E Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Dynamic
Knee Dynamic
Reverse
Zener Voltage
Type
Zener Voltage
1)
Impedance
Impedance
Current
Temperature
Number
VZ (V)
ZZ(Ω)
ZZK(Ω)
IR(µA)
γz(mV/°C)
Min.
Max.
IZ (mA)
Max.
Iz (mA)
Max.
Iz (mA)
Max.
VR (V)
Max.
Iz (mA)
B
1.88
2.20
B1
1.88
2.10
B2
2.02
2.20
B
2.12
2.41
B1
2.12
2.3
B2
2.22
2.41
B
2.33
2.63
B1
2.33
2.52
B2
2.43
2.63
B
2.54
2.91
B1
2.54
2.75
B2
2.69
2.91
B
2.85
3.22
B1
2.85
3.07
B2
3.01
3.22
B
3.16
3.53
B1
3.16
3.38
B2
3.32
3.53
B
3.47
3.83
B1
3.47
3.68
B2
3.62
3.83
B
3.77
4.14
B1
3.77
3.98
B2
3.92
4.14
B
4.05
4.53
B1
4.05
4.26
B2
4.20
4.40
B3
4.34
4.53
B
4.47
4.91
B1
4.47
4.65
B2
4.59
4.77
B3
4.71
4.91
B
4.85
5.35
B1
4.85
5.03
B2
4.97
5.18
B3
5.12
5.35
B
5.29
5.88
B1
5.29
5.52
B2
5.46
5.70
B3
5.64
5.88
B
5.81
6.40
B1
5.81
6.06
B2
5.99
6.24
B3
6.16
6.40
B
6.32
6.97
B1
6.32
6.59
B2
6.52
6.79
B3
6.70
6.97
B
6.88
7.64
B1
6.88
7.19
B2
7.11
7.41
B3
7.33
7.64
Page 2 of 4
Rev. 02 : March 25, 2005
RD3.0E
RD3.3E
RD3.6E
1.0
120
20
2000
1.0
100
20
RD3.9E
RD4.3E
RD4.7E
RD5.1E
RD5.6E
RD6.2E
RD6.8E
RD7.5E
20
20
80
70
20
20
60
50
20
20
1000
1.0
50
1.0
-2.0
20
20
-2.0
1.0
20
1.0
1000
20
20
1000
1.0
10
1.0
-2.0
20
20
-2.0
1.0
5.0
1.0
1000
20
20
40
20
1000
1.0
5.0
1.0
-1.5
20
20
25
20
900
1.0
5.0
1.0
-1.5
20
20
13
20
500
1.0
5.0
2.5
1.5
20
20
20
20
800
1.0
5.0
1.5
0.5
20
20
10
20
300
1.0
5.0
3.0
2.0
20
20
8
20
150
0.5
2.0
3.5
2.5
20
8
20
120
0.5
0.5
4.0
3.0
20
20
20
20
20
140
20
2000
Suffix
RD2.2E
RD2.4E
RD2.7E
RD2.0E
120
0.5
-1.0
20
120
0.7
-1.5
20
2000
1.0
120
1.0
-1.5
20
100
20
1000
1.0
100
1.0
-1.5
20


Similar Part No. - RD6.2E

ManufacturerPart #DatasheetDescription
logo
NEC
RD6.2E NEC-RD6.2E Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
logo
New Jersey Semi-Conduct...
RD6.2E NJSEMI-RD6.2E Datasheet
346Kb / 5P
   500 mW PLANAR TYPE SILICON ZENER DIODES
logo
NEC
RD6.2EAB NEC-RD6.2EAB Datasheet
81Kb / 8P
   400 mW DHD ZENER DIODE DO-34
RD6.2EAB1 NEC-RD6.2EAB1 Datasheet
81Kb / 8P
   400 mW DHD ZENER DIODE DO-34
RD6.2EAB2 NEC-RD6.2EAB2 Datasheet
81Kb / 8P
   400 mW DHD ZENER DIODE DO-34
More results

Similar Description - RD6.2E

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com