Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM3Z27B Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # MM3Z27B
Description  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

MM3Z27B Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  MM3Z27B Datasheet HTML 1Page - EIC discrete Semiconductors MM3Z27B Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MM3Z2V0B - MM3Z39B
ZENER DIODES
VZ : 2.0 to 39 V
PD : 300 mW
FEATURES :
* Total power dissipation : max. 300 mW
* Small plastic package suitable for
surface mount design
* High reliability
* Pb / RoHS Free
MECHANICAL DATA :
Case:
SOD-323 Plastic Package
Weight:
approx. 0.004g
Maximum Ratings and Thermal Characteristics (Ta = 25 °C)
Symbol
Value
Unit
Power Dissipation
PD
300
mW
Forward Voltage at VF = 10 mA
VF
0.9
V
Thermal Resistance Junction to Ambient Air
RӨJA
0.3
K/mW
Junction Temperature Range
TJ
150
°C
Storage Temperature Range
TSTG
-55 to + 150
°C
Page 1 of 2
Rev. 00 : March 7, 2007
Parameter
2.80
2.30
1.80
1.60
Dimensions in millimeters
SOD-323
Certificate : TH97/10561QM
Certificate : TW00/17276EM


Similar Part No. - MM3Z27B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
MM3Z27B HTSEMI-MM3Z27B Datasheet
675Kb / 4P
   Silicon Planar Zener Diodes
logo
Diotec Semiconductor
MM3Z27B DIOTEC-MM3Z27B Datasheet
103Kb / 2P
   Surface mount Silicon Planar Zener Diodes
logo
EIC discrete Semiconduc...
MM3Z27B EIC-MM3Z27B Datasheet
119Kb / 2P
   ZENER DIODES
logo
Diotec Semiconductor
MM3Z27B DIOTEC-MM3Z27B Datasheet
139Kb / 2P
   SMD Planar Zener Diodes
MM3Z27B DIOTEC-MM3Z27B Datasheet
151Kb / 3P
   SMD Planar Zener Diodes
More results

Similar Description - MM3Z27B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com