Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MZ85C11 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # MZ85C11
Description  SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

MZ85C11 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  MZ85C11 Datasheet HTML 1Page - EIC discrete Semiconductors MZ85C11 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MZ85C3V0~MZ85C200
SILICON ZENER DIODES
VZ : 3.0 - 200 Volts
PD : 1.3 Watts
FEATURES :
* Complete Voltage Range 3.0 to 200 Volts
* High peak reverse power dissipation
* High reliability
* Low leakage current
* Pb / RoHS Free
MECHANICAL DATA :
* Case : M1A Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.20 gram (approximately)
MAXIMUM RATINGS
Rating at 25
°C ambient temperature unless otherwise specified.
Rating
Symbol
Value
Unit
DC Power Dissipation at TL = 50 °C (Note1)
PD
1.3
W
Maximum Forward Voltage at IF = 200 mA
VF
1.2
V
Maximum Thermal Resistance Junction to Ambient Air (Note2)
RӨJA
130
K / W
Junction Temperature Range
TJ
- 65 to + 200
°C
Storage Temperature Range
TSTG
- 65 to + 200
°C
Notes :
(1) TL = Lead temperature at 3/8 " (9.5mm) from body
(2) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case.
0
25
50
75
100
125
150
175
TL, LEAD TEMPERATURE (
°C)
Page 1 of 2
Rev. 00 : July 4, 2007
200
0.3
0.6
0.9
1.2
1.5
L = 3/8" (9.5mm)
Fig. 1 POWER TEMPERATURE DERATING CURVE
Fig. 1 POWER TEMPERATURE DERATING CURVE
M1A
Dimensions in inches and ( millimeters )
1.00 (25.4)
MIN.
0.085(2.16)
0.075(1.91)
0.138(3.51)
0.122(3.10)
1.00 (25.4)
MIN.
0.024(0.60)
0.022(0.55)
Certificate : TH97/10561QM
Certificate : TW00/17276EM


Similar Part No. - MZ85C11

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
MZ85C11 SUNMATE-MZ85C11 Datasheet
278Kb / 2P
   1.3 Watts Axial Leaded Zener Diodes
MZ85C11 SUNMATE-MZ85C11 Datasheet
433Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
MZ85C110 SUNMATE-MZ85C110 Datasheet
278Kb / 2P
   1.3 Watts Axial Leaded Zener Diodes
MZ85C110 SUNMATE-MZ85C110 Datasheet
433Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
More results

Similar Description - MZ85C11

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com