Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MZ4742A Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # MZ4742A
Description  SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

MZ4742A Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  MZ4742A Datasheet HTML 1Page - EIC discrete Semiconductors MZ4742A Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS (Rating at 25 °C ambient temperature unless otherwise specified)
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
Maximum
Voltage
Impedance
Leakage Current
Zener Current
Surge Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
IRM
(2)
(V)
(mA)
(Ω)(Ω)
(mA)
(
µA)
(V)
(mA)
(mApk)
MZ4728A
3.3
76.0
10
400
1.0
100
1.0
276
1380
MZ4729A
3.6
69.0
10
400
1.0
100
1.0
252
1260
MZ4730A
3.9
64.0
9.0
400
1.0
50
1.0
234
1190
MZ4731A
4.3
58.0
9.0
400
1.0
10
1.0
217
1070
MZ4732A
4.7
53.0
8.0
500
1.0
10
1.0
193
970
MZ4733A
5.1
49.0
7.0
550
1.0
10
1.0
178
890
MZ4734A
5.6
45.0
5.0
600
1.0
10
2.0
162
810
MZ4735A
6.2
41.0
2.0
700
1.0
10
3.0
146
730
MZ4736A
6.8
37.0
3.5
700
1.0
10
4.0
133
660
MZ4737A
7.5
34.0
4.0
700
0.5
10
5.0
121
605
MZ4738A
8.2
31.0
4.5
700
0.5
10
6.0
110
550
MZ4739A
9.1
28.0
5.0
700
0.5
10
7.0
100
500
MZ4740A
10
25.0
7.0
700
0.25
10
7.6
91
454
MZ4741A
11
23.0
8.0
700
0.25
5.0
8.4
83
414
MZ4742A
12
21.0
9.0
700
0.25
5.0
9.1
76
380
MZ4743A
13
19.0
10
700
0.25
5.0
9.9
69
344
MZ4744A
15
17.0
14
700
0.25
5.0
11.4
61
305
MZ4745A
16
15.5
16
700
0.25
5.0
12.2
57
285
MZ4746A
18
14.0
20
750
0.25
5.0
13.7
50
250
MZ4747A
20
12.5
22
750
0.25
5.0
15.2
45
225
MZ4748A
22
11.5
23
750
0.25
5.0
16.7
41
205
MZ4749A
24
10.5
25
750
0.25
5.0
18.2
38
190
MZ4750A
27
9.5
35
750
0.25
5.0
20.6
34
170
MZ4751A
30
8.5
40
1000
0.25
5.0
22.8
30
150
MZ4752A
33
7.5
45
1000
0.25
5.0
25.1
27
135
MZ4753A
36
7.0
50
1000
0.25
5.0
27.4
25
125
MZ4754A
39
6.5
60
1000
0.25
5.0
29.7
23
115
MZ4755A
43
6.0
70
1500
0.25
5.0
32.7
22
110
MZ4756A
47
5.5
80
1500
0.25
5.0
35.8
19
95
MZ4757A
51
5.0
95
1500
0.25
5.0
38.8
18
90
MZ4758A
56
4.5
110
2000
0.25
5.0
42.6
16
80
MZ4759A
62
4.0
125
2000
0.25
5.0
47.1
14
70
MZ4760A
68
3.7
150
2000
0.25
5.0
51.7
13
65
MZ4761A
75
3.3
175
2000
0.25
5.0
56.0
12
60
MZ4762A
82
3.0
200
3000
0.25
5.0
62.2
11
55
MZ4763A
91
2.8
250
3000
0.25
5.0
69.2
10
50
MZ4764A
100
2.5
350
3000
0.25
5.0
76.0
9.0
45
MZ1110A
110
2.3
450
4000
0.25
5.0
83.6
8.6
40
MZ1120A
120
2.0
550
4500
0.25
5.0
91.2
7.8
37
MZ1130A
130
1.9
700
5000
0.25
5.0
98.8
7.0
34
MZ1150A
150
1.7
1000
6000
0.25
5.0
114.0
6.4
30
MZ1160A
160
1.6
1100
6500
0.25
5.0
121.6
5.8
28
MZ1180A
180
1.4
1200
7000
0.25
5.0
136.8
5.2
25
MZ1200A
200
1.2
1900
9990
0.25
5.0
152.0
4.7
22
Notes :
(1) The type number listed have a standard tolerance on the nominal zener voltage of
± 5%.
(2) The revese surge current is a non-repetitive, 8.3ms pulse width square wave or equivalent sine-wave superimposed
on IZT per JEDEC Method
Page 2 of 2
Rev. 00 : July 4, 2007
Type
Certificate : TH97/10561QM
Certificate : TW00/17276EM


Similar Part No. - MZ4742A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
MZ4742A SUNMATE-MZ4742A Datasheet
454Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
More results

Similar Description - MZ4742A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com