Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M40Z300WMH1F Datasheet(PDF) 1 Page - STMicroelectronics

Part # M40Z300WMH1F
Description  5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40Z300WMH1F Datasheet(HTML) 1 Page - STMicroelectronics

  M40Z300WMH1F Datasheet HTML 1Page - STMicroelectronics M40Z300WMH1F Datasheet HTML 2Page - STMicroelectronics M40Z300WMH1F Datasheet HTML 3Page - STMicroelectronics M40Z300WMH1F Datasheet HTML 4Page - STMicroelectronics M40Z300WMH1F Datasheet HTML 5Page - STMicroelectronics M40Z300WMH1F Datasheet HTML 6Page - STMicroelectronics M40Z300WMH1F Datasheet HTML 7Page - STMicroelectronics M40Z300WMH1F Datasheet HTML 8Page - STMicroelectronics M40Z300WMH1F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Not recommended for new design
This is information on a product still in production but not recommended for new designs.
October 2010
Doc ID 5679 Rev 5
1/25
1
M40Z300
M40Z300W
5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
Features
Converts low power SRAM into NVRAMs
Precision power monitoring and power
switching circuitry
Automatic WRITE-protection when VCC is out-
of-tolerance
Two-input decoder allows control for up to
8 SRAMs (with 2 devices active in parallel)
Choice of supply voltages and power-fail
deselect voltages:
–M40Z300:
VCC = 4.5 V to 5.5 V
THS = VSS: 4.5 V ≤ VPFD ≤ 4.75 V
THS = VOUT: 4.2 V ≤ VPFD ≤ 4.5 V
–M40Z300W:
VCC = 3.0 V to 3.6 V
THS = VSS: 2.8 V ≤ VPFD ≤ 3.0 V
VCC = 2.7 V to 3.3 V
THS = VOUT: 2.5 V ≤ VPFD ≤ 2.7 V
Reset output (RST) for power on reset
Battery low pin (BL)
Less than 12 ns chip enable access
propagation delay (for 5.0 V device)
Packaging includes a 28-lead SOIC and
SNAPHAT® top (to be ordered separately), or
A 16-lead SOIC
SOIC package provides direct connection for a
SNAPHAT top which contains the battery
RoHS compliant
– Lead-free second level interconnect
16
1
28
1
SO16 (MQ)
SNAPHAT (SH)
crystal/battery
SOH28 (MH)
www.st.com


Similar Part No. - M40Z300WMH1F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M40Z300WMH1F STMICROELECTRONICS-M40Z300WMH1F Datasheet
221Kb / 25P
   5V or 3V NVRAM supervisor for up to 8 LPSRAMs
More results

Similar Description - M40Z300WMH1F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M40Z300 STMICROELECTRONICS-M40Z300_05 Datasheet
348Kb / 21P
   5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs
M40Z300 STMICROELECTRONICS-M40Z300_07 Datasheet
221Kb / 25P
   5V or 3V NVRAM supervisor for up to 8 LPSRAMs
M40Z300AV STMICROELECTRONICS-M40Z300AV Datasheet
272Kb / 20P
   3V NVRAM Supervisor for Up to 8 LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111_07 Datasheet
180Kb / 21P
   5V or 3V NVRAM supervisor for up to two LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111 Datasheet
107Kb / 15P
   5V OR 3V NVRAM SUPERVISOR FOR UP TO TWO LPSRAMs
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_10 Datasheet
442Kb / 24P
   5 V or 3 V NVRAM supervisor for LPSRAM
M40SZ100Y STMICROELECTRONICS-M40SZ100Y Datasheet
285Kb / 19P
   5V or 3V NVRAM SUPERVISOR FOR LPSRAM
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_07 Datasheet
230Kb / 25P
   5V or 3V NVRAM supervisor for LPSRAM
STM705 STMICROELECTRONICS-STM705_10 Datasheet
838Kb / 32P
   5 V supervisor
logo
Alliance Semiconductor ...
ASM706 ALSC-ASM706 Datasheet
274Kb / 16P
   3/3.3/4.0 V uP Supervisor Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com