Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR21V1412IL32 Datasheet(PDF) 3 Page - Exar Corporation

Part # XR21V1412IL32
Description  2-CH FULL-SPEED USB UART
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR21V1412IL32 Datasheet(HTML) 3 Page - Exar Corporation

  XR21V1412IL32 Datasheet HTML 1Page - Exar Corporation XR21V1412IL32 Datasheet HTML 2Page - Exar Corporation XR21V1412IL32 Datasheet HTML 3Page - Exar Corporation XR21V1412IL32 Datasheet HTML 4Page - Exar Corporation XR21V1412IL32 Datasheet HTML 5Page - Exar Corporation XR21V1412IL32 Datasheet HTML 6Page - Exar Corporation XR21V1412IL32 Datasheet HTML 7Page - Exar Corporation XR21V1412IL32 Datasheet HTML 8Page - Exar Corporation XR21V1412IL32 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
XR21V1412
3
REV. 1.1.0
2-CH FULL-SPEED USB UART
FIGURE 2. PIN OUT ASSIGNMENT
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING TEMPERATURE RANGE
DEVICE STATUS
XR21V1412IL32
32-pin QFN
-40°C to +85°C
Active
1 2 3 4 5 6 7 8
24 23 22 21 20 19
GND
VCC
VCC
USBD+
USBD-
GND
18 17
SDA
32-pin QFN
SCL
32
31
30
29
28
27
26
25
11
12
13
14
15
16
9
10 GPIOA2/DSRA#
GPIOA1/CDA#
GPIOA0/RIA#
VCC
GND
GPIOA3/DTRA#
RXB
TXB


Similar Part No. - XR21V1412IL32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR21V1412IL32 EXAR-XR21V1412IL32 Datasheet
643Kb / 24P
   2-CH FULL-SPEED USB UART
More results

Similar Description - XR21V1412IL32

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR21V1412 EXAR-XR21V1412 Datasheet
643Kb / 24P
   2-CH FULL-SPEED USB UART
XR21V1412IL-0A EXAR-XR21V1412IL-0A Datasheet
397Kb / 32P
   2-CH FULL-SPEED USB UART
XR21B1422 EXAR-XR21B1422 Datasheet
517Kb / 60P
   Enhanced 2-Ch Full-Speed USB UART
XR21B1422IL40-0A EXAR-XR21B1422IL40-0A Datasheet
517Kb / 60P
   Enhanced 2-Ch Full-Speed USB UART
XR21V1410IL16-F EXAR-XR21V1410IL16-F Datasheet
278Kb / 28P
   1-CH FULL-SPEED USB UART
XR21V1414 EXAR-XR21V1414 Datasheet
685Kb / 26P
   4-CH FULL-SPEED USB UART
XR21V1414 EXAR-XR21V1414_10 Datasheet
306Kb / 32P
   4-CH FULL-SPEED USB UART
XR21V1410IL-0C-EB EXAR-XR21V1410IL-0C-EB Datasheet
381Kb / 30P
   1-CH FULL-SPEED USB UART
XR21V1410 EXAR-XR21V1410 Datasheet
623Kb / 23P
   1-CH FULL-SPEED USB UART
XR21V1410 EXAR-XR21V1410_10 Datasheet
267Kb / 27P
   1-CH FULL-SPEED USB UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com