Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

779465-01 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # 779465-01
Description  PXI RF Signal Conditioning
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

779465-01 Datasheet(HTML) 2 Page - National Instruments Corporation

  779465-01 Datasheet HTML 1Page - National Instruments Corporation 779465-01 Datasheet HTML 2Page - National Instruments Corporation 779465-01 Datasheet HTML 3Page - National Instruments Corporation 779465-01 Datasheet HTML 4Page - National Instruments Corporation 779465-01 Datasheet HTML 5Page - National Instruments Corporation 779465-01 Datasheet HTML 6Page - National Instruments Corporation 779465-01 Datasheet HTML 7Page - National Instruments Corporation 779465-01 Datasheet HTML 8Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BUY ONLINE at ni.com or C
ALL 800 813 3693 (U.S.)
2
PXI RF Signal Conditioning
Figure 1. PXI-5690 Block Diagram
Channel 0 functions as a fixed gain preamplifier with a typical gain of 30 dB
across all frequencies. This channel offers a low noise figure and a flat
frequency response.
Channel 1 functions as a programmable preamplifier containing two user-
selectable paths. The main path consists of a step attenuator followed by a fixed
gain amplifier. The step attenuator is software programmable in 1 dB steps. In
software, you can configure channel 1 to provide up to 10 dB of attenuation or up
to 22 dB of gain – depending on frequency range. The direct path gives you the
option of bypassing the attenuator-amplifier circuitry.
PXI-5691 RF Programmable Amplifier
The PXI-5691 is a 50 MHz to 8 GHz, two-channel programmable amplifier with
one fixed gain path and one programmable gain path. The combined paths can
provide up to 55 dB of total signal gain at 2.5 GHz when the two channels
are cascaded.
Figure 2. PXI-5691 Block Diagram
Channel 0 functions as a fixed gain preamplifier with a typical gain of more
than 26 dB across all frequencies. This channel offers a low noise figure and a
flat frequency response.
Channel 1 functions as a programmable preamplifier containing two user-
selectable paths. The main path consists of fixed gain amplification preceded
by a step attenuator that is adjustable by software in 0.5 dB nominal steps. The
direct path gives you the option of bypassing the attenuator-amplifier circuitry.
PXI-5695 RF Programmable Attenuator
The PXI-5695 is a 50 MHz to 8 GHz, two-channel RF programmable attenuator
with one fixed attenuation path and one programmable attenuation path.
The combined paths can provide up to 70 dB of total attenuation at 2.5 GHz
when cascaded.
Figure 3. PXI-5695 Block Diagram
Channel 0 functions as a fixed attenuator with more than 27.5 dB of
attenuation across all frequencies.
Channel 1 functions as a programmable attenuator with up to 42 dB
of attenuation across all frequencies. You can control this attenuator
programmatically in software with 0.5 dB resolution.
Software
You can programmatically control PXI-569x modules using NI-5690 programming
software. This driver provides C-style and NI LabVIEW APIs to help you control
both gain and attenuation. A block diagram of a basic LabVIEW example to
control the PXI-5691 amplifier is shown in Figure 4.
Figure 4. You can control PXI RF signal conditioning modules with NI LabVIEW software.
Ordering Information
NI PXI-5690 ....................................................................................779465-01
NI PXI-5691 ....................................................................................781035-01
NI PXI-5695 ....................................................................................781036-01
BUY NOW
For complete product specifications, pricing, and accessory information,
call 800 813 3693 (U.S.) or go to ni.com/rf.
Main Path
CH 1 OUT
Direct Path
CH 1 IN
CH 0 OUT
CH 0 IN
Step
Attenuator
Main Path
CH 1 OUT
Direct Path
CH 1 IN
CH 0 OUT
CH 0 IN
Step
Attenuator
Main Path
CH 1 OUT
Direct Path
CH 1 IN
CH 0 OUT
CH 0 IN
Fixed
Attenuator
Step
Attenuator


Similar Part No. - 779465-01

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
779463-01 NI-779463-01 Datasheet
1Mb / 5P
   Ethernet/Serial Interfaces for Compact FieldPoint
More results

Similar Description - 779465-01

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-1050 NI-PXI-1050 Datasheet
334Kb / 5P
   PXI Chassis with Integrated Signal Conditioning
logo
Analog Devices
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
   Signal Conditioning ADC
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
   Signal Conditioning ADC
logo
MORNSUN Science& Techno...
T797HL MORNSUN-T797HL_15 Datasheet
1Mb / 6P
   Signal conditioning module
logo
Analog Devices
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
logo
Honeywell Solid State E...
DC005NDC4 HONEYWELL-DC005NDC4 Datasheet
129Kb / 4P
   Signal Conditioning: Amplified
logo
Analog Devices
AD7710AR-REEL7 AD-AD7710AR-REEL7 Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
AD7714 AD-AD7714_15 Datasheet
298Kb / 40P
   Signal Conditioning ADC
REV. C
AD7710 AD-AD7710_15 Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
logo
MORNSUN Science& Techno...
TF5134N MORNSUN-TF5134N_15 Datasheet
306Kb / 5P
   Signal conditioning modules
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com