Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC24FJ192GB Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC24FJ192GB
Description  64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ192GB Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC24FJ192GB Datasheet HTML 7Page - Microchip Technology PIC24FJ192GB Datasheet HTML 8Page - Microchip Technology PIC24FJ192GB Datasheet HTML 9Page - Microchip Technology PIC24FJ192GB Datasheet HTML 10Page - Microchip Technology PIC24FJ192GB Datasheet HTML 11Page - Microchip Technology PIC24FJ192GB Datasheet HTML 12Page - Microchip Technology PIC24FJ192GB Datasheet HTML 13Page - Microchip Technology PIC24FJ192GB Datasheet HTML 14Page - Microchip Technology PIC24FJ192GB Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 328 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS39897B-page 9
PIC24FJ256GB110 FAMILY
1.0
DEVICE OVERVIEW
This document contains device-specific information for
the following devices:
This expands on the existing line of Microchip‘s 16-bit
microcontrollers, combining an expanded peripheral
feature set and enhanced computational performance
with a new connectivity option: USB On-The-Go. The
PIC24FJ256GB110 family provides a new platform for
high-performance USB applications which may need
more than an 8-bit platform, but don’t require the power
of a digital signal processor.
1.1
Core Features
1.1.1
16-BIT ARCHITECTURE
Central to all PIC24F devices is the 16-bit modified
Harvard architecture, first introduced with Microchip’s
dsPIC® digital signal controllers. The PIC24F CPU core
offers a wide range of enhancements, such as:
• 16-bit data and 24-bit address paths with the
ability to move information between data and
memory spaces
• Linear addressing of up to 12 Mbytes (program
space) and 64 Kbytes (data)
• A 16-element working register array with built-in
software stack support
• A 17 x 17 hardware multiplier with support for
integer math
• Hardware support for 32 by 16-bit division
• An instruction set that supports multiple
addressing modes and is optimized for high-level
languages such as ‘C’
• Operational performance up to 16 MIPS
1.1.2
POWER-SAVING TECHNOLOGY
All of the devices in the PIC24FJ256GB110 family
incorporate a range of features that can significantly
reduce power consumption during operation. Key
items include:
• On-the-Fly Clock Switching: The device clock
can be changed under software control to the
Timer1 source or the internal, low-power RC
oscillator during operation, allowing the user to
incorporate power-saving ideas into their software
designs.
• Doze Mode Operation: When timing-sensitive
applications, such as serial communications,
require the uninterrupted operation of peripherals,
the CPU clock speed can be selectively reduced,
allowing incremental power savings without
missing a beat.
• Instruction-Based Power-Saving Modes: The
microcontroller can suspend all operations, or
selectively shut down its core while leaving its
peripherals active, with a single instruction in
software.
1.1.3
OSCILLATOR OPTIONS AND
FEATURES
All of the devices in the PIC24FJ256GB110 family offer
five different oscillator options, allowing users a range
of choices in developing application hardware. These
include:
• Two Crystal modes using crystals or ceramic
resonators.
• Two External Clock modes offering the option of a
divide-by-2 clock output.
• A Fast Internal Oscillator (FRC) with a nominal
8 MHz output, which can also be divided under
software control to provide clock speeds as low as
31 kHz.
• A Phase Lock Loop (PLL) frequency multiplier,
available to the external oscillator modes and the
FRC oscillator, which allows clock speeds of up to
32 MHz.
• A separate internal RC oscillator (LPRC) with a
fixed 31 kHz output, which provides a low-power
option for timing-insensitive applications.
The internal oscillator block also provides a stable
reference source for the Fail-Safe Clock Monitor. This
option constantly monitors the main clock source
against a reference signal provided by the internal
oscillator and enables the controller to switch to the
internal oscillator, allowing for continued low-speed
operation or a safe application shutdown.
1.1.4
EASY MIGRATION
Regardless of the memory size, all devices share the
same rich set of peripherals, allowing for a smooth
migration path as applications grow and evolve. The
consistent pinout scheme used throughout the entire
family also aids in migrating from one device to the next
larger, or even in jumping from 64-pin to 100-pin
devices.
The PIC24F family is pin-compatible with devices in the
dsPIC33 family, and shares some compatibility with the
pinout schema for PIC18 and dsPIC30. This extends
the ability of applications to grow from the relatively
simple, to the powerful and complex, yet still selecting
a Microchip device.
• PIC24FJ64GB106
• PIC24FJ192GB108
• PIC24FJ128GB106
• PIC24FJ256GB108
• PIC24FJ192GB106
• PIC24FJ64GB110
• PIC24FJ256GB106
• PIC24FJ128GB110
• PIC24FJ64GB108
• PIC24FJ192GB110
• PIC24FJ128GB108
• PIC24FJ256GB110


Similar Part No. - PIC24FJ192GB

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ192GB106 MICROCHIP-PIC24FJ192GB106 Datasheet
2Mb / 352P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
2009
PIC24FJ192GB106 MICROCHIP-PIC24FJ192GB106 Datasheet
3Mb / 328P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
01/02/08
PIC24FJ192GB106 MICROCHIP-PIC24FJ192GB106 Datasheet
3Mb / 328P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
01/02/08
PIC24FJ192GB108 MICROCHIP-PIC24FJ192GB108 Datasheet
2Mb / 352P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
2009
PIC24FJ192GB108 MICROCHIP-PIC24FJ192GB108 Datasheet
3Mb / 328P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
01/02/08
More results

Similar Description - PIC24FJ192GB

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ256GB106-IMR MICROCHIP-PIC24FJ256GB106-IMR Datasheet
2Mb / 352P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
03/26/09
PIC24FJ256GB106 MICROCHIP-PIC24FJ256GB106 Datasheet
2Mb / 352P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
2009
PIC24FJ256GB110-I MICROCHIP-PIC24FJ256GB110-I Datasheet
3Mb / 328P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
01/02/08
PIC24FJ256GB108-I MICROCHIP-PIC24FJ256GB108-I Datasheet
2Mb / 352P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
03/26/09
PIC24FJ256GB106-I MICROCHIP-PIC24FJ256GB106-I Datasheet
3Mb / 328P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
01/02/08
PIC24FJ256GB210 MICROCHIP-PIC24FJ256GB210 Datasheet
3Mb / 386P
   64/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
2010
PIC24FJ256DA210 MICROCHIP-PIC24FJ256DA210 Datasheet
3Mb / 408P
   64/100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
2010
PIC24FJ128DA106-I MICROCHIP-PIC24FJ128DA106-I Datasheet
156Kb / 3P
   PIC24FJ256DA210 FAMILY, 64-100-Pin, 16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
PIC24FJ256DA210-I-PT MICROCHIP-PIC24FJ256DA210-I-PT Datasheet
3Mb / 408P
   16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
01/05/10
PIC24FJ64GB004 MICROCHIP-PIC24FJ64GB004 Datasheet
2Mb / 352P
   28/44-Pin, 16-Bit, Flash Microcontrollers with USB On-The-Go (OTG) and nanoWatt XLP Technology
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com