Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC24FJ16GA Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC24FJ16GA
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
Download  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ16GA Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC24FJ16GA Datasheet HTML 7Page - Microchip Technology PIC24FJ16GA Datasheet HTML 8Page - Microchip Technology PIC24FJ16GA Datasheet HTML 9Page - Microchip Technology PIC24FJ16GA Datasheet HTML 10Page - Microchip Technology PIC24FJ16GA Datasheet HTML 11Page - Microchip Technology PIC24FJ16GA Datasheet HTML 12Page - Microchip Technology PIC24FJ16GA Datasheet HTML 13Page - Microchip Technology PIC24FJ16GA Datasheet HTML 14Page - Microchip Technology PIC24FJ16GA Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 262 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS39881C-page 9
PIC24FJ64GA004 FAMILY
TABLE 1-1:
DEVICE FEATURES FOR THE PIC24FJ64GA004 FAMILY
Features
Operating Frequency
DC – 32 MHz
Program Memory (bytes)
16K
32K
48K
64K
16K
32K
48K
64K
Program Memory (instructions)
5,504
11,008
16,512
22,016
5,504
11,008
16,512
22,016
Data Memory (bytes)
4096
8192
4096
8192
Interrupt Sources
(soft vectors/NMI traps)
43
(39/4)
I/O Ports
Ports A, B
Ports A, B, C
Total I/O Pins
21
35
Timers:
Total Number (16-bit)
5(1)
32-Bit (from paired 16-bit timers)
2
Input Capture Channels
5(1)
Output Compare/PWM Channels
5(1)
Input Change Notification Interrupt
21
30
Serial Communications:
UART
2(1)
SPI (3-wire/4-wire)
2(1)
I2C™
2
Parallel Communications (PMP/PSP)
Yes
JTAG Boundary Scan
Yes
10-Bit Analog-to-Digital Module
(input channels)
10
13
Analog Comparators
2
Remappable Pins
16
26
Resets (and delays)
POR, BOR, RESET Instruction, MCLR, WDT, Illegal Opcode,
REPEAT Instruction, Hardware Traps, Configuration Word Mismatch
(PWRT, OST, PLL Lock)
Instruction Set
76 Base Instructions, Multiple Addressing Mode Variations
Packages
28-Pin SPDIP/SSOP/SOIC/QFN
44-Pin QFN/TQFP
Note 1:
Peripherals are accessible through remappable pins.


Similar Part No. - PIC24FJ16GA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ16GA MICROCHIP-PIC24FJ16GA Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ16GA002 MICROCHIP-PIC24FJ16GA002 Datasheet
863Kb / 20P
   Adding Intelligence to Lighting Applications
Summer 2010
PIC24FJ16GA002 MICROCHIP-PIC24FJ16GA002 Datasheet
2Mb / 278P
   28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
11/29/11 2010-2013
PIC24FJ16GA002 MICROCHIP-PIC24FJ16GA002 Datasheet
216Kb / 24P
   PIC24FJ64GA004 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC24FJ16GA002 MICROCHIP-PIC24FJ16GA002 Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
More results

Similar Description - PIC24FJ16GA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ64GA004 MICROCHIP-PIC24FJ64GA004 Datasheet
4Mb / 256P
   28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
2007
PIC24FJ32GA002-I MICROCHIP-PIC24FJ32GA002-I Datasheet
1Mb / 268P
   28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
01/05/10
PIC24FJ64GA004 MICROCHIP-PIC24FJ64GA004_13 Datasheet
2Mb / 278P
   28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
11/29/11 2010-2013
PIC24FJ64GA104 MICROCHIP-PIC24FJ64GA104 Datasheet
2Mb / 308P
   28/44-Pin, 16-Bit General Purpose Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC24FV32KA304 MICROCHIP-PIC24FV32KA304_13 Datasheet
4Mb / 364P
   20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
11/29/12 2011-2013
PIC24FV32KA304-I MICROCHIP-PIC24FV32KA304-I Datasheet
2Mb / 320P
   20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
02/18/11
PIC24FV32KA304 MICROCHIP-PIC24FV32KA304 Datasheet
2Mb / 322P
   20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
2011
PIC24FV32KA304 MICROCHIP-PIC24FV32KA304_1 Datasheet
2Mb / 320P
   20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
2011
PIC18LF4610T-I MICROCHIP-PIC18LF4610T-I Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers
03/26/09
PIC16F747-I MICROCHIP-PIC16F747-I Datasheet
5Mb / 276P
   28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers
10/20/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com