Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBL1040CT Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # SBL1040CT
Description  DUAL SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SBL1040CT Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  SBL1040CT Datasheet HTML 1Page - EIC discrete Semiconductors SBL1040CT Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT PER LEG
0
25
50
75
100
125
150
1
10
100
CASE TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL INSTANTANEOUS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
FORWARD CHARACTERISTICS PER LEG
PER LEG
Page 1 of 2
Rev. 01 : March 7, 2006
RATING AND CHARACTERISTIC CURVES ( SBL1030CT ~ SBL1040CT )
8
6
4
2
10
160
0
200
0
120
80
40
10
1.0
80
0.01
0.1
100
020
4060
PERCENT OF RATED PEAK
REVERSE VOLTAGE, (%)
10
1.0
100
TJ =TJmax
8.3 ms single half sine-wave
(JEDEC Method)
0.01
INSTANTANEOUS FORWARD
VOLTAGE, (V)
0
0.4
0.6
0.8
0.2
0.001
TJ = 75 °C
Resistive or Inductive Load
TJ = 25 °C
1.2
1.0
TJ = 25 °C
TJ = 125 °C
Pulse Width = 300 μs
1% Duty Cycle
TJ = 125 °C
0.1
1.4
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - SBL1040CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL1040CT DIODES-SBL1040CT Datasheet
66Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
DS23048 Rev. C-2
logo
Vishay Siliconix
SBL1040CT VISHAY-SBL1040CT Datasheet
154Kb / 5P
   Dual Common Cathode Schottky Rectifier
01-Jan-2022
logo
General Semiconductor
SBL1040CT GE-SBL1040CT Datasheet
80Kb / 2P
   SCHOTTKY RECTIFIER
logo
GOOD-ARK Electronics
SBL1040CT GOOD-ARK-SBL1040CT Datasheet
236Kb / 3P
   Schottky Barrier Rectifiers
logo
Diodes Incorporated
SBL1040CT DIODES-SBL1040CT Datasheet
74Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
DS23048 Rev. 4 - 2
More results

Similar Description - SBL1040CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBRF1635CT ETC-MBRF1635CT Datasheet
58Kb / 2P
   Dual Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBR40H35CT VISHAY-MBR40H35CT Datasheet
50Kb / 3P
   Dual Schottky Barrier Rectifiers
14-Jul-04
logo
EIC discrete Semiconduc...
SBL2030PT EIC-SBL2030PT Datasheet
98Kb / 2P
   DUAL SCHOTTKY BARRIER RECTIFIERS
FST31180 EIC-FST31180 Datasheet
96Kb / 2P
   Dual Schottky Barrier Rectifiers
logo
Silicon Standard Corp.
MBR3035CT SSC-MBR3035CT Datasheet
285Kb / 5P
   Dual Schottky Barrier Rectifiers
logo
GOOD-ARK Electronics
MBR20XXCT GOOD-ARK-MBR20XXCT Datasheet
257Kb / 3P
   Dual Schottky Barrier Rectifiers
logo
EIC discrete Semiconduc...
FST10180 EIC-FST10180 Datasheet
96Kb / 2P
   Dual Schottky Barrier Rectifiers
FST20180 EIC-FST20180 Datasheet
96Kb / 2P
   Dual Schottky Barrier Rectifiers
FST31120 EIC-FST31120 Datasheet
96Kb / 2P
   Dual Schottky Barrier Rectifiers
logo
New Jersey Semi-Conduct...
MAC321 NJSEMI-MAC321 Datasheet
117Kb / 3P
   Dual Schottky Barrier Rectifiers
logo
GOOD-ARK Electronics
MBR25XXCT GOOD-ARK-MBR25XXCT Datasheet
259Kb / 3P
   Dual Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com