Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

321792-001 Datasheet(PDF) 4 Page - Intel Corporation

Part # 321792-001
Description  GbE Physical Layer Transceiver (PHY)
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

321792-001 Datasheet(HTML) 4 Page - Intel Corporation

  321792-001 Datasheet HTML 1Page - Intel Corporation 321792-001 Datasheet HTML 2Page - Intel Corporation 321792-001 Datasheet HTML 3Page - Intel Corporation 321792-001 Datasheet HTML 4Page - Intel Corporation 321792-001 Datasheet HTML 5Page - Intel Corporation 321792-001 Datasheet HTML 6Page - Intel Corporation 321792-001 Datasheet HTML 7Page - Intel Corporation 321792-001 Datasheet HTML 8Page - Intel Corporation 321792-001 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
82567—Datasheet
iv
Revision History
Note:
The revision numbering system changed with the first November 2007 release. At that time, the collateral for this device
began synchronizing with platform collateral revision numbering. There were no releases between versions 0.76 and 1.5.
Date
Revision Description
Oct 2006
0.1
Initial release (Intel secret)
January 2007
0.25
Corrected pin numbers and made minor text corrections (Intel Confidential)
February 2007
0.26
Corrected GLAN TX pin numbers; added RSET & DIS_REG1_0 to the signal descriptions; corrected
LAN_DISABLE# (active high) to LAN_DISABLE_N (active low); in the Visual Pin Assignment
Diagram, pin 37, “LAN Enable” was corrected to “LAN_Disable_N”; removed VHV references.
April 2007
0.50
Minor text updates.
May 2007
0.51
Updated power consumption target values.
August 2007
0.75
Added Low-Power feature information, Recommended Operating Conditions, DC and AC
Characteristics, Preliminary LED/TEST/JTAG I/F DC Specifications, Crystal Specification, Voltage
RegulatorPower Supply Specification, PnP Transistor Specification, and Power Sequencing
information.
September
2007
0.76
Changed IEEE 802.3ab designation to conformance
November 2007
1.5
Updated features list; updated Reference Documents; added SKU information; Updated power rail
information (1.8 V-1.9 V, 1.05 V); clarified oscillator placement information; updated power target
information; corrected Slope and Operation Range characteristics for 1.8-1.9 V rail; added pointer
to reference schematics for regulator information.
November 2007
1.51
Deleted “programmable” from 1.8 V-1.9 V power rail listing in the Features list.
December 2007
1.6
Corrected 1.05 V power rail tolerance to +7% / -5% (1.0 V min, 1.12 V max)
February 2008
1.7
Added XOR test file information; updated SKU and Features table; added information regarding
using LAN_PHY_PWR_CTRL ; updated Recommended Operating Conditions; updated DC and AC
characteristics; updated crystal/oscillator specifications; updated the measured power
consumption values; updated reference schematic link information; updated the 1.8 V-1.9 V rail
operational range value; updated the 1.05 V rail operational range value; corrected Ptot Min value
in PNP specification;
March 2008
2.0
Updated Reference Documents list; updated Testability Pins table; updated SKU table; updated
Power Consumption tables 7-10; updated power delivery drawing; added Ambient Operating
Temperature table.
March 2008
2.1
Updated SKU table; Combined Tables 5 and 6 to create new Table 5.
April 2008
2.2
Updated Table 2.4 (added pull-up type designation to LAN_DISABLE_N); updated Table 12 (added
LAN_DISABLE_N information)
July 2008
2.3
Updated WoL information; added System Idle Power Saver information; updated crystal
tolerances; updated LED pin table; updated pinout illustration; updated package tolerance values.
April 2009
2.4
Updated SKU table; added SPI FLASH Programming Guide and 82567 Specification Update to
Reference Documents; added note regarding ACBS operation; added WoL power information;
added Solution Power information to Power Consumption table; clarified crystal Drive Level
specification.


Similar Part No. - 321792-001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3217 ETC2-3217 Datasheet
246Kb / 2P
   Heyco-Tite Brass Liquid Tight Cordgrips PG Hubs
3217 ETC2-3217 Datasheet
68Kb / 1P
   WASHERS
logo
Heyco.
3217 HEYCO-3217 Datasheet
220Kb / 1P
   Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Mitsubishi Electric Sem...
32170 MITSUBISHI-32170 Datasheet
571Kb / 49P
   SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
32170 RENESAS-32170 Datasheet
4Mb / 881P
   32-bit RISC Single-chip Microcomputers
More results

Similar Description - 321792-001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82567GBE INTEL-82567GBE Datasheet
614Kb / 33P
   82567 GbE Physical Layer Transceiver (PHY)
logo
Texas Instruments
DP83TC811S-Q1 TI1-DP83TC811S-Q1 Datasheet
2Mb / 143P
[Old version datasheet]   Low Power Automotive PHY 100BASE-T1 Ethernet Physical Layer Transceiver
DP83TC811R-Q1 TI1-DP83TC811R-Q1 Datasheet
77Kb / 6P
[Old version datasheet]   Low Power Auto PHY 100BASE-T1 Automotive Ethernet Physical Layer Transceiver
logo
SMSC Corporation
LAN83C185 SMSC-LAN83C185_08 Datasheet
851Kb / 60P
   High Performance Single Chip Low Power 10/100 Ethernet Physical Layer Transceiver (PHY)
logo
Microchip Technology
KSZ8091MNX MICROCHIP-KSZ8091MNX Datasheet
681Kb / 80P
   10BASE-T/100BASE-TX Physical Layer Transceiver
06/23/16
logo
Micrel Semiconductor
KSZ8041NLITR MICREL-KSZ8041NLITR Datasheet
678Kb / 54P
   10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MNL MICREL-KSZ8051MNL Datasheet
560Kb / 59P
   10Base-T/100Base-TX Physical Layer Transceiver
logo
Microchip Technology
KSZ8081MLX MICROCHIP-KSZ8081MLX Datasheet
507Kb / 56P
   10BASE-T/100BASE-TX Physical Layer Transceiver
06/23/16
logo
Micrel Semiconductor
KSZ8041NL MICREL-KSZ8041NL Datasheet
609Kb / 45P
   10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MLL MICREL-KSZ8051MLL Datasheet
691Kb / 51P
   10Base-T/100Base-TX Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com