Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMZ35B8 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # SMZ35B8
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SMZ35B8 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  SMZ35B8 Datasheet HTML 1Page - EIC discrete Semiconductors SMZ35B8 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS(Rating at 25 °C ambient temperature unless otherwise specified)
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(V)
(mA)
(Ω)(Ω)
(mA)
(
µA)
(V)
(mA)
SMZ353D
A9
3.3
113.6
10
500
1.0
100
1.0
454
SMZ353G
B9
3.6
104.2
9.0
500
1.0
75
1.0
416
SMZ353J
C9
3.9
96.1
7.5
500
1.0
25
1.0
384
SMZ354D
D9
4.3
87.2
6.0
500
1.0
5.0
1.0
348
SMZ354H
E9
4.7
79.8
5.0
500
1.0
5.0
1.5
319
SMZ355B
F9
5.1
73.5
4.0
350
1.0
5.0
2.0
294
SMZ355G
H9
5.6
66.9
2.0
250
1.0
40
3.0
267
SMZ356C
J9
6.2
60.5
2.0
200
1.0
40
4.0
241
SMZ356I
K9
6.8
55.1
2.5
200
1.0
50
5.2
220
SMZ357F
M9
7.5
50.0
3.0
400
0.5
50
6.0
200
SMZ358C
N9
8.2
45.7
3.5
400
0.5
50
6.5
182
SMZ359B
P9
9.1
41.2
4.0
500
0.5
50
7.0
164
SMZ3510
R9
10
37.5
4.5
500
0.25
50
8.0
150
SMZ3511
X9
11
34.1
5.5
550
0.25
50
8.4
136
SMZ3512
Y9
12
31.2
6.5
550
0.25
1.0
9.1
125
SMZ3513
Z9
13
28.8
7.0
550
0.25
1.0
9.9
115
SMZ3515
A0
15
25.0
9.0
600
0.25
1.0
11.4
100
SMZ3516
B0
16
23.4
10
600
0.25
1.0
12.2
93
SMZ3518
C0
18
20.8
12
650
0.25
1.0
13.7
83
SMZ3520
D0
20
18.7
14
650
0.25
1.0
15.2
75
SMZ3522
E0
22
17.0
17.5
650
0.25
1.0
16.7
68
SMZ3524
F0
24
15.6
19
700
0.25
1.0
18.2
62
SMZ3527
H0
27
13.9
23
700
0.25
1.0
20.6
55
SMZ3530
J0
30
12.5
26
750
0.25
1.0
22.8
50
SMZ3533
K0
33
11.4
33
800
0.25
1.0
25.1
45
SMZ3536
M0
36
10.4
38
850
0.25
1.0
27.4
41
SMZ3539
N0
39
9.6
45
900
0.25
1.0
29.7
38
SMZ3543
P0
43
8.7
53
950
0.25
1.0
32.7
34
SMZ3547
R0
47
8.0
67
1000
0.25
1.0
35.8
31
SMZ3551
X0
51
7.3
70
1100
0.25
1.0
38.8
29
SMZ3556
Y0
56
6.7
86
1300
0.25
1.0
42.6
26
SMZ3562
Z0
62
6.0
100
1500
0.25
1.0
47.1
24
SMZ3568
A1
68
5.5
120
1700
0.25
1.0
51.7
22
SMZ3575
B1
75
5.0
140
2000
0.25
1.0
56.0
20
SMZ3582
C1
82
4.6
160
2500
0.25
1.0
62.2
18
SMZ3591
D1
91
4.1
200
3000
0.25
1.0
69.2
16
SMZ35B0
E1
100
3.7
250
3100
0.25
1.0
76.0
15
SMZ35B1
F1
110
3.4
300
4000
0.25
1.0
83.6
13
SMZ35B2
H1
120
3.1
380
4500
0.25
1.0
91.2
12
SMZ35B3
J1
130
2.9
450
5000
0.25
1.0
98.8
11
SMZ35B5
K1
150
2.5
600
6000
0.25
1.0
114.0
10
SMZ35B6
M1
160
2.3
700
6500
0.25
1.0
121.6
9.0
SMZ35B8
N1
180
2.1
900
7000
0.25
1.0
136.8
8.0
SMZ35D0
P1
200
1.9
1900
9990
0.25
1.0
152.0
7.0
Note :
(1) The type number listed have a standard tolerance on the nominal zener voltage of ± 5.0%.
Page 2 of 2
Rev. 01 : January 12, 2009
Type No.
Marking
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM


Similar Part No. - SMZ35B8

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMZ3.3 MICROSEMI-SMZ3.3 Datasheet
82Kb / 2P
   ZENERarray Series
logo
Diotec Semiconductor
SMZ3.9 DIOTEC-SMZ3.9 Datasheet
55Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
logo
Shenzhen Luguang Electr...
SMZ3.9 LUGUANG-SMZ3.9 Datasheet
143Kb / 2P
   Surface mount Silicon-Zener Diodes
logo
Diotec Semiconductor
SMZ30 DIOTEC-SMZ30 Datasheet
55Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
SMZ30 DIOTEC-SMZ30 Datasheet
106Kb / 2P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
More results

Similar Description - SMZ35B8

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com