Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL61853KIRZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL61853KIRZ
Description  Dual USB Port Power Supply Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL61853KIRZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL61853KIRZ Datasheet HTML 1Page - Intersil Corporation ISL61853KIRZ Datasheet HTML 2Page - Intersil Corporation ISL61853KIRZ Datasheet HTML 3Page - Intersil Corporation ISL61853KIRZ Datasheet HTML 4Page - Intersil Corporation ISL61853KIRZ Datasheet HTML 5Page - Intersil Corporation ISL61853KIRZ Datasheet HTML 6Page - Intersil Corporation ISL61853KIRZ Datasheet HTML 7Page - Intersil Corporation ISL61853KIRZ Datasheet HTML 8Page - Intersil Corporation ISL61853KIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ISL6185
3
FN6937.0
October 22, 2010
ISL61852GCRZ
52GC
EN
1.1
LATCH
0 to +70
8 Lead DFN
L8.3x3J
ISL61852HCRZ
52HC
EN
1.1
RETRY
0 to +70
8 Lead DFN
L8.3x3J
ISL61852ICRZ
52IC
EN
1.5
LATCH
0 to +70
8 Lead DFN
L8.3x3J
ISL61852JCRZ
52JC
EN
1.5
RETRY
0 to +70
8 Lead DFN
L8.3x3J
ISL61852KCRZ
52KC
EN
1.5
LATCH
0 to +70
8 Lead DFN
L8.3x3J
ISL61852LCRZ
52LC
EN
1.5
RETRY
0 to +70
8 Lead DFN
L8.3x3J
ISL61853ACRZ
53AC
EN
0.6
LATCH
0 to +70
10 Lead DFN
L10.3x3
ISL61853BCRZ
53BC
EN
0.6
RETRY
0 to +70
10 Lead DFN
L10.3x3
ISL61853CCRZ
53CC
EN
1.1
LATCH
0 to +70
10 Lead DFN
L10.3x3
ISL61853DCRZ
53DC
EN
1.1
RETRY
0 to +70
10 Lead DFN
L10.3x3
ISL61853ECRZ
53EC
EN
0.6
LATCH
0 to +70
10 Lead DFN
L10.3x3
ISL61853FCRZ
53FC
EN
0.6
RETRY
0 to +70
10 Lead DFN
L10.3x3
ISL61853GCRZ
53GC
EN
1.1
LATCH
0 to +70
10 Lead DFN
L10.3x3
ISL61853HCRZ
53HC
EN
1.1
RETRY
0 to +70
10 Lead DFN
L10.3x3
ISL61853ICRZ
53IC
EN
1.5
LATCH
0 to +70
10 Lead DFN
L10.3x3
ISL61853JCRZ
53JC
EN
1.5
RETRY
0 to +70
10 Lead DFN
L10.3x3
ISL61853KCRZ
53KC
EN
1.5
LATCH
0 to +70
10 Lead DFN
L10.3x3
ISL61853LCRZ
53LC
EN
1.5
RETRY
0 to +70
10 Lead DFN
L10.3x3
ISL61853MCRZ
53MC
EN
1.8
LATCH
0 to +70
10 Lead DFN
L10.3x3
ISL61853NCRZ
53NC
EN
1.8
RETRY
0 to +70
10 Lead DFN
L10.3x3
ISL61853OCRZ
53OC
EN
1.8
LATCH
0 to +70
10 Lead DFN
L10.3x3
ISL61853PCRZ
53PC
EN
1.8
RETRY
0 to +70
10 Lead DFN
L10.3x3
ISL61851AIBZ
61851A IBZ
EN
0.6
LATCH
-40 to +85
8 Lead SOIC
M8.15
ISL61851BIBZ
61851B IBZ
EN
0.6
RETRY
-40 to +85
8 Lead SOIC
M8.15
ISL61851CIBZ
61851C IBZ
EN
1.1
LATCH
-40 to +85
8 Lead SOIC
M8.15
ISL61851DIBZ
61851D IBZ
EN
1.1
RETRY
-40 to +85
8 Lead SOIC
M8.15
ISL61851EIBZ
61851E IBZ
EN
0.6
LATCH
-40 to +85
8 Lead SOIC
M8.15
ISL61851FIBZ
61851F IBZ
EN
0.6
RETRY
-40 to +85
8 Lead SOIC
M8.15
ISL61851GIBZ
61851G IBZ
EN
1.1
LATCH
-40 to +85
8 Lead SOIC
M8.15
ISL61851HIBZ
61851H IBZ
EN
1.1
RETRY
-40 to +85
8 Lead SOIC
M8.15
ISL61851IIBZ
61851I IBZ
EN
1.5
LATCH
-40 to +85
8 Lead SOIC
M8.15
ISL61851JIBZ
61851J IBZ
EN
1.5
RETRY
-40 to +85
8 Lead SOIC
M8.15
ISL61851KIBZ
61851K IBZ
EN
1.5
LATCH
-40 to +85
8 Lead SOIC
M8.15
ISL61851LIBZ
61851L IBZ
EN
1.5
RETRY
-40 to +85
8 Lead SOIC
M8.15
ISL61852AIRZ
52AI
EN
0.6
LATCH
-40 to +85
8 Lead DFN
L8.3x3J
ISL61852BIRZ
52BI
EN
0.6
RETRY
-40 to +85
8 Lead DFN
L8.3x3J
ISL61852CIRZ
52CI
EN
1.1
LATCH
-40 to +85
8 Lead DFN
L8.3x3J
ISL61852DIRZ
52DI
EN
1.1
RETRY
-40 to +85
8 Lead DFN
L8.3x3J
ISL61852EIRZ
52EI
EN
0.6
LATCH
-40 to +85
8 Lead DFN
L8.3x3J
ISL61852FIRZ
52FI
EN
0.6
RETRY
-40 to +85
8 Lead DFN
L8.3x3J
Ordering Information (Continued)
PART
NUMBER
(Notes 1, 2, 3)
PART
MARKING
EN/EN
INPUT
VIN = 5V
MAXIMUM
CONTINUOUS
IOUT (A)
LATCH/AUTO
RETRY
TEMP.
RANGE (°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL6185


Similar Part No. - ISL61853KIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL61853KIRZ INTERSIL-ISL61853KIRZ Datasheet
745Kb / 20P
   Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
More results

Similar Description - ISL61853KIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
   USB Dual Port Power Supply Controller
logo
Renesas Technology Corp
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
   Dual USB Port Power Supply Controller
ISL6436 RENESAS-ISL6436 Datasheet
796Kb / 13P
   USB Dual Port Power Supply Controller
Aug 10, 2001
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
logo
Renesas Technology Corp
ISL6119 RENESAS-ISL6119 Datasheet
771Kb / 13P
   USB Dual Port Power Supply Controller
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
   USB Dual Port Power Supply Controller
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
   Dual USB Port Power Supply Controller
March 8, 2012
logo
Renesas Technology Corp
ISL6186 RENESAS-ISL6186 Datasheet
873Kb / 18P
   USB Port Power Supply Controller
logo
Intersil Corporation
ISL6186 INTERSIL-ISL6186 Datasheet
722Kb / 18P
   USB Port Power Supply Controller
ISL6185 INTERSIL-ISL6185_11 Datasheet
745Kb / 20P
   Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com