Electronic Components Datasheet Search |
|
ISL61851BIBZ Datasheet(PDF) 1 Page - Intersil Corporation |
|
ISL61851BIBZ Datasheet(HTML) 1 Page - Intersil Corporation |
1 / 20 page 1 CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright © Intersil Americas Inc. 2010. All Rights Reserved All other trademarks mentioned are the property of their respective owners. Dual USB Port Power Supply Controller ISL6185 The ISL6185 USB power controller family provides fully independent overcurrent (OC) fault protection for two or more USB ports. This product family consists of sixteen individual functional product variants and three package options and is operation rated for a nominal +2.5V to +5V range and specified over the full commercial and industrial temperature ranges. Each ISL6185 type incorporates in a single package two 71mΩ P-channel MOSFET power switches for power control and features internal current monitoring, accurate current limiting and current limited delay to turn-off for system supply protection along with control and communication I/O. The ISL6185 family offers product variants with specified continuous output current levels of 0.6A, 1.1A, 1.5A or 1.8A, enable active high or low inputs and latch off or automatic retry after over current turn-off making these devices well suited for many low power applications. This family of ICs is offered in an industry std. SOIC pinout and also in the 70% smaller 3x3 DFN packages providing similar or enhanced performance in the smallest possible package. Features • 2.5V to 5V Operating Range •71mΩ Integrated Power P-channel MOSFET Switches • Continuous Current Options for 0.6A, 1.1A, 1.5A and 1.8A • Thermally insensitive 12ms of Current Limiting Prior to Turn-Off • Output Discharges with Reverse Current Blocking when Disabled • Latch-off or Auto Restart Options • 1µA Off-State Supply Current. •Enable Polarity Options • Industry Std Pin for Pin SOIC and Smaller DFN Pkgs Available Applications • USB 1, 2, 3 Port Power Management • Low Power (18W) Electronic Circuit Limiting and Breaker Typical Application Normalized rDS(ON) Temperature Characteristic Curve D+ D- D+ D- +5V VIN ENABLE_2 FAULT_1 ENABLE_1 FAULT_2 GND OUT_1 OUT_2 ISL6185 U S B C O N T R O L L E R VBUS VBUS USB PORT 1 USB PORT_2 USB PORT POWER 0.7 0.8 0.9 1.0 1.1 1.2 1.3 -40 -25 0 254575 85 115 TEMPERATURE (°C) October 22, 2010 FN6937.0 |
Similar Part No. - ISL61851BIBZ |
|
Similar Description - ISL61851BIBZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |