Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL61853LCRZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL61853LCRZ
Description  Dual USB Port Power Supply Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL61853LCRZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL61853LCRZ Datasheet HTML 1Page - Intersil Corporation ISL61853LCRZ Datasheet HTML 2Page - Intersil Corporation ISL61853LCRZ Datasheet HTML 3Page - Intersil Corporation ISL61853LCRZ Datasheet HTML 4Page - Intersil Corporation ISL61853LCRZ Datasheet HTML 5Page - Intersil Corporation ISL61853LCRZ Datasheet HTML 6Page - Intersil Corporation ISL61853LCRZ Datasheet HTML 7Page - Intersil Corporation ISL61853LCRZ Datasheet HTML 8Page - Intersil Corporation ISL61853LCRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ISL6185
4
FN6937.0
October 22, 2010
ISL61852GIRZ
52GI
EN
1.1
LATCH
-40 to +85
8 Lead DFN
L8.3x3J
ISL61852HIRZ
52HI
EN
1.1
RETRY
-40 to +85
8 Lead DFN
L8.3x3J
ISL61852IIRZ
52II
EN
1.5
LATCH
-40 to +85
8 Lead DFN
L8.3x3J
ISL61852JIRZ
52JI
EN
1.5
RETRY
-40 to +85
8 Lead DFN
L8.3x3J
ISL61852KIRZ
52KI
EN
1.5
LATCH
-40 to +85
8 Lead DFN
L8.3x3J
ISL61852LIRZ
52LI
EN
1.5
RETRY
-40 to +85
8 Lead DFN
L8.3x3J
ISL61853AIRZ
53AI
EN
0.6
LATCH
-40 to +85
10 Lead DFN
L10.3x3
ISL61853BIRZ
53BI
EN
0.6
RETRY
-40 to +85
10 Lead DFN
L10.3x3
ISL61853CIRZ
53CI
EN
1.1
LATCH
-40 to +85
10 Lead DFN
L10.3x3
ISL61853DIRZ
53DI
EN
1.1
RETRY
-40 to +85
10 Lead DFN
L10.3x3
ISL61853EIRZ
53EI
EN
0.6
LATCH
-40 to +85
10 Lead DFN
L10.3x3
ISL61853FIRZ
53FI
EN
0.6
RETRY
-40 to +85
10 Lead DFN
L10.3x3
ISL61853GIRZ
53GI
EN
1.1
LATCH
-40 to +85
10 Lead DFN
L10.3x3
ISL61853HIRZ
53HI
EN
1.1
RETRY
-40 to +85
10 Lead DFN
L10.3x3
ISL61853IIRZ
53II
EN
1.5
LATCH
-40 to +85
10 Lead DFN
L10.3x3
ISL61853JIRZ
53JI
EN
1.5
RETRY
-40 to +85
10 Lead DFN
L10.3x3
ISL61853KIRZ
53KI
EN
1.5
LATCH
-40 to +85
10 Lead DFN
L10.3x3
ISL61853LIRZ
53LI
EN
1.5
RETRY
-40 to +85
10 Lead DFN
L10.3x3
ISL61853MIRZ
53MI
EN
1.8
LATCH
-40 to +85
10 Lead DFN
L10.3x3
ISL61853NIRZ
53NI
EN
1.8
RETRY
-40 to +85
10 Lead DFN
L10.3x3
ISL61853OIRZ
53OI
EN
1.8
LATCH
-40 to +85
10 Lead DFN
L10.3x3
ISL61853PIRZ
53PI
EN
1.8
RETRY
-40 to +85
10 Lead DFN
L10.3x3
ISL61851EVAL1Z
8 Lead SOIC Evaluation Platform
ISL61852EVAL1Z
8 Lead DFN Evaluation Platform
ISL61853EVAL1Z
10 Lead DFN Evaluation Platform
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3.
For Moisture Sensitivity Level (MSL), please see device information page for ISL6185. For more information on MSL please see
techbrief TB363.
Ordering Information (Continued)
PART
NUMBER
(Notes 1, 2, 3)
PART
MARKING
EN/EN
INPUT
VIN = 5V
MAXIMUM
CONTINUOUS
IOUT (A)
LATCH/AUTO
RETRY
TEMP.
RANGE (°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL6185


Similar Part No. - ISL61853LCRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL61853LCRZ INTERSIL-ISL61853LCRZ Datasheet
745Kb / 20P
   Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
More results

Similar Description - ISL61853LCRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
   USB Dual Port Power Supply Controller
logo
Renesas Technology Corp
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
   Dual USB Port Power Supply Controller
ISL6436 RENESAS-ISL6436 Datasheet
796Kb / 13P
   USB Dual Port Power Supply Controller
Aug 10, 2001
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
logo
Renesas Technology Corp
ISL6119 RENESAS-ISL6119 Datasheet
771Kb / 13P
   USB Dual Port Power Supply Controller
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
   USB Dual Port Power Supply Controller
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
   Dual USB Port Power Supply Controller
March 8, 2012
logo
Renesas Technology Corp
ISL6186 RENESAS-ISL6186 Datasheet
873Kb / 18P
   USB Port Power Supply Controller
logo
Intersil Corporation
ISL6186 INTERSIL-ISL6186 Datasheet
722Kb / 18P
   USB Port Power Supply Controller
ISL6185 INTERSIL-ISL6185_11 Datasheet
745Kb / 20P
   Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com