Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL61853DCRZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL61853DCRZ
Description  Dual USB Port Power Supply Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL61853DCRZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL61853DCRZ Datasheet HTML 1Page - Intersil Corporation ISL61853DCRZ Datasheet HTML 2Page - Intersil Corporation ISL61853DCRZ Datasheet HTML 3Page - Intersil Corporation ISL61853DCRZ Datasheet HTML 4Page - Intersil Corporation ISL61853DCRZ Datasheet HTML 5Page - Intersil Corporation ISL61853DCRZ Datasheet HTML 6Page - Intersil Corporation ISL61853DCRZ Datasheet HTML 7Page - Intersil Corporation ISL61853DCRZ Datasheet HTML 8Page - Intersil Corporation ISL61853DCRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
Dual USB Port Power Supply Controller
ISL6185
The ISL6185 USB power controller family provides
fully independent overcurrent (OC) fault protection
for two or more USB ports.
This product family consists of sixteen individual
functional product variants and three package options
and is operation rated for a nominal +2.5V to +5V
range and specified over the full commercial and
industrial temperature ranges.
Each ISL6185 type incorporates in a single package
two 71mΩ P-channel MOSFET power switches for
power control and features internal current
monitoring, accurate current limiting and current
limited delay to turn-off for system supply protection
along with control and communication I/O.
The ISL6185 family offers product variants with specified
continuous output current levels of 0.6A, 1.1A, 1.5A or
1.8A, enable active high or low inputs and latch off or
automatic retry after over current turn-off making these
devices well suited for many low power applications.
This family of ICs is offered in an industry std. SOIC
pinout and also in the 70% smaller 3x3 DFN packages
providing similar or enhanced performance in the
smallest possible package.
Features
• 2.5V to 5V Operating Range
•71mΩ Integrated Power P-channel MOSFET Switches
• Continuous Current Options for 0.6A, 1.1A, 1.5A and
1.8A
• Thermally insensitive 12ms of Current Limiting Prior
to Turn-Off
• Output Discharges with Reverse Current Blocking
when Disabled
• Latch-off or Auto Restart Options
• 1µA Off-State Supply Current.
•Enable Polarity Options
• Industry Std Pin for Pin SOIC and Smaller DFN Pkgs
Available
Applications
• USB 1, 2, 3 Port Power Management
• Low Power (18W) Electronic Circuit Limiting and
Breaker
Typical Application
Normalized rDS(ON)
Temperature Characteristic
Curve
D+
D-
D+
D-
+5V
VIN
ENABLE_2
FAULT_1
ENABLE_1
FAULT_2
GND
OUT_1
OUT_2
ISL6185
U
S
B
C
O
N
T
R
O
L
L
E
R
VBUS
VBUS
USB
PORT 1
USB
PORT_2
USB PORT POWER
0.7
0.8
0.9
1.0
1.1
1.2
1.3
-40
-25
0
254575
85
115
TEMPERATURE (°C)
October 22, 2010
FN6937.0


Similar Part No. - ISL61853DCRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL61853DCRZ INTERSIL-ISL61853DCRZ Datasheet
745Kb / 20P
   Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
More results

Similar Description - ISL61853DCRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
   USB Dual Port Power Supply Controller
logo
Renesas Technology Corp
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
   Dual USB Port Power Supply Controller
ISL6436 RENESAS-ISL6436 Datasheet
796Kb / 13P
   USB Dual Port Power Supply Controller
Aug 10, 2001
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
logo
Renesas Technology Corp
ISL6119 RENESAS-ISL6119 Datasheet
771Kb / 13P
   USB Dual Port Power Supply Controller
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
   USB Dual Port Power Supply Controller
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
   Dual USB Port Power Supply Controller
March 8, 2012
logo
Renesas Technology Corp
ISL6186 RENESAS-ISL6186 Datasheet
873Kb / 18P
   USB Port Power Supply Controller
logo
Intersil Corporation
ISL6186 INTERSIL-ISL6186 Datasheet
722Kb / 18P
   USB Port Power Supply Controller
ISL6185 INTERSIL-ISL6185_11 Datasheet
745Kb / 20P
   Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com