Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHD-4.3-480272YF-ATXI-1 Datasheet(PDF) 9 Page - Newhaven Display International, Inc.

Part # NHD-4.3-480272YF-ATXI-1
Description  Liquid Crystal Display Module
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-4.3-480272YF-ATXI-1 Datasheet(HTML) 9 Page - Newhaven Display International, Inc.

Back Button NHD-4.3-480272YF-ATXI-1 Datasheet HTML 5Page - Newhaven Display International, Inc. NHD-4.3-480272YF-ATXI-1 Datasheet HTML 6Page - Newhaven Display International, Inc. NHD-4.3-480272YF-ATXI-1 Datasheet HTML 7Page - Newhaven Display International, Inc. NHD-4.3-480272YF-ATXI-1 Datasheet HTML 8Page - Newhaven Display International, Inc. NHD-4.3-480272YF-ATXI-1 Datasheet HTML 9Page - Newhaven Display International, Inc. NHD-4.3-480272YF-ATXI-1 Datasheet HTML 10Page - Newhaven Display International, Inc. NHD-4.3-480272YF-ATXI-1 Datasheet HTML 11Page - Newhaven Display International, Inc. NHD-4.3-480272YF-ATXI-1 Datasheet HTML 12Page - Newhaven Display International, Inc. NHD-4.3-480272YF-ATXI-1 Datasheet HTML 13Page - Newhaven Display International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Note (1) Test Equipment Setup
After stabilizing and leaving the panel alone at a given temperature for 30 min , the
measurement should be executed.
Measurement should be executed in a stable, windless,
and dark room. 30 min after lighting the back-light. This should be measured in the center
of screen.
Environment condition : Ta
= 25 ± 2 °C
Back-Light On condition
The center of the screen
Photodetector
Photodetector
Field
BM-5A
BM-7
PR-650
LCD Panel
TFT - LCD Module
BM-5A
: 40㎝
BM-7
: 50㎝
PR-650: 50㎝
Field
Back-Light Off condition
Photodetector
Photodetector
Field
LCD-5000
LCD Panel
TFT - LCD Module
The center of the screen
LCD-5000 : 50㎝
Optical Measuring Equipment Setup
30°
Light source : Halogan lamp or D65
Incident light
Reflected light


Similar Part No. - NHD-4.3-480272YF-ATXI-1

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-4.3-480272EF-ASXN NEWHAVEN-NHD-4.3-480272EF-ASXN Datasheet
1Mb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-4.3-480272EF-ASXN#-T NEWHAVEN-NHD-4.3-480272EF-ASXN#-T Datasheet
858Kb / 12P
   4.3" EVE2 TFT Module
NHD-4.3-480272EF-ASXN-CTP NEWHAVEN-NHD-4.3-480272EF-ASXN-CTP Datasheet
1Mb / 20P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-4.3-480272EF-ASXN-T NEWHAVEN-NHD-4.3-480272EF-ASXN-T Datasheet
1Mb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-4.3-480272EF-ASXV NEWHAVEN-NHD-4.3-480272EF-ASXV Datasheet
1Mb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
More results

Similar Description - NHD-4.3-480272YF-ATXI-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GDM12864A ETC-GDM12864A Datasheet
198Kb / 22P
   Liquid Crystal Display Module
logo
Seiko Instruments Inc
G191D SII-G191D Datasheet
1Mb / 27P
   LIQUID CRYSTAL DISPLAY MODULE?
G482C SII-G482C Datasheet
1Mb / 22P
   LIQUID CRYSTAL DISPLAY MODULE?
logo
Newhaven Display Intern...
NHD-0416B1Z-FSPG-YBW-L3V NEWHAVEN-NHD-0416B1Z-FSPG-YBW-L3V Datasheet
857Kb / 21P
   Liquid Crystal Display Module
logo
HB Electronic Component...
ATM1602B HB-ATM1602B Datasheet
296Kb / 11P
   Liquid Crystal Display Module
ATM4004A HB-ATM4004A Datasheet
379Kb / 11P
   Liquid Crystal Display Module
logo
Newhaven Display Intern...
NHD-0140AZ-FL-YBW NEWHAVEN-NHD-0140AZ-FL-YBW Datasheet
707Kb / 10P
   Liquid Crystal Display Module
NHD-2.4-240320SF-CTXI-FT1 NEWHAVEN-NHD-2.4-240320SF-CTXI-FT1 Datasheet
839Kb / 11P
   Liquid Crystal Display Module
NHD-3.5-320240YF-ATXL NEWHAVEN-NHD-3.5-320240YF-ATXL Datasheet
790Kb / 9P
   Liquid Crystal Display Module
NHD-5.7-320240WFB-ETXI NEWHAVEN-NHD-5.7-320240WFB-ETXI Datasheet
659Kb / 22P
   Liquid Crystal Display Module
logo
Seiko Instruments Inc
G321EV SII-G321EV Datasheet
1Mb / 33P
   LIQUID CRYSTAL DISPLAY MODULE?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com