Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9881TS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA9881TS
Description  Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9881TS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA9881TS Datasheet HTML 5Page - NXP Semiconductors TDA9881TS Datasheet HTML 6Page - NXP Semiconductors TDA9881TS Datasheet HTML 7Page - NXP Semiconductors TDA9881TS Datasheet HTML 8Page - NXP Semiconductors TDA9881TS Datasheet HTML 9Page - NXP Semiconductors TDA9881TS Datasheet HTML 10Page - NXP Semiconductors TDA9881TS Datasheet HTML 11Page - NXP Semiconductors TDA9881TS Datasheet HTML 12Page - NXP Semiconductors TDA9881TS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
9397 750 13417
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 16 November 2004
9 of 42
Philips Semiconductors
TDA9881
Alignment-free vision and FM sound IF PLL demodulator
The AFC signal is derived from the corresponding downcounter stop value after a
counting cycle. The last four bits are latched and the digital-to-analog converted value is
given as current at pin AFC.
8.7 Video demodulator and amplifier
The video demodulator is realized by a multiplier which is designed for low distortion and
large bandwidth. The VIF signal is multiplied with the ‘in phase’ signal of the VIF PLL
VCO.
The demodulator output signal is fed into the video preamplifier via a level shift stage with
integrated low-pass filter to achieve carrier harmonics attenuation.
The output signal of the preamplifier is fed to the VIF AGC detector (see Section 8.3) and
in the sound trap mode is also fed internally to the integrated sound carrier trap;
see Section 8.8. The differential trap output signal is converted and amplified by the
following postamplifier. The video output level at pin CVBS is 2 V (p-p).
Noise clipping is provided.
8.8 Sound carrier trap
The sound carrier trap consists of a reference filter, a phase detector and the sound trap
itself.
A sound carrier reference signal is fed into the reference low-pass filter and is shifted by
nominal 90 degrees. The phase detector compares the original reference signal with the
signal shifted by the reference filter and produces a DC voltage by charging or discharging
an integrated capacitor with a current proportional to the phase difference between both
signals, respectively to the frequency error of the integrated filters. The DC voltage
controls the frequency position of the reference filter and the sound trap. Thus the
accurate frequency position for the different standards is set by the sound carrier
reference signal.
The sound trap itself is constructed of three separate traps to realize sufficient
suppression of the first and second sound carrier.
8.9 SIF amplifier
The SIF amplifier consists of three AC-coupled differential stages. Gain control is
performed by emitter degeneration. The total gain control range is typical 66 dB. The
differential input impedance is typical 2 k
Ω in parallel with 3 pF.
8.10 SIF AGC detector
SIF gain control is performed by the detection of the SIF voltage at the output of the SIF
amplifier so that a constant SIF signal is supplied to the single reference QSS mixer.
For an optimum adaption between the SIF AGC and the VIF AGC characteristics at 13 dB
picture-to-sound FM carrier ratio, the internal SIF level is reduced.
The integrated AGC capacitor is charged or discharged for the generation of the required
SIF gain via a comparator. An additional circuit (threshold approximately 7 dB) ensures a
very fast gain reduction for a large increasing IF amplitude step.


Similar Part No. - TDA9881TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9880T PHILIPS-TDA9880T Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9882 NXP-TDA9882 Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
TDA9882HN NXP-TDA9882HN Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
TDA9882TS NXP-TDA9882TS Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
More results

Similar Description - TDA9881TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9882 NXP-TDA9882 Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
logo
TEMIC Semiconductors
U828B TEMIC-U828B Datasheet
84Kb / 5P
   FM IF AMPLIFIER AND DEMODULATOR FOR TV SOUND APPLICATION
logo
NXP Semiconductors
TDA9887 PHILIPS-TDA9887 Datasheet
308Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9887TS NXP-TDA9887TS Datasheet
232Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
logo
TEMIC Semiconductors
U2861B TEMIC-U2861B Datasheet
263Kb / 11P
   Mono FM Sound Demodulator for TV Systems
logo
Siemens Semiconductor G...
TDA5950X SIEMENS-TDA5950X Datasheet
450Kb / 11P
   Video and Sound IF with FM-PLL Demodulator, AFC and V & S SCART
logo
TEMIC Semiconductors
U2860BB TEMIC-U2860BB Datasheet
417Kb / 11P
   Dual-Channel FM Sound Demodulator for TV Systems
logo
ATMEL Corporation
U2860B-M ATMEL-U2860B-M Datasheet
336Kb / 14P
   Dual-Channel FM Sound Demodulator for TV Systems
logo
STMicroelectronics
TDA8192 STMICROELECTRONICS-TDA8192 Datasheet
44Kb / 5P
   MULTISTANDARD AM AND FM SOUND IF CIRCUIT FOR TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com