Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9884 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA9884
Description  I2C-bus controlled multistandard alignment-free IF-PLL for mobile reception
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9884 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA9884_06 Datasheet HTML 5Page - NXP Semiconductors TDA9884_06 Datasheet HTML 6Page - NXP Semiconductors TDA9884_06 Datasheet HTML 7Page - NXP Semiconductors TDA9884_06 Datasheet HTML 8Page - NXP Semiconductors TDA9884_06 Datasheet HTML 9Page - NXP Semiconductors TDA9884_06 Datasheet HTML 10Page - NXP Semiconductors TDA9884_06 Datasheet HTML 11Page - NXP Semiconductors TDA9884_06 Datasheet HTML 12Page - NXP Semiconductors TDA9884_06 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
TDA9884_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 12 May 2006
9 of 58
Philips Semiconductors
TDA9884
I2C-bus controlled multistandard alignment-free IF-PLL
very long time constant for VIF gain increase is because the peak white level may appear
only once in a field. In order to reduce this time constant, an additional level detector
increases the discharging current of the AGC capacitor (fast mode) in the event of a
decreasing VIF amplitude step controlled by the detected actual black level voltage. The
threshold level for fast mode AGC is typically
−6 dB video amplitude. The fast mode state
is also transferred to the SIF-AGC detector for speed-up. In case of missing peak white
pulses, the VIF gain increase is limited to typically +3 dB by comparing the detected
actual black level voltage with a corresponding reference voltage.
7.4 FPLL detector
The VIF amplifier output signal is fed into a frequency detector and into a phase detector
via a limiting amplifier for removing the video AM.
During acquisition the frequency detector produces a current proportional to the
frequency difference between the VIF and the VCO signals. After frequency lock-in the
phase detector produces a current proportional to the phase difference between the VIF
and the VCO signals. The currents from the frequency and phase detectors are charged
into the loop filter which controls the VIF VCO and locks it to the frequency and phase of
the VIF carrier.
For a positive modulated VIF signal, the charging currents are gated by the composite
sync in order to avoid signal distortion in case of overmodulation. The gating depth is
switchable via the I2C-bus.
7.5 VCO and divider
The VCO of the VIF-FPLL operates as an integrated low radiation relaxation oscillator at
double the picture carrier frequency. The control voltage, required to tune the VCO to
double the picture carrier frequency, is generated at the loop filter by the frequency phase
detector. The possible frequency range is 50 MHz to 140 MHz (typical value).
The oscillator frequency is divided-by-two to provide two differential square wave signals
with exactly 90 degrees phase difference, independent of the frequency, for use in the
FPLL detectors, the video demodulator and the intercarrier mixer.
7.6 AFC and digital acquisition help
Each relaxation oscillator of the VIF-PLL and FM-PLL demodulator has a wide frequency
range. To prevent false locking of the PLLs and with respect to the catching range, the
digital acquisition help provides an individual control, until the frequency of the VCO is
within the preselected standard dependent lock-in window of the PLL.
The in-window and out-window control at the FM-PLL is additionally used to mute the
audio stage (if auto mute is selected via the I2C-bus).
The working principle of the digital acquisition help is as follows. The PLL VCO output is
connected to a down counter which has a predefined start value (standard dependent).
The VCO frequency clocks the down counter for a fixed gate time. Thereafter, the down
counter stop value is analyzed. In case the stop value is higher (lower) than the expected
value range, the VCO frequency is lower (higher) than the wanted lock-in window
frequency range. A positive (negative) control current is injected into the PLL loop filter
and consequently the VCO frequency is increased (decreased) and a new counting cycle
starts.


Similar Part No. - TDA9884_06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9884TS PHILIPS-TDA9884TS Datasheet
231Kb / 55P
   I2C-bus controlled multistandard alignment-free IF-PLL for mobile reception
2003 Nov 28
More results

Similar Description - TDA9884_06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9884TS PHILIPS-TDA9884TS Datasheet
231Kb / 55P
   I2C-bus controlled multistandard alignment-free IF-PLL for mobile reception
2003 Nov 28
TDA9885 PHILIPS-TDA9885 Datasheet
248Kb / 56P
   I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
2003 Oct 02
TDA9886 NXP-TDA9886 Datasheet
283Kb / 56P
   I2C-bus controlled single and multistandard alignment-free IF-PLL demodulators
Rev. 03-16 December 2008
TDA9887 PHILIPS-TDA9887 Datasheet
308Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9887TS NXP-TDA9887TS Datasheet
232Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9882 NXP-TDA9882 Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
TDA9143 PHILIPS-TDA9143 Datasheet
275Kb / 40P
   I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor
1996 Jan 17
logo
STMicroelectronics
STV223XD STMICROELECTRONICS-STV223XD Datasheet
1Mb / 76P
   I2C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR
logo
NXP Semiconductors
TDA9899 NXP-TDA9899 Datasheet
511Kb / 103P
   Multistandard hybrid IF processing including car mobile
Rev. 03-15 January 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com