Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL59602IRZ-T7A Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL59602IRZ-T7A
Description  MegaQ: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59602IRZ-T7A Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL59602IRZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL59602IRZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL59602IRZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL59602IRZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL59602IRZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL59602IRZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL59602IRZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL59602IRZ-T7A Datasheet HTML 9Page - Intersil Corporation ISL59602IRZ-T7A Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
ISL59601, ISL59602, ISL59603, ISL59604, ISL59605
6
FN6739.1
November 23, 2010
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage between VDD and GND . . . . . . . . . . . . 5.75V
Maximum Continuous Output Current . . . . . . . . . . . . . 50mA
Maximum Voltage on any Pin. . . . GND - 0.3V to VDD + 0.3V
ESD Rating
Human Body Model (tested per JESD22-A114) . . . . 8,000V
Machine Model (Tested per JESD22-A115) . . . . . . . . 600V
CDM Model (Tested per JESD22-C101). . . . . . . . . . 2,000V
Latch Up (Tested per JESD78; Class II, Level A) . . . . . . . . 100mA
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
20 Ld QFN Package (Notes 4, 5) . .
40
3.7
Storage Temperature . . . . . . . . . . . . . . . -65°C to +150°C
Ambient Operating Temperature . . . . . . . . . -40°C to +85°C
Die Junction Temperature . . . . . . . . . . . . . . . . . . . +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
4. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach”
features. See Tech Brief TB379.
5. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications VDD = VDD1 = VDD2 = +5V, source video amplitude before any cable loss = 1VP-P,
cable type = Cat 5, cable length = 0 feet, RL = 150Ω (75Ω series + 75Ω load to ground),
TA = +25°C, exposed die plate = 0V, unless otherwise specified.
Max cable length = 1000 feet for ISL59601, 2000 feet for ISL59602, 3000 feet for
ISL59603, 4000 feet for ISL59604, and 5300 feet for ISL59605.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VDD
VDD Operating Range
4.5
5.0
5.5
V
IS1
VDD1 Supply Current
40
60
mA
IS2
VDD2 Supply Current
30
45
mA
PSRRDC
Power Supply Rejection Ratio
60
dB
AC PERFORMANCE
BW
-3dB Bandwidth
Full power
5
MHz
DG
Differential Gain
Cable length = max,
20IRE Sub Carrier on 100%
ramp
1%
DP
Differential Phase
Cable length = max,
20IRE Sub Carrier on 100%
ramp
DC PERFORMANCE
VBL
Output Blanking/Backporch Level
Measured at VIDEO OUT pin
0.82
0.95
1.05
V
INPUT CHARACTERISTICS
VINDIFF_MIN
Minimum Correctable Peak-to-Peak
Signal Swing
Measured at the source-end
of cable, before cable losses
0.7
VP-P
VINDIFF_MAX
Maximum Correctable Peak-to-
Peak Signal Swing
Measured at the source-end
of cable, before cable losses
1.4
VP-P
VCM-MIN
Min Common Mode Input Voltage
1
V
VCM-MAX
Max Common Mode Input Voltage
4
V
SNR
Signal-to-Noise Ratio,
NTC-7 weighted filter
EQ = 0 feet
-67
dB rms
EQ = 1,000 feet
-67
dB rms
EQ = 2,000 feet
-65
dB rms
EQ = 3,000 feet
-64
dB rms
EQ = 4,000 feet
-61
dB rms
EQ = 5,300 feet
-54
dB rms


Similar Part No. - ISL59602IRZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59602IRZ-T7A INTERSIL-ISL59602IRZ-T7A Datasheet
2Mb / 28P
   MegaQ™: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
September 5, 2012
logo
Renesas Technology Corp
ISL59602IRZ-T7A RENESAS-ISL59602IRZ-T7A Datasheet
3Mb / 28P
   MegaQ?? An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
More results

Similar Description - ISL59602IRZ-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59601 RENESAS-ISL59601 Datasheet
3Mb / 28P
   MegaQ?? An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Intersil Corporation
ISL59601IRZ INTERSIL-ISL59601IRZ Datasheet
2Mb / 28P
   MegaQ™: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
September 5, 2012
logo
Renesas Technology Corp
ISL59960 RENESAS-ISL59960 Datasheet
1,023Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Intersil Corporation
ISL59960 INTERSIL-ISL59960 Datasheet
759Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
ISL59960IRZ INTERSIL-ISL59960IRZ Datasheet
757Kb / 17P
   960MegaQ™: An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
December 18, 2012
logo
Cypress Semiconductor
CYV270M0104EQ CYPRESS-CYV270M0104EQ Datasheet
244Kb / 9P
   Adaptive Video Cable Equalizer
CYV270M0101EQ_0710 CYPRESS-CYV270M0101EQ_0710 Datasheet
244Kb / 10P
   Adaptive Video Cable Equalizer
CYV270M0101EQ CYPRESS-CYV270M0101EQ Datasheet
331Kb / 10P
   Adaptive Video Cable Equalizer (SOIC)
logo
Maxim Integrated Produc...
MAX7474 MAXIM-MAX7474 Datasheet
291Kb / 10P
   Adaptive Equalizer for Video Over Twisted Pair
Rev 0; 1/08
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com