Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PUML1 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PUML1
Description  50 V, 200 mA NPN general-purpose transistor/100 mA NPN resistor-equipped transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PUML1 Datasheet(HTML) 4 Page - NXP Semiconductors

  PUML1 Datasheet HTML 1Page - NXP Semiconductors PUML1 Datasheet HTML 2Page - NXP Semiconductors PUML1 Datasheet HTML 3Page - NXP Semiconductors PUML1 Datasheet HTML 4Page - NXP Semiconductors PUML1 Datasheet HTML 5Page - NXP Semiconductors PUML1 Datasheet HTML 6Page - NXP Semiconductors PUML1 Datasheet HTML 7Page - NXP Semiconductors PUML1 Datasheet HTML 8Page - NXP Semiconductors PUML1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PUML1_DG_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 14 July 2008
4 of 12
NXP Semiconductors
PUML1/DG
50 V, 200 mA NPN general-purpose transistor/100 mA NPN RET
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
Rth(j-a)
thermal resistance from junction
to ambient
in free air
[1] -
-
625
K/W
Per device
Rth(j-a)
thermal resistance from junction
to ambient
in free air
[1] -
-
417
K/W
FR4 PCB, standard footprint
Fig 2.
Per transistor: Transient thermal impedance from junction to ambient as a function of pulse duration
006aab255
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle =
1
0.75
0.5
0.33
0.2
0.1
0.05
0.02
0.01
0


Similar Part No. - PUML1

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PUML1 NEXPERIA-PUML1 Datasheet
211Kb / 13P
   50 V, 200 mA NPN general-purpose transistor/ 100 mA NPN resistor-equipped transistor
Rev. 01 - 14 July 2008
PUML1/DG NEXPERIA-PUML1/DG Datasheet
211Kb / 13P
   50 V, 200 mA NPN general-purpose transistor/ 100 mA NPN resistor-equipped transistor
Rev. 01 - 14 July 2008
More results

Similar Description - PUML1

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PUML1 NEXPERIA-PUML1 Datasheet
211Kb / 13P
   50 V, 200 mA NPN general-purpose transistor/ 100 mA NPN resistor-equipped transistor
Rev. 01 - 14 July 2008
2PD601ART NEXPERIA-2PD601ART Datasheet
247Kb / 10P
   50 V, 100 mA NPN general-purpose transistor
1 January 2023
logo
NXP Semiconductors
2PD601ART NXP-2PD601ART Datasheet
92Kb / 10P
   50 V, 100 mA NPN general-purpose transistor
Rev. 01-15 March 2007
logo
Nexperia B.V. All right...
2PD601ARW NEXPERIA-2PD601ARW Datasheet
243Kb / 9P
   50 V, 100 mA NPN general purpose transistor
1 October 2022
2PD601ARW-Q NEXPERIA-2PD601ARW-Q Datasheet
225Kb / 11P
   50 V, 100 mA NPN general purpose transistor
7 September 2022
2PD601ART-Q NEXPERIA-2PD601ART-Q Datasheet
231Kb / 11P
   50 V, 100 mA NPN general-purpose transistor
12 January 2022
2PD601ASW-Q NEXPERIA-2PD601ASW-Q Datasheet
226Kb / 11P
   50 V, 100 mA NPN general purpose transistor
7 September 2022
2PD601ASW NEXPERIA-2PD601ASW Datasheet
250Kb / 9P
   50 V, 100 mA NPN general purpose transistor
1 October 2022
PDTC143XQA NEXPERIA-PDTC143XQA Datasheet
2Mb / 22P
   50 V, 100 mA NPN resistor-equipped transistors
PDTC143EQC-Q_SER NEXPERIA-PDTC143EQC-Q_SER Datasheet
331Kb / 18P
   50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com