Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7104E Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SAA7104E
Description  Digital video encoder
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAA7104E Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SAA7104E Datasheet HTML 5Page - NXP Semiconductors SAA7104E Datasheet HTML 6Page - NXP Semiconductors SAA7104E Datasheet HTML 7Page - NXP Semiconductors SAA7104E Datasheet HTML 8Page - NXP Semiconductors SAA7104E Datasheet HTML 9Page - NXP Semiconductors SAA7104E Datasheet HTML 10Page - NXP Semiconductors SAA7104E Datasheet HTML 11Page - NXP Semiconductors SAA7104E Datasheet HTML 12Page - NXP Semiconductors SAA7104E Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
SAA7104E_SAA7105E_2
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 — 23 December 2005
9 of 78
Philips Semiconductors
SAA7104E; SAA7105E
Digital video encoder
In order to display interlaced RGB signals through a euro-connector TV set, a separate
digital composite sync signal (pin HSM_CSYNC) can be generated; it can be advanced
up to 31 periods of the 27 MHz crystal clock in order to be adapted to the RGB processing
of a TV set.
The SAA7104E; SAA7105E synthesizes all necessary internal signals, color subcarrier
frequency and synchronization signals from that clock.
Wide screen signalling data can be loaded via the I2C-bus and is inserted into line 23 for
standards using a 50 Hz field rate.
VPS data for program dependent automatic start and stop of such featured VCRs is
loadable via the I2C-bus.
The IC also contains closed caption and extended data services encoding (line 21), and
supports teletext insertion for the appropriate bit stream format at a 27 MHz clock rate
(see Figure 15). It is also possible to load data for the copy generation management
system into line 20 of every field (525/60 line counting).
A number of possibilities are provided for setting different video parameters such as:
Black and blanking level control
Color subcarrier frequency
Variable burst amplitude etc.
7.1 Reset conditions
To activate the reset a pulse at least of 2 crystal clocks duration is required.
During reset (RESET = LOW) plus an extra 32 crystal clock periods, FSVGC, VSVGC,
CBO, HSVGC and TTX_SRES are set to input mode and HSM_CSYNC and VSM are set
to 3-state. A reset also forces the I2C-bus interface to abort any running bus transfer and
sets it into receive condition.
After reset, the state of the I/Os and other functions is defined by the strapping pins until
an I2C-bus access redefines the corresponding registers; see Table 5.
Table 5:
Strapping pins
Pin
Tied
Preset
FSVGC
LOW
NTSC M encoding, PIXCLK fits to 640
× 480 graphics input
HIGH
PAL B/G encoding, PIXCLK fits to 640
× 480 graphics input
VSVGC
LOW
4:2:2 Y-CB-CR graphics input (format 0)
HIGH
4:4:4 RGB graphics input (format 3)
CBO
LOW
input demultiplex phase: LSB = LOW
HIGH
input demultiplex phase: LSB = HIGH
HSVGC
LOW
input demultiplex phase: MSB = LOW
HIGH
input demultiplex phase: MSB = HIGH
TTXRQ_XCLKO2
LOW
slave (FSVGC, VSVGC and HSVGC are inputs, internal color bar
is active)
HIGH
master (FSVGC, VSVGC and HSVGC are outputs)


Similar Part No. - SAA7104E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
   Digital video encoder
2004 Mar 04
More results

Similar Description - SAA7104E

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
   Digital Video Encoder
logo
NXP Semiconductors
SAF7129AH NXP-SAF7129AH Datasheet
198Kb / 56P
   Digital video encoder
2004 Mar 16
SAA7128H PHILIPS-SAA7128H Datasheet
192Kb / 56P
   Digital video encoder
2000 Mar 08
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
   Digital video encoder
2004 Mar 04
SAA7102 NXP-SAA7102_06 Datasheet
420Kb / 84P
   Digital video encoder
Rev. 04-18 January 2006
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
   Digital Video Encoder
logo
Rohm
BU9969KN ROHM-BU9969KN Datasheet
404Kb / 6P
   Digital video encoder
logo
Sony Corporation
CXD1913AQ SONY-CXD1913AQ Datasheet
405Kb / 36P
   Digital Video Encoder
logo
NXP Semiconductors
SAA7128A PHILIPS-SAA7128A Datasheet
262Kb / 55P
   Digital video encoder
2003 Dec 09
SAA7104H PHILIPS-SAA7104H Datasheet
354Kb / 71P
   Digital video encoder
2004 Mar 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com