Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD5V0S1UJ Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PESD5V0S1UJ
Description  Unidirectional ESD protection for transient voltage suppression
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD5V0S1UJ Datasheet(HTML) 5 Page - NXP Semiconductors

  PESD5V0S1UJ Datasheet HTML 1Page - NXP Semiconductors PESD5V0S1UJ Datasheet HTML 2Page - NXP Semiconductors PESD5V0S1UJ Datasheet HTML 3Page - NXP Semiconductors PESD5V0S1UJ Datasheet HTML 4Page - NXP Semiconductors PESD5V0S1UJ Datasheet HTML 5Page - NXP Semiconductors PESD5V0S1UJ Datasheet HTML 6Page - NXP Semiconductors PESD5V0S1UJ Datasheet HTML 7Page - NXP Semiconductors PESD5V0S1UJ Datasheet HTML 8Page - NXP Semiconductors PESD5V0S1UJ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PESD5V0S1UJ_PESD12VS1UJ_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 3 June 2009
5 of 14
NXP Semiconductors
PESD5V0S1UJ; PESD12VS1UJ
Unidirectional ESD protection for transient voltage suppression
7.
Characteristics
[1]
Non-repetitive current pulse 8/20
µs exponential decay waveform according to IEC 61000-4-5.
Table 10.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRWM
reverse standoff voltage
PESD5V0S1UJ
-
-
5
V
PESD12VS1UJ
-
-
12
V
IRM
reverse leakage current
PESD5V0S1UJ
VRWM = 5 V
-
0.3
4
µA
PESD12VS1UJ
VRWM = 12 V
-
< 1
100
nA
VBR
breakdown voltage
IR =5mA
PESD5V0S1UJ
6.2
6.8
7.3
V
PESD12VS1UJ
13.3
14.5
15.75
V
Cd
diode capacitance
f = 1 MHz;
VR =0V
PESD5V0S1UJ
-
480
530
pF
PESD12VS1UJ
-
160
180
pF
VCL
clamping voltage
[1]
PESD5V0S1UJ
IPP = 47 A
--19
V
IPP = 25 A
-
-
13.5
V
IPP = 5 A
-
-
9.8
V
PESD12VS1UJ
IPP = 22.5 A
-
-
27
V
IPP = 15 A
-
-
23.5
V
IPP = 5 A
--19
V
rdif
differential resistance
IR =5mA
PESD5V0S1UJ
-
2
100
PESD12VS1UJ
-
5
100


Similar Part No. - PESD5V0S1UJ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0S1UJ NEXPERIA-PESD5V0S1UJ Datasheet
659Kb / 14P
   Unidirectional ESD protection for transient voltage suppression
Rev. 01 - 3 June 2009
logo
Guangdong Youtai Semico...
PESD5V0S1UJ UMW-PESD5V0S1UJ Datasheet
374Kb / 6P
   Transient Voltage Suppression (TVS) protection of one line
More results

Similar Description - PESD5V0S1UJ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0S1UJ NEXPERIA-PESD5V0S1UJ Datasheet
659Kb / 14P
   Unidirectional ESD protection for transient voltage suppression
Rev. 01 - 3 June 2009
PESD5V0S1UA NEXPERIA-PESD5V0S1UA Datasheet
662Kb / 14P
   Unidirectional ESD protection for transient voltage suppression
Rev. 01 - 9 February 2009
PESD12VS1UA-Q NEXPERIA-PESD12VS1UA-Q Datasheet
242Kb / 12P
   Unidirectional ESD protection for transient voltage suppression
13 June 2022
PESD12VS1UJ-Q NEXPERIA-PESD12VS1UJ-Q Datasheet
228Kb / 11P
   Unidirectional ESD protection for transient voltage suppression
13 June 2022
logo
NXP Semiconductors
PESD5V0S1UA NXP-PESD5V0S1UA Datasheet
107Kb / 14P
   Unidirectional ESD protection for transient voltage suppression
Rev. 01-9 February 2009
logo
AiT Semiconductor Inc.
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com