Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM27342QMYX Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM27342QMYX
Description  2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27342QMYX Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM27342QMYX Datasheet HTML 1Page - National Semiconductor (TI) LM27342QMYX Datasheet HTML 2Page - National Semiconductor (TI) LM27342QMYX Datasheet HTML 3Page - National Semiconductor (TI) LM27342QMYX Datasheet HTML 4Page - National Semiconductor (TI) LM27342QMYX Datasheet HTML 5Page - National Semiconductor (TI) LM27342QMYX Datasheet HTML 6Page - National Semiconductor (TI) LM27342QMYX Datasheet HTML 7Page - National Semiconductor (TI) LM27342QMYX Datasheet HTML 8Page - National Semiconductor (TI) LM27342QMYX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
//htmlimg2.alldatasheet.com/htmldatasheet2/394353/NSC/LM27342QMYX/314/5/LM27342QMYX.png


Similar Part No. - LM27342QMYX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM27342QMYX/NOPB TI-LM27342QMYX/NOPB Datasheet
2Mb / 44P
[Old version datasheet]   LM27341/LM27342/LM27341-Q1/LM27342-Q1 2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
More results

Similar Description - LM27342QMYX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27341 NSC-LM27341 Datasheet
717Kb / 30P
   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
logo
Texas Instruments
LM27341 TI1-LM27341_14 Datasheet
1Mb / 42P
[Old version datasheet]   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
LM27341 TI-LM27341_15 Datasheet
2Mb / 44P
[Old version datasheet]   LM27341/LM27342/LM27341-Q1/LM27342-Q1 2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
logo
National Semiconductor ...
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI1-LM2831_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 1.5A Load - Step-Down DC-DC Regulator
LM2738 TI1-LM2738_16 Datasheet
1Mb / 40P
[Old version datasheet]   1.5A Step-Down DC-DC Switching Regulator
logo
Linear Technology
LTC3838EFE LINER-LTC3838EFE Datasheet
282Kb / 10P
   Wide Input Range, High Efficiency Step-Down DC/DC Converter
logo
Analog Devices
ADP1851 AD-ADP1851 Datasheet
1Mb / 24P
   Wide Range Input, Synchronous, Step-Down DC-to-DC Controller
REV. B
logo
Linear Technology
LTC3833EFE LINER-LTC3833EFE Datasheet
205Kb / 8P
   Wide Input Range, High Efficiency Step-Down DC/DC Converter
logo
Eutech Microelectronics...
EUP3291 EUTECH-EUP3291 Datasheet
736Kb / 1P
   1.5A, 2.25MHz Synchronous Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com