Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

777207-28 Datasheet(PDF) 4 Page - National Instruments Corporation

Part # 777207-28
Description  SCXI Terminal Blocks
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

777207-28 Datasheet(HTML) 4 Page - National Instruments Corporation

  777207-28 Datasheet HTML 1Page - National Instruments Corporation 777207-28 Datasheet HTML 2Page - National Instruments Corporation 777207-28 Datasheet HTML 3Page - National Instruments Corporation 777207-28 Datasheet HTML 4Page - National Instruments Corporation 777207-28 Datasheet HTML 5Page - National Instruments Corporation 777207-28 Datasheet HTML 6Page - National Instruments Corporation 777207-28 Datasheet HTML 7Page - National Instruments Corporation 777207-28 Datasheet HTML 8Page - National Instruments Corporation 777207-28 Datasheet HTML 9Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SCXI Terminal Blocks
4
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Figure 7. SCXI-1328 Terminal Block
Figure 6. SCXI-1327 Terminal Block
Figure 5. SCXI-1321 Terminal Block
Figure 4. SCXI-1320 Terminal Block
SCXI-1314 ........................................................................................................................777687-14
Front-mounting terminal block for the SCXI-1520 module. With factory-installed and socketed
350
Ω quarter-bridge completion resistors for each channel. Eight 120 Ω resistors for use with
120
Ω quarter-bridge strain gauges are included, but not installed. It also includes two factory-
installed, socketed 100 k
Ω shunt calibration resistors per channel.
SCXI-1315 ........................................................................................................................777687-15
8-channel front-mounting terminal block for the SCXI-1540 LVDT with six terminals for each
LVDT channel – CH+, CH-, EX+, EX-, Synch, and GND.
SCXI-1320 (see Figure 4) ................................................................................................777687-20
General-purpose terminal block for connecting signals to the SCXI-1120/D, SCXI-1121, SCXI-1125,
and SCXI-1126 modules. It includes an onboard temperature sensor for cold-junction
compensation using thermocouples, but the SCXI-1328 is recommended for precision
thermocouple measurements.
SCXI-1321 (see Figure 5) ................................................................................................777687-21
Adds nulling and shunt calibration to SCXI-1121 strain guage applications. With a front-panel
trimming potentiometer, you can manually null out the offset voltage of bridge transducers. Each
channel includes shunt calibration circuits. When activated, a switch connects a 301 k
Ω shunt
resistor in parallel with the strain gauge. Both the nulling resistor and the shunt resistor are
socketed for easy customization.
SCXI-1322 ........................................................................................................................777687-22
Terminal block required to connect signals to the SCXI-1122 module that includes an onboard
temperature sensor for cold-junction compensation.
SCXI-1324 ........................................................................................................................777687-24
High-voltage terminal block with 48 screw terminals for the SCXI-1160 relay module.
SCXI-1325 ........................................................................................................................777687-25
26-screw terminal block for the SCXI-1124 module.
SCXI-1326 ........................................................................................................................777687-26
High-voltage terminal block with 48 screw terminals for the SCXI-1162 Series and SCXI-1163
Series modules.
SCXI-1327 (see Figure 6) ................................................................................................777687-27
With the SCXI-1327 you can extend the input range of the SCXI-1120/D, SCXI-1121 and
SCXI-1125 to ±300 Vrms, and extend the threshold level of the SCXI-1126 module from 5 V up
to 300 V. The extended input voltage range is enabled or disabled on a per-channel basis using
switches located within the SCXI-1327. The SCXI-1327 also includes an onboard temperature
sensor for cold-junction compensation with thermocouples. Using the SCXI-1327 reduces the
input impedance of your SCXI module to 1 M
Ω.
SCXI-1328 (see Figure 7) ................................................................................................777687-28
Isothermal terminal block with a high-precision cold-junction sensor for high-accuracy
thermocouple applications with the SCXI-1120/D, SCXI-1121, or SCXI-1125.


Similar Part No. - 777207-28

ManufacturerPart #DatasheetDescription
logo
3M Electronics
7772 3M-7772 Datasheet
4Mb / 12P
   3M??EMI/EMC Electronic Materials
logo
Winchester Electronics ...
7772-2 WINCHESTER-7772-2 Datasheet
64Kb / 1P
   ADAPTER, F-F, PANEL, MINIATURE, BNC TO VIDEO
7772-4 WINCHESTER-7772-4 Datasheet
79Kb / 1P
   MIDSIZE SINGLE VIDEO JK
77721 WINCHESTER-77721 Datasheet
71Kb / 1P
   ADAPTER, F-F, PANEL, MINIATURE, BNC TO VIDEO
logo
National Instruments Co...
777271-01 NI-777271-01 Datasheet
385Kb / 9P
   Digital I/O, 24 or 96 Lines, 5 V TTL/CMOS
More results

Similar Description - 777207-28

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
TBX-1316 NI-TBX-1316 Datasheet
130Kb / 3P
   SCXI High-Voltage Attenuator Terminal Block
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
   Terminal Blocks
BNH IDEC-BNH Datasheet
1Mb / 4P
   Terminal Blocks
logo
Altech corporation
38064 ALTECH-38064 Datasheet
90Kb / 1P
   SPLICER TERMINAL BLOCKS
logo
Tyco Electronics
1437416-2 MACOM-1437416-2 Datasheet
17Mb / 69P
   BUCHANAN Terminal Blocks
logo
WAGO Kontakttechnik Gmb...
SMD WAGO-SMD Datasheet
1,015Kb / 8P
   SMD Terminal Blocks
06/2014
logo
Cooper Bussmann, Inc.
14002-2 COOPER-14002-2 Datasheet
55Kb / 1P
   Barrier Terminal Blocks
logo
Adam Technologies, Inc.
E333935 ADAM-TECH-E333935 Datasheet
38Kb / 2P
   Terminal Blocks - Component
logo
List of Unclassifed Man...
TSB13 ETC1-TSB13 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
0456360000 ETC1-0456360000 Datasheet
96Kb / 2P
   Rail Mounted Terminal Blocks
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com