Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

777420-01 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # 777420-01
Description  Configurable Signal Conditioning Enclosure
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

777420-01 Datasheet(HTML) 1 Page - National Instruments Corporation

  777420-01 Datasheet HTML 1Page - National Instruments Corporation 777420-01 Datasheet HTML 2Page - National Instruments Corporation 777420-01 Datasheet HTML 3Page - National Instruments Corporation 777420-01 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Configurable Signal Conditioning Enclosure
Overview
The National Instruments CA-1000 is a configurable enclosure
designed for maximum user-defined I/O connectivity and flexibility.
It is a portable enclosure for laptop, desktop, and rack-mount
applications. You can install many NI accessories in the NI CA-1000,
such as the SC-204x signal conditioning products, and the SCB-68,
CB-68LPR,
and
CB-50LP
terminal
blocks.
The
result
is a compact, portable, flexible, and comprehensive signal
conditioning/interconnection system. The CA-1000 also facilitates
quick connection and disconnection with standard I/O connectors
for easy system integration and reconfiguration. By adding interface
panelettes, such as toggle switches, potentiometers, and LEDs, you
can control and verify system operation locally.
CA-1000 Enclosure
The metal enclosure provides a low-profile, portable housing for
signal conditioning and connector accessories. You can place the
enclosure under a laptop PC, on a benchtop, or in a 19 in. rack.
You can also stack two or more enclosures with the stacking kit.
The CA-1000 enclosure includes five cable entry options, so you can
place the 68-pin or 50-pin connector for the cable to your DAQ
device on either the side or the rear of the CA-1000 enclosure. Please
note that the CA-1000 is shipped without any panelettes, signal
conditioning accessories, connector blocks, or cables. These
components must be ordered separately.
Internal Accessories
The CA-1000 houses a variety of signal conditioning and data
acquisition
accessories,
including
the
SC-204x,
SCB-68,
CB-68LPR, and CB-50LP. You mount these accessories using
hardware in the bottom panel of the CA-1000 enclosure. To install
the SCB-68 in the CA-1000, you must first remove it from its own
metal enclosure.
I/O Panelettes
The CA-1000 includes a user-configurable signal connection
scheme.
This
connectivity
flexibility
is
achieved
with
interchangeable panelettes. The panelettes, which come with
standard signal connectors – for example, BNC, SMB, banana jack,
thermocouple plugs, and LEMO, MIL-Spec, and 9-pin D-Sub
connectors – mount in the front of the CA-1000 enclosure.
The CA-1000 front panel offers nine panelette slots. The rear panel
can also be removed offering nine more panelette slots. However,
this option is not available if you are using the SCB-68 inside the
CA-1000. You can mix and match different types of panelettes. Each
panelette (except for the strain-relief panel) includes lead wires that
you connect to the screw terminals of the accessory mounted inside
the CA-1000. You can therefore connect the panelettes to any I/O
signal available on the accessory.
•Versatile connector/enclosure system
•Houses signal conditioning and
connector block accessories
•Wide variety of I/O connectivity
and panelette options
•Holds maximum of
18 connectivity/interface panelettes
•Low-profile enclosure
•Rack-mount and stacking
kits available
I/O Connectivity Options
• BNC
•Thermocouple
•Banana jack
• LEMO connector (B-Series)
•MIL-spec
• SMB
• 9-pin D-Sub
•Strain relief
Interface Panelettes
•Momentary pushbutton
•Potentiometer
•Toggle switch
•Rocker switch
• LED
NI CA-1000


Similar Part No. - 777420-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7774 ETC2-7774 Datasheet
545Kb / 1P
   PC SCREW TERMINALS
logo
CommScope Inc.
7774061 COMMSCOPE-7774061 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
logo
National Instruments Co...
777431-01 NI-777431-01 Datasheet
560Kb / 3P
   GPIB Interface for PCI Mezzanine Bus
logo
CommScope Inc.
7774353-00 COMMSCOPE-7774353-00 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
7774354-00 COMMSCOPE-7774354-00 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
More results

Similar Description - 777420-01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
   Signal Conditioning ADC
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
   Signal Conditioning ADC
logo
MORNSUN Science& Techno...
T797HL MORNSUN-T797HL_15 Datasheet
1Mb / 6P
   Signal conditioning module
logo
Analog Devices
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
logo
Honeywell Solid State E...
DC005NDC4 HONEYWELL-DC005NDC4 Datasheet
129Kb / 4P
   Signal Conditioning: Amplified
logo
Analog Devices
AD7710AR-REEL7 AD-AD7710AR-REEL7 Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
AD7714 AD-AD7714_15 Datasheet
298Kb / 40P
   Signal Conditioning ADC
REV. C
AD7710 AD-AD7710_15 Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
logo
MORNSUN Science& Techno...
TF5134N MORNSUN-TF5134N_15 Datasheet
306Kb / 5P
   Signal conditioning modules
TEM4540CN MORNSUN-TEM4540CN_15 Datasheet
752Kb / 4P
   Signal conditioning modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com