Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-1437558-0 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 3-1437558-0
Description  Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1437558-0 Datasheet(HTML) 5 Page - Tyco Electronics

  3-1437558-0 Datasheet HTML 1Page - Tyco Electronics 3-1437558-0 Datasheet HTML 2Page - Tyco Electronics 3-1437558-0 Datasheet HTML 3Page - Tyco Electronics 3-1437558-0 Datasheet HTML 4Page - Tyco Electronics 3-1437558-0 Datasheet HTML 5Page - Tyco Electronics 3-1437558-0 Datasheet HTML 6Page - Tyco Electronics 3-1437558-0 Datasheet HTML 7Page - Tyco Electronics 3-1437558-0 Datasheet HTML 8Page - Tyco Electronics 3-1437558-0 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
C47
C
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
MTF Series
Toggle Switches, MT Series, Wire Lug, Flat Actuator
SEE PAGE C43 FOR PRODUCT SPECIFICATIONS
For terminal connections refer to Code Chart. (See Page M5-6)
SPDT
MTF106D
Satin Chrome
Bright Chrome
Tyco Electronics Alcoswitch
Tyco Electronics Alcoswitch
Type
Act. Code P. M5
8-1437558-3
MTF106D
8-1437558-8
MTF126D
SPDT
1
On None On
8-1437558-4
MTF106E
8-1437558-9
MTF126E
SPDT
5
On Off On
8-1437558-5
MTF106F
9-1437558-0
MTF126F
SPDT
1
On None (On)
8-1437558-6
MTF106G
9-1437558-1
MTF126G
SPDT
5
(On) Off (On)
8-1437558-7
MTF106H
SPDT
5
On Off (On)
(On) indicates momentary position.
DPDT/SP3T
MTF206N
Satin Chrome
Bright Chrome
Tyco Electronics Alcoswitch
Tyco Electronics Alcoswitch
Type
Act. Code P. M5
9-1437558-2
MTF206N
9-1437558-9
MTF226N
DPDT
2
On None On
9-1437558-3
MTF206P
1437559-1
MTF226P
DPDT
6
On Off On
9-1437558-5
MTF206R
DPDT
2
On None (On)
9-1437558-6
MTF206S
1437559-4
MTF226S
DPDT
6
(On) Off (On)
9-1437558-8
MTF206T
DPDT
6
On Off (On)
9-1437558-4
*MTF206PA
1437559-2
*MTF226PA SP3T
11
On On On
9-1437558-7
*MTF206SA
1437559-5
*MTF226SA SP3T
11
(On) On (On)
*Note: PA & SA types have case .100/(2.50) longer than other types.
3PDT
Satin Chrome
Bright Chrome
Tyco Electronics Alcoswitch
Tyco Electronics Alcoswitch
Type
Act. Code P. M5
1437559-6
MTF306D
1437559-7
MTF326D
3PDT
3
On None On
Satin Chrome
Bright Chrome
Tyco Electronics Alcoswitch
Tyco Electronics Alcoswitch
Type
Act. Code P. M5
1437559-8
MTF406N
1437559-9
MTF426N
4PDT
4
On None On
.022 Dp. x .040 W
(0.55) Dp. x 1.00 W
Keyway
.120
(3.00)
Dia.
24˚
1/4-40
UNS-2A
.485
(12.32)
.315
(8.00)
.492
(12.50)
.157
(4.00)
.030
(0.76) Typ.
.701
(17.81)
.512
(13.00)
.170
(4.32)
.190
(4.83)
.200
(5.10)
1/4-40 UNS-2A
.485
(12.32)
.100
(2.50)
.315
(8.00)
.394
(10.00)
.030
(0.76)
TYP.
.157
(4.00)
24
.022 Dp. x .040 W
(0.55 Dp. x 1.00 W)
KEYWAY
.512
(13.00)
.512
(13.00)
.190
(4.80)
TYP.
(6.20)
.512
(13.00)
.315
(8.00)
.200
(5.10)
1/4-40 UNS-2A
.485
(12.32)
.100
(2.50)
.315
(8.00)
.394
(10.00)
.030
(0.76)
TYP.
.157
(4.00)
TYP.
24
.022 Dp. x .040 W
(0.55 Dp. x 1.00 W)
KEYWAY
MTF406N
4PDT
.200
(5.10)
1/4-40 UNS-2A
.485
(12.32)
.100
(2.50)
.315
(8.00)
.492
(12.50)
.030
(0.76)
TYP.
.170
(4.30)
TYP.
.157
(4.00)
24
.022 Dp. x .040 W
(0.55 Dp. x 1.00 W)
KEYWAY
.190
(4.80)
TYP.
.512
(13.00)
.890
(22.60)
MTF306D
.086
(2.18)
.039 x .078
(1.00 x 1.98)
Oblong Hole
.086
(2.18)
.039 x .078
(1.00 x 1.98)
Oblong Hole
.086
(2.18)
.039 x .078
(1.00 x 1.98)
Oblong Hole
.086
(2.18)
.039 x .078
(1.00 x 1.98)
Oblong Hole
.252
(6.40)
Dia.
.032
(0.81)
.228
(5.79)
.095
(2.41)
.244
(6.20)
.252
(6.40)
Dia.
.032
(0.81)
.228
(5.79)
.095
(2.41)
.244
(6.20)
.252
(6.40)
Dia.
.032
(0.81)
.228
(5.79)
.095
(2.41)
.244
(6.20)
.252
(6.40)
Dia.
.032
(0.81)
.228
(5.79)
.095
(2.41)
.244
(6.20)


Similar Part No. - 3-1437558-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1437558-0 MACOM-3-1437558-0 Datasheet
487Kb / 3P
   TOGGLE SWITCH
3-1437558-0 MACOM-3-1437558-0 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
More results

Similar Description - 3-1437558-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437559-5 MACOM-2-1437559-5 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437559-6 MACOM-2-1437559-6 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
N1B MACOM-N1B Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437559-7 MACOM-2-1437559-7 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437559-4 MACOM-2-1437559-4 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437559-1 MACOM-2-1437559-1 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437628-4 MACOM-2-1437628-4 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
logo
List of Unclassifed Man...
6612 ETC-6612 Datasheet
86Kb / 1P
   Wire Lead Toggle & Push Button Switches
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
logo
NTE Electronics
54-020 NTE-54-020 Datasheet
5Mb / 21P
   Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com