Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

777459-05 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # 777459-05
Description  SCC Configuration Guide
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

777459-05 Datasheet(HTML) 1 Page - National Instruments Corporation

  777459-05 Datasheet HTML 1Page - National Instruments Corporation 777459-05 Datasheet HTML 2Page - National Instruments Corporation 777459-05 Datasheet HTML 3Page - National Instruments Corporation 777459-05 Datasheet HTML 4Page - National Instruments Corporation 777459-05 Datasheet HTML 5Page - National Instruments Corporation 777459-05 Datasheet HTML 6Page - National Instruments Corporation 777459-05 Datasheet HTML 7Page - National Instruments Corporation 777459-05 Datasheet HTML 8Page - National Instruments Corporation 777459-05 Datasheet HTML 9Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SCC Configuration Guide
Configure Your SCC System in Six Steps
Step 1 – Select Your SCC Modules (Table 1)
Analog input, analog output, and digital I/O modules have dedicated
slots. You can select up to eight noncascaded modules for analog input
and eight modules for digital I/O. You can install feedthrough modules in
any slot, but they are especially useful for accessing counter/timers on
your M Series, E Series, or B Series multifunction DAQ device.
Step 2 – Choose an SCC Carrier (Table 2)
SCC carriers are available either with a hinged lid or with
configurable connectors using panelettes. Hinged lids provide quick
access to the modules. Configurable connectors provide custom signal-
interface options.
Step 3 – Select Your Panelettes (Table 3)
If you have chosen an SCC carrier with configurable connectors, you can
also select connector and interface panelettes. Different carriers offer
different numbers of panelette slots. Also, some panelettes occupy more
than one slot.
Step 4 – Determine Your Power Option (Table 4)
You can power an SCC system using a +5 VDC, 120/240 VAC, or
7 to 42 VDC external power source. To indicate the power option for your
SCC system, select 01, 02, or 03 as the last two digits of the part number
of the SC-2345 or SC-2350 carrier.
Please note that if you choose power option 01, it is possible to power
your SCC system using the internal power source of your DAQ device.
For DAQCard and DAQPad devices, the total power required by your SCC
modules must be less than 800 mW (490 mW of analog power). For PCI
or PXI and M Series or E Series multifunction DAQ devices, the total
power required by your SCC modules must be less than 4.55 W (1.74 W
for analog modules). Additional power modules are sold separately. To
determine the power requirements of the modules in your SCC DAQ
system, use the online SCC Advisor at ni.com/advisors.
Step 5 – Select Your DAQ Device and Cable (Table 5)
Select the DAQ device to control your system.
Step 6 – Select Your Accessories
Choose from rack/panel-mount kits and stacking kits. You can also select
additional power kits separately if your application requires multiple
power configurations.
• Ideal for portable measurement systems
• Wide variety of direct signal and sensor
connectivity options
• Wide range of analog and digital
conditioning options
• Measurement type selectable
on a per-channel basis
• Front-end signal conditioning
for M Series, E Series, and some
B Series multifunction DAQ devices
SCC – Portable, Low-Cost
Signal Conditioning


Similar Part No. - 777459-05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7774 ETC2-7774 Datasheet
545Kb / 1P
   PC SCREW TERMINALS
logo
CommScope Inc.
7774061 COMMSCOPE-7774061 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
logo
National Instruments Co...
777420-01 NI-777420-01 Datasheet
823Kb / 4P
   Configurable Signal Conditioning Enclosure
777431-01 NI-777431-01 Datasheet
560Kb / 3P
   GPIB Interface for PCI Mezzanine Bus
logo
CommScope Inc.
7774353-00 COMMSCOPE-7774353-00 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
More results

Similar Description - 777459-05

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT116B7 CTS-RT116B7 Datasheet
70Kb / 2P
   Configuration Selector Guide
logo
Silicon Laboratories
AN957 SILABS-AN957 Datasheet
2Mb / 25P
   TouchXpress Configuration and Profiling Guide
logo
Maxim Integrated Produc...
UG6040 MAXIM-UG6040 Datasheet
1,004Kb / 59P
   MAX11300/MAX11301 PIXI Configuration Software User Guide
Rev 0, 1/15
logo
STMicroelectronics
EVAL6207N STMICROELECTRONICS-EVAL6207N Datasheet
411Kb / 34P
   PractiSPIN evaluation system configuration and set up guide
AN1794 STMICROELECTRONICS-AN1794 Datasheet
411Kb / 34P
   PractiSPIN evaluation system configuration and set up guide
logo
Zilog, Inc.
ZRE200BP ZILOG-ZRE200BP Datasheet
54Kb / 8P
   ZMOTION Detection Lens and Pyro Sensor Configuration Guide
logo
Intel Corporation
82530 INTEL-82530 Datasheet
1Mb / 32P
   SERIAL COMMUNICATIONS CONTROLLER (SCC)
logo
Wurth Elektronik GmbH &...
744282100 WURTH-744282100 Datasheet
261Kb / 2P
   Stromkompensierter SMD Line Filter WE-SCC
logo
PHOENIX CONTACT
2901642 PHOENIX-2901642 Datasheet
972Kb / 25P
   Patch panels - FL-PP-RJ45-SCC
Dec 6, 2022
logo
National Instruments Co...
SC-2345 NI-SC-2345 Datasheet
269Kb / 5P
   Portable, Shielded SCC Module Carriers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com