Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3824-xx-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS3824-xx-Q1
Description  PROCESSOR SUPERVISORY CIRCUITS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3824-xx-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS3824-xx-Q1 Datasheet HTML 5Page - Texas Instruments TPS3824-xx-Q1 Datasheet HTML 6Page - Texas Instruments TPS3824-xx-Q1 Datasheet HTML 7Page - Texas Instruments TPS3824-xx-Q1 Datasheet HTML 8Page - Texas Instruments TPS3824-xx-Q1 Datasheet HTML 9Page - Texas Instruments TPS3824-xx-Q1 Datasheet HTML 10Page - Texas Instruments TPS3824-xx-Q1 Datasheet HTML 11Page - Texas Instruments TPS3824-xx-Q1 Datasheet HTML 12Page - Texas Instruments TPS3824-xx-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TPS3820-xx-Q1, TPS3823-xx-Q1, TPS3824-xx-Q1, TPS3825-xx-Q1, TPS3828-xx-Q1
PROCESSOR SUPERVISORY CIRCUITS
SGLS143B − DECEMBER 2002 − REVISED JUNE 2008
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
0
−50
IOH − High-Level Output Current − μA
VDD = 3.2 V
WDI = Open
MR = Open
−40
°C
85
°C
−100
−150
−200
−250
3
2.5
2
1.5
1
0.5
0
3.5
Figure 7
0
IOH − High-Level Output Current − μA
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
VDD = 5.5 V
WDI = Open
MR = Open
−40
°C
85
°C
−100
−200
−300
−400
6
5
4
3
2
1
0
−500
−600
−700
Figure 8
0
6
200
400
600
800
4
2
0
MINIMUM PULSE DURATION AT VDD
vs
VDD THRESHOLD OVERDRIVE
1000
8
VDD − Threshold Overdrive − mV
10
WDI = Open
MR = Open


Similar Part No. - TPS3824-xx-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3824-XX TI-TPS3824-XX Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3824-XX TI-TPS3824-XX Datasheet
295Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3824-XX TI-TPS3824-XX Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
More results

Similar Description - TPS3824-xx-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
logo
Texas Instruments
TPS3820- TI-TPS3820- Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVR TI1-TPS3820-33DBVR Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX TI-TPS3820-XX Datasheet
295Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33 TI1-TPS3820-33 Datasheet
635Kb / 20P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com