Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1GX04DBVRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74LVC1GX04DBVRG4
Description  CRYSTAL OSCILLATOR DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC1GX04DBVRG4 Datasheet(HTML) 1 Page - Texas Instruments

  74LVC1GX04DBVRG4 Datasheet HTML 1Page - Texas Instruments 74LVC1GX04DBVRG4 Datasheet HTML 2Page - Texas Instruments 74LVC1GX04DBVRG4 Datasheet HTML 3Page - Texas Instruments 74LVC1GX04DBVRG4 Datasheet HTML 4Page - Texas Instruments 74LVC1GX04DBVRG4 Datasheet HTML 5Page - Texas Instruments 74LVC1GX04DBVRG4 Datasheet HTML 6Page - Texas Instruments 74LVC1GX04DBVRG4 Datasheet HTML 7Page - Texas Instruments 74LVC1GX04DBVRG4 Datasheet HTML 8Page - Texas Instruments 74LVC1GX04DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.ti.com
FEATURES
See mechanical drawings for dimensions.
DNU – Do not use
NC – No internal connection
DBV PACKAGE
(TOP VIEW)
6
5
1
Y
V
CC
NC
2
GND
3
4
X1
X2
DRL PACKAGE
(TOP VIEW)
2
GND
Y
V
CC
6
5
1
NC
3
4
X1
X2
DCK PACKAGE
(TOP VIEW)
2
GND
3
4
X1
Y
V
CC
6
5
NC
X2
1
YEP OR YZP PACKAGE
(BOTTOM VIEW)
2
GND
Y
V
CC
1 5
5
DNU
X1
4
3
X2
DESCRIPTION/ORDERING INFORMATION
SN74LVC1GX04
CRYSTAL OSCILLATOR DRIVER
SCES581B – JULY 2004 – REVISED DECEMBER 2006
• Available in Texas Instruments NanoStar™
• ±24-mA Output Drive at 3.3 V
and NanoFree™ Packages
• I
off Supports Partial-Power-Down Mode
• Supports 5-V V
CC Operation
Operation
• Inputs Accept Voltages to 5.5 V
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• One Unbuffered Inverter (SN74LVC1GU04)
and One Buffered Inverter (SN74LVC1G04)
• ESD Protection Exceeds JESD 22
• Suitable for Commonly Used Clock
2000-V Human-Body Model (A114-A)
Frequencies:
200-V Machine Model (A115-A)
15 kHz, 3.58 MHz, 4.43 MHz, 13 MHz,
1000-V Charged-Device Model (C101)
25 MHz, 26 MHz, 27 MHz, 28 MHz
• Max t
pd of 2.4 ns at 3.3 V
• Low Power Consumption, 10-µA Max I
CC
The SN74LVC1GX04 is designed for 1.65-V to 5.5-V VCC operation. This device incorporates the
SN74LVC1GU04 (inverter with unbuffered output) and the SN74LVC1G04 (inverter) functions into a single
device. The LVC1GX04 is optimized for use in crystal oscillator applications.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoStar™ – WCSP (DSBGA)
SN74LVC1GX04YEPR(3)
PREVIEW
0.23-mm Large Bump – YEP
Reel of 3000
NanoFree™ – WCSP (DSBGA)
SN74LVC1GX04YZPR(3)
PREVIEW
0.23-mm Large Bump – YZP (Pb-free)
Reel of 3000
SN74LVC1GX04DBVR
–40
°C to 85°C
SOT (SOT-23) – DBV
CX4_
Reel of 250
SN74LVC1GX04DBVT
Reel of 3000
SN74LVC1GX04DCKR
SOT (SC-70) – DCK
D2_
Reel of 250
SN74LVC1GX04DCKT
SOT (SOT-553) – DRL
Reel of 4000
SN74LVC1GX04DRLR
UC_
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBV/DCK/DRL: The actual top-side marking has one additional character that designates the assembly/test site.
YEP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
(3)
Package preview
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoStar, NanoFree are trademarks of Texas Instruments.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2004–2006, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - 74LVC1GX04DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVC1GX04DBVTG4 TI1-74LVC1GX04DBVTG4 Datasheet
1Mb / 27P
[Old version datasheet]   Crystal Oscillator Driver
More results

Similar Description - 74LVC1GX04DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1GX04 TI-SN74LVC1GX04 Datasheet
301Kb / 13P
[Old version datasheet]   CRYSTAL OSCILLATOR DRIVER
SN74LVC1GX04 TI1-SN74LVC1GX04_15 Datasheet
1Mb / 27P
[Old version datasheet]   Crystal Oscillator Driver
SN74LVC1GX04-EP TI1-SN74LVC1GX04-EP Datasheet
442Kb / 15P
[Old version datasheet]   CRYSTAL OSCILLATOR DRIVER
logo
NXP Semiconductors
CARD_74LVC1GX04 PHILIPS-CARD_74LVC1GX04 Datasheet
97Kb / 2P
   One chip crystal oscillator driver
August 2003
logo
Texas Instruments
SN74LVC1404 TI-SN74LVC1404_09 Datasheet
565Kb / 18P
[Old version datasheet]   OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
SN74LVC1404 TI-SN74LVC1404_07 Datasheet
466Kb / 17P
[Old version datasheet]   OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
SN74LVC1404 TI-SN74LVC1404 Datasheet
309Kb / 16P
[Old version datasheet]   OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
logo
STMicroelectronics
RHFOSC04 STMICROELECTRONICS-RHFOSC04 Datasheet
1Mb / 16P
   Rad-hard, crystal oscillator driver and divider
May 2020 Rev 1
logo
Vectron International, ...
PX-340 VECTRON-PX-340_11 Datasheet
254Kb / 4P
   Crystal Oscillator
logo
Epson ToYoCom
SG-771PCD EPSONTOYOCOM-SG-771PCD Datasheet
366Kb / 2P
   CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com