Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1GX04DBVRE4 Datasheet(PDF) 7 Page - Texas Instruments

Part # 74LVC1GX04DBVRE4
Description  CRYSTAL OSCILLATOR DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC1GX04DBVRE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button 74LVC1GX04DBVRE4 Datasheet HTML 3Page - Texas Instruments 74LVC1GX04DBVRE4 Datasheet HTML 4Page - Texas Instruments 74LVC1GX04DBVRE4 Datasheet HTML 5Page - Texas Instruments 74LVC1GX04DBVRE4 Datasheet HTML 6Page - Texas Instruments 74LVC1GX04DBVRE4 Datasheet HTML 7Page - Texas Instruments 74LVC1GX04DBVRE4 Datasheet HTML 8Page - Texas Instruments 74LVC1GX04DBVRE4 Datasheet HTML 9Page - Texas Instruments 74LVC1GX04DBVRE4 Datasheet HTML 10Page - Texas Instruments 74LVC1GX04DBVRE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
www.ti.com
APPLICATION INFORMATION
Values of C1 and C2 are chosen so that
C
L +
C
1C2
C
1 ) C2
and C1 ≡ C2. Rs is the current-limiting resistor, and the
of C2 at resonance frequency, i.e.,
Rs + XC
2
. RF is the feedback resistor that is used to bias the inverter in the
RF ≅ 2.2 MΩ
CL ≅ 16 pF
C1 ≅ 32 pF
C2 ≅ 32 pF
X2
X1
CLOAD
RLOAD
a) Logic Diagram View
Rs ≅ 1 kΩ
Y
SN74LVC1GU04
Portion
SN74LVC1G04
Portion
SN74LVC1GX04
CRYSTAL OSCILLATOR DRIVER
SCES581B – JULY 2004 – REVISED DECEMBER 2006
Figure 3 shows a typical application of the SN74LVC1GX04 in a Pierce oscillator circuit. The buffered inverter
(SN74LVC1G04 portion) produces a rail-to-rail voltage waveform. The recommended load for the crystal shown
in this example is 16 pF. The value of the recommended load (CL) can be found in the crystal manufacturer's
data sheet.
value depends on the maximum power dissipation of the crystal. Generally, the recommended value of Rs is
specified in the crystal manufacturer's data sheet and, usually, this value is approximately equal to the reactance
linear region of operation. Usually, the value is chosen to be within 1 M
Ω to 10 MΩ.
Figure 3. Oscillator Circuit
7
Submit Documentation Feedback


Similar Part No. - 74LVC1GX04DBVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVC1GX04DBVTG4 TI1-74LVC1GX04DBVTG4 Datasheet
1Mb / 27P
[Old version datasheet]   Crystal Oscillator Driver
More results

Similar Description - 74LVC1GX04DBVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1GX04 TI-SN74LVC1GX04 Datasheet
301Kb / 13P
[Old version datasheet]   CRYSTAL OSCILLATOR DRIVER
SN74LVC1GX04 TI1-SN74LVC1GX04_15 Datasheet
1Mb / 27P
[Old version datasheet]   Crystal Oscillator Driver
SN74LVC1GX04-EP TI1-SN74LVC1GX04-EP Datasheet
442Kb / 15P
[Old version datasheet]   CRYSTAL OSCILLATOR DRIVER
logo
NXP Semiconductors
CARD_74LVC1GX04 PHILIPS-CARD_74LVC1GX04 Datasheet
97Kb / 2P
   One chip crystal oscillator driver
August 2003
logo
Texas Instruments
SN74LVC1404 TI-SN74LVC1404_09 Datasheet
565Kb / 18P
[Old version datasheet]   OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
SN74LVC1404 TI-SN74LVC1404_07 Datasheet
466Kb / 17P
[Old version datasheet]   OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
SN74LVC1404 TI-SN74LVC1404 Datasheet
309Kb / 16P
[Old version datasheet]   OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
logo
STMicroelectronics
RHFOSC04 STMICROELECTRONICS-RHFOSC04 Datasheet
1Mb / 16P
   Rad-hard, crystal oscillator driver and divider
May 2020 Rev 1
logo
Vectron International, ...
PX-340 VECTRON-PX-340_11 Datasheet
254Kb / 4P
   Crystal Oscillator
logo
Epson ToYoCom
SG-771PCD EPSONTOYOCOM-SG-771PCD Datasheet
366Kb / 2P
   CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com