Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

777687-03 Datasheet(PDF) 8 Page - National Instruments Corporation

Part # 777687-03
Description  SCXI Terminal Blocks
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

777687-03 Datasheet(HTML) 8 Page - National Instruments Corporation

  777687-03 Datasheet HTML 1Page - National Instruments Corporation 777687-03 Datasheet HTML 2Page - National Instruments Corporation 777687-03 Datasheet HTML 3Page - National Instruments Corporation 777687-03 Datasheet HTML 4Page - National Instruments Corporation 777687-03 Datasheet HTML 5Page - National Instruments Corporation 777687-03 Datasheet HTML 6Page - National Instruments Corporation 777687-03 Datasheet HTML 7Page - National Instruments Corporation 777687-03 Datasheet HTML 8Page - National Instruments Corporation 777687-03 Datasheet HTML 9Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Certification and Compliance
SCXI-1320/1321/1326/1327/
1328/1338.......................................
300 V, CAT II working voltage
SCXI-1322/1324/1325.........................
250 V, CAT II working voltage
TBX-1316.............................................
1000 V, CAT III working voltage
TBX-1328/1329 ...................................
300 V, CAT II working voltage
TBX-1325/1326 ...................................
250 V, CAT II working voltage
European Compliance
EMC ....................................................
EN 61326 Group I Class A, 10 m,
Table 1 Immunity
Safety .................................................
EN 61010-1
North American Compliance
EMC ....................................................
FCC Part 15 Class A using CISPR
Safety (SCXI-1320/1321/1326/1327/1328/
1338/SCXI-1322/1324/1325) .........
UL Listed to UL 3111-1
CAN/CSA C22.2 No. 1010.1
Safety (TBX-1325/1326/1328/1329) ..
UL Listed to UL 3111-1
CAN/CSA C22.2 No. 1010.1
Australia and New Zealand Compliance
EMC (except TBX-1316) ......................
AS/NZS 2064.1/2 (CISPR-11)
1
Accuracy and repeatability include combined effects of sensor, circuitry,
and thermal gradients between the sensor and any screw terminal.
Thermal gradients for nonisothermal terminal blocks (SCXI-1300,
SCXI-1320, SCXI-1321, SCXI-1322, and SCXI-1327) are assumed to
be 0.4 ˚C.
2
With SCXI-1102 module. With SCXI-1100 module, add error of 0.15 ˚C.
3
Accuracy and repeatability include combined effects of sensor, circuitry,
and thermal gradients between the sensor and thermocouple connection.
4
Accuracy and repeatability include combined effects of sensor, circuitry,
and thermal gradients between the sensor and any screw terminal.
5
TBX-1316 is not DIN-rail mountable.
6
Height dimension (7.62 cm) includes DIN-rail mounting and plastic cover.
For a definition of specific terms, please visit ni.com/glossary.
SCXI-13xx, TBX, and BNC/TC Terminal Block Specifications
8
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)


Similar Part No. - 777687-03

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
777608-02 NI-777608-02 Datasheet
1Mb / 5P
   Calibration
logo
CommScope Inc.
7776596-0004 COMMSCOPE-7776596-0004 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
7776596-0006 COMMSCOPE-7776596-0006 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
7776597-0004 COMMSCOPE-7776597-0004 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
7776597-0006 COMMSCOPE-7776597-0006 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
More results

Similar Description - 777687-03

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
TBX-1316 NI-TBX-1316 Datasheet
130Kb / 3P
   SCXI High-Voltage Attenuator Terminal Block
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
   Terminal Blocks
BNH IDEC-BNH Datasheet
1Mb / 4P
   Terminal Blocks
logo
Altech corporation
38064 ALTECH-38064 Datasheet
90Kb / 1P
   SPLICER TERMINAL BLOCKS
logo
Tyco Electronics
1437416-2 MACOM-1437416-2 Datasheet
17Mb / 69P
   BUCHANAN Terminal Blocks
logo
WAGO Kontakttechnik Gmb...
SMD WAGO-SMD Datasheet
1,015Kb / 8P
   SMD Terminal Blocks
06/2014
logo
Cooper Bussmann, Inc.
14002-2 COOPER-14002-2 Datasheet
55Kb / 1P
   Barrier Terminal Blocks
logo
Adam Technologies, Inc.
E333935 ADAM-TECH-E333935 Datasheet
38Kb / 2P
   Terminal Blocks - Component
logo
List of Unclassifed Man...
TSB13 ETC1-TSB13 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
0456360000 ETC1-0456360000 Datasheet
96Kb / 2P
   Rail Mounted Terminal Blocks
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com