Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

777459-27 Datasheet(PDF) 9 Page - National Instruments Corporation

Part # 777459-27
Description  SCC Configuration Guide
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

777459-27 Datasheet(HTML) 9 Page - National Instruments Corporation

Back Button 777459-27 Datasheet HTML 5Page - National Instruments Corporation 777459-27 Datasheet HTML 6Page - National Instruments Corporation 777459-27 Datasheet HTML 7Page - National Instruments Corporation 777459-27 Datasheet HTML 8Page - National Instruments Corporation 777459-27 Datasheet HTML 9Page - National Instruments Corporation 777459-27 Datasheet HTML 10Page - National Instruments Corporation 777459-27 Datasheet HTML 11Page - National Instruments Corporation 777459-27 Datasheet HTML 12Page - National Instruments Corporation 777459-27 Datasheet HTML 13Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
NI SCC-AI Series Isolated Analog Input
National Instruments SCC-AI Series modules are dual-channel bank-
isolated analog input modules for reading input voltages from ±50 mV to
±42 V. Each channel of an NI SCC-AI module includes an instrumentation
amplifier, a lowpass filter, and a potentiometer for calibration. These
modules are installation rated for CAT I, and provide safety working
isolation of 60 VDC per module.
Specifications
SCC-AI Series
Input Characteristics
Number of channels............................
2 differential, isolation
per module
Input impedance .................................
1 MΩ (SCC-AI01, SCC-AI02)
100 MΩ (all others)
Safety Isolation
Working common-mode voltage.........
60 VDC, CAT I1
Gain error ............................................
Adjustable to 0
Offset error..........................................
Adjustable to 0
Power Requirements
Analog .................................................
410 mW
Digital .................................................
610 mW
1
Test isolation voltage is 2,350 VAC for 2 s.
Portable, Modular Signal Conditioning Modules
9
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Model
Channel
Input Range
Bandwidth
Part Number
SCC-AI01
2
±42 V
10 kHz
777459-20
SCC-AI02
2
±20 V
10 kHz
777459-21
SCC-AI03
2
±10 V
10 kHz
777459-22
SCC-AI04
2
±5 V
10 kHz
777459-23
SCC-AI05
2
±1 V
10 kHz
777459-24
SCC-AI06
2
±100 mV
10 kHz
777459-25
SCC-AI07
2
±50 mV
10 kHz
777459-26
SCC-AI13
2
±10 V
4 Hz
777459-27
SCC-AI14
2
±5 V
4 Hz
777459-28
Module
Input Range
Output Range
Gain
Filter Bandwidth
SCC-AI01
±42 V
±8.4 V
0.2
10 kHz
SCC-AI02
±20 V
±10 V
0.5
10 kHz
SCC-AI03
±10 V
±10 V
1
10 kHz
SCC-AI04
±5 V
±10 V
2
10 kHz
SCC-AI05
±1 V
±10 V
10
10 kHz
SCC-AI06
±100 mV
±10 V
100
10 kHz
SCC-AI07
±50 mV
±10 V
200
10 kHz
SCC-AI13
±10 V
±10 V
1
4 Hz
SCC-AI14
±5 V
±10 V
2
4 Hz


Similar Part No. - 777459-27

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7774 ETC2-7774 Datasheet
545Kb / 1P
   PC SCREW TERMINALS
logo
CommScope Inc.
7774061 COMMSCOPE-7774061 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
logo
National Instruments Co...
777420-01 NI-777420-01 Datasheet
823Kb / 4P
   Configurable Signal Conditioning Enclosure
777431-01 NI-777431-01 Datasheet
560Kb / 3P
   GPIB Interface for PCI Mezzanine Bus
logo
CommScope Inc.
7774353-00 COMMSCOPE-7774353-00 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
More results

Similar Description - 777459-27

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT116B7 CTS-RT116B7 Datasheet
70Kb / 2P
   Configuration Selector Guide
logo
Silicon Laboratories
AN957 SILABS-AN957 Datasheet
2Mb / 25P
   TouchXpress Configuration and Profiling Guide
logo
Maxim Integrated Produc...
UG6040 MAXIM-UG6040 Datasheet
1,004Kb / 59P
   MAX11300/MAX11301 PIXI Configuration Software User Guide
Rev 0, 1/15
logo
STMicroelectronics
EVAL6207N STMICROELECTRONICS-EVAL6207N Datasheet
411Kb / 34P
   PractiSPIN evaluation system configuration and set up guide
AN1794 STMICROELECTRONICS-AN1794 Datasheet
411Kb / 34P
   PractiSPIN evaluation system configuration and set up guide
logo
Zilog, Inc.
ZRE200BP ZILOG-ZRE200BP Datasheet
54Kb / 8P
   ZMOTION Detection Lens and Pyro Sensor Configuration Guide
logo
Intel Corporation
82530 INTEL-82530 Datasheet
1Mb / 32P
   SERIAL COMMUNICATIONS CONTROLLER (SCC)
logo
Wurth Elektronik GmbH &...
744282100 WURTH-744282100 Datasheet
261Kb / 2P
   Stromkompensierter SMD Line Filter WE-SCC
logo
PHOENIX CONTACT
2901642 PHOENIX-2901642 Datasheet
972Kb / 25P
   Patch panels - FL-PP-RJ45-SCC
Dec 6, 2022
logo
National Instruments Co...
SC-2345 NI-SC-2345 Datasheet
269Kb / 5P
   Portable, Shielded SCC Module Carriers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com