Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

777474-01 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # 777474-01
Description  Portable E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, 16 Analog Inputs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

777474-01 Datasheet(HTML) 1 Page - National Instruments Corporation

  777474-01 Datasheet HTML 1Page - National Instruments Corporation 777474-01 Datasheet HTML 2Page - National Instruments Corporation 777474-01 Datasheet HTML 3Page - National Instruments Corporation 777474-01 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Overview and Applications
National Instruments portable E Series DAQ products deliver the
same functionality available in PCI and PXI E Series DAQ devices –
in a portable format. The DAQPad devices are hot swappable and
available in up to three different configurations. The 15 cm enclosure
is ideal for desktop or portable applications and features a 68-pin
shielded connector. The 30 cm enclosure with mass termination
offers a low-profile package that fits under your laptop computer.
It features a 68-pin shielded connector to connect signals from our
SCC modular signal conditioning products or from our CA-1000
custom connectivity enclosure. The 30 cm enclosure with BNC
connectivity is ideal for applications where portability and quick
connectivity are needed, such as in-vehicle automotive or aircraft
testing and portable data logging.
NI DAQCards are Type II, PC Card compliant and provide
performance equivalent to their PCI or PXI counterparts. However, due
to their compact design, they can be used in applications where space
constraints are an important concern, such as field service and research.
Highly Accurate Hardware Design
NI portable E Series DAQ devices provide the functionality of
E Series data acquisition devices in a portable format:
Temperature Drift Protection Circuitry – Designed with components
that minimize the effect of temperature changes on measurements to
less than 0.0010% of reading per °C.
Resolution Improvement Technologies – Carefully designed noise
floor maximizes the resolution.
Onboard Self-Calibration – Precise voltage reference included for
calibration and measurement accuracy. Self-calibration is completely
software controlled, with no potentiometers to adjust.
NI DAQ-STC – Timing and control ASIC designed to provide more
flexibility, lower power consumption, and a higher immunity to noise
and jitter than off-the-shelf counter/timer chips.
NI MITE – ASIC designed to optimize data transfer for multiple
simultaneous operations using bus mastering with DMA channels,
interrupts, or programmed I/O.
Portable E Series Multifunction DAQ
12 or 16-Bit, up to 1.25 MS/s, 16 Analog Inputs
E Series – Portable
• 16 analog inputs at up to 1.25 MS/s,
12 or 16-bit resolution
• Up to 2 analog outputs at up to
1 MS/s, 12 or 16-bit resolution
• 8 digital I/O lines (TTL/CMOS); two
24-bit counter/timers
• Analog and digital triggering
• 4 analog input signal ranges
• NI-DAQ Measurement
Services simplifies configuration
and measurements
Operating Systems
• Windows 2000/NT/XP
Recommended Software
• LabVIEW
• LabWindows/CVI
• Measurement Studio
• VI Logger
Other Compatible Software
• Visual Basic, C/C++, and C#
Measurement Services
Software (included)
• NI-DAQ 7
Analog
Input
Max
Input
Analog
Output
Output
Output
Digital
Counter/
Measurment
Products
Bus
Inputs
Resolution Sampling Rate
Range
Outputs
Resolution
Rate
Range
I/O
Timers
Triggers
Services Software1
DAQCard-6036E
PCMCIA
16 SE/8 DI
16 bits
200 kS/s
±0.05 to ±10 V
2
16 bits
1 kS/s
±10 V
8
2
Digital
NI-DAQmx
DAQCard-6062E
PCMCIA
16 SE/8 DI
12 bits
500 kS/s
±0.05 to ±10 V
2
12 bits
850 kS/s
±10 V
8
2
Analog, digital
NI-DAQmx
DAQCard-6024E
PCMCIA
16 SE/8 DI
12 bits
200 kS/s
±0.05 to ±10 V
2
12 bits
1 kS/s
±10 V
8
2
Digital
NI-DAQmx
DAQPad-6052E
IEEE 1394
16 SE/8 DI
16 bits
333 kS/s
±0.05 to ±10 V
2
16 bits
333 kS/s
±10 V
8
2
Analog, digital
Traditional NI-DAQ
DAQPad-6070E
IEEE 1394
16 SE/8 DI
12 bits
1.25 MS/s
±0.05 to ±10 V
2
12 bits
1 MS/s
±10 V
8
2
Analog, digital
Traditional NI-DAQ
DAQPad-6020E
USB
16 SE/8 DI
12 bits
100 kS/s
±0.05 to ±10 V
2
12 bits
100 kS/s
±10 V
8
2
Digital
Traditional NI-DAQ
1For up-to-date information on NI-DAQ, visit ni.com/support/daq/versions.htm
Table 1. NI Portable E Series Model Guide


Similar Part No. - 777474-01

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
777475-01 NI-777475-01 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
More results

Similar Description - 777474-01

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI6071E NI-NI6071E Datasheet
257Kb / 11P
   Full-Featured E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, up to 64 Analog Inputs
NI6120 NI-NI6120 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
778397-01 NI-778397-01 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
778465-01 NI-778465-01 Datasheet
536Kb / 4P
   Low-Cost E Series Multifunction DAQ-12 or 16-Bit, 200 kS/s, 16 Analog Inputs
NI6123 NI-NI6123 Datasheet
633Kb / 7P
   S Series Multifunction DAQ-up to 16-Bit, up to 3 MS/s per Channel, up to 8 Analog Inputs
NIPXIE-6124 NI-NIPXIE-6124 Datasheet
326Kb / 7P
   S Series Simultaneous Sampling Multifunction DAQ 16-Bit, 4 MS/s per Channel, 4 Analog Inputs
logo
Advantech Co., Ltd.
PCI-1712 ADVANTECH-PCI-1712_15 Datasheet
204Kb / 1P
   1 MS/s, 12-bit, 16-ch PCI Multifunction DAQ Card
logo
National Instruments Co...
778913-01 NI-778913-01 Datasheet
556Kb / 7P
   S Series Multifunction DAQ 16-Bit, 250 kS/s/Channel, 8 Analog Inputs
logo
Advantech Co., Ltd.
PCIE-1816 ADVANTECH-PCIE-1816_15 Datasheet
209Kb / 1P
   1 MS/s, 16-bit, 16-ch PCI Express Multifunction DAQ Card
logo
List of Unclassifed Man...
DAQ-2200 ETC2-DAQ-2200 Datasheet
357Kb / 2P
   64-CH 12/16-Bit Up to 3 MS/s Multi-Function DAQ Cards
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com