Electronic Components Datasheet Search |
|
191007A-01 Datasheet(PDF) 4 Page - National Instruments Corporation |
|
191007A-01 Datasheet(HTML) 4 Page - National Instruments Corporation |
4 / 6 page Controller Area Network (CAN) Interfaces 4 National Instruments • Tel: (800) 813 3693 • info@ni.com • ni.com Figure 2. DB9 Connector Figure 3. Combicon-Style Connector Ordering Information CAN Device Simulator U.S. 120 VAC ................................................................779189-01 Universal Euro 240 VAC ..............................................779189-02 RTSI Bus Cables 2 boards ....................................................................776249-02 3 boards ....................................................................776249-03 4 boards ....................................................................776249-04 5 boards ....................................................................776249-05 Extended, 5 boards....................................................777562-05 PCMCIA synchronization cable ..................................188791-01 BUY NOW! For complete product specifications, pricing, and accessory information, call (800) 813 3693 (U.S. only) or go to ni.com/can. CAN Interfaces and Ordering Information Model Version Transceiver Ports Max Transfer Rate (kb/s) LabVIEW Real-Time Support Part Number PCI PCI-CAN High-speed TJA1041 1 1000 777357-01 PCI-CAN/2 High-speed TJA1041 2 1000 777357-02 PCI-CAN/LS Low-speed/fault-tolerant TJA1054A 1 125 778007-01 PCI-CAN/LS2 Low-speed/fault-tolerant TJA1054A 2 125 778007-02 PCI-CAN/SW Single-wire AU5790 1 83.333 (in high-speed mode) 778795-01 PCI-CAN/SW2 Single-wire AU5790 2 83.333 (in high-speed mode) 778795-02 PCI-CAN/XS Software-selectable TJA1041, TJA1054A, AU5790, EXT1 1 1000 778782-01 PCI-CAN/XS2 Software-selectable TJA1041, TJA1054A, AU5790, EXT1 2 1000 778782-02 PXI PXI-8460/1 Low-speed/fault-tolerant TJA1054A 1 125 778008-01 PXI-8460/2 Low-speed/fault-tolerant TJA1054A 2 125 778008-02 PXI-8461/1 High-speed TJA1041 1 1000 777707-01 PXI-8461/2 High-speed TJA1041 2 1000 777707-02 PXI-8463/1 Single-wire AU5790 1 83.333 (in high-speed mode) 778780-01 PXI-8463/2 Single-wire AU5790 2 83.333 (in high-speed mode) 778780-02 PXI-8464/1 Software-selectable TJA1041, TJA1054A, AU5790, EXT1 1 1000 778783-01 PXI-8464/2 Software-selectable TJA1041, TJA1054A, AU5790, EXT1 2 1000 778783-02 PCMCIA PCMCIA-CAN High-speed TJA1041 1 1000 – 777499-01 PCMCIA-CAN/2 High-speed TJA1041 2 1000 – 777499-02 PCMCIA-CAN/LS Low-speed/fault-tolerant TJA1054A 1 125 – 778054-01 PCMCIA-CAN/LS2 Low-speed/fault-tolerant TJA1054A 2 125 – 778054-02 PCMCIA-CAN/HSLS High-speed/low-speed/fault-tolerant TJA1041, TJA1054A 2 1000/125 – 778266-01 1Software-selectable interfaces contain three transceivers as well as an EXT connection. With this, you can bypass the standard transceivers and connect to your own. PCMCIA Transceiver Dongles and Ordering Information Model Version Transceiver Ports Min Transfer Rate (kb/s) Max Transfer Rate (kb/s) Internally Powered Part Number (HS) High-speed TJA1041 1 40 1000 191010A-01 (HS/HS) High-speed TJA1041 2 40 1000 191006A-01 (LS) Low-speed/fault-tolerant TJA1054A 1 5 125 191011A-01 (LS/LS) Low-speed/fault-tolerant TJA1054A 2 5 125 191008A-01 (SW) Single-wire AU5790 1 5 83.333 (in high-speed mode) 191012A-01 (HS/LS) Combo High-speed/low-speed/fault-tolerant TJA1041, TJA1054A 2 40/5 1000 191007A-01 (HS/SW) Combo High-speed/single-wire TJA1041, AU5790 2 40/5 1000 HS only 191009A-01 |
Similar Part No. - 191007A-01 |
|
Similar Description - 191007A-01 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |