Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

777459-37 Datasheet(PDF) 10 Page - National Instruments Corporation

Part # 777459-37
Description  SCC Configuration Guide
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

777459-37 Datasheet(HTML) 10 Page - National Instruments Corporation

Back Button 777459-37 Datasheet HTML 6Page - National Instruments Corporation 777459-37 Datasheet HTML 7Page - National Instruments Corporation 777459-37 Datasheet HTML 8Page - National Instruments Corporation 777459-37 Datasheet HTML 9Page - National Instruments Corporation 777459-37 Datasheet HTML 10Page - National Instruments Corporation 777459-37 Datasheet HTML 11Page - National Instruments Corporation 777459-37 Datasheet HTML 12Page - National Instruments Corporation 777459-37 Datasheet HTML 13Page - National Instruments Corporation 777459-37 Datasheet HTML 14Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Portable, Modular Signal Conditioning Modules
10
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
NI SCC-AO10 Isolated Analog Output
The National Instruments SCC-AO10 is a single-channel isolated analog
voltage output module with an output range of ±10 V. Each channel of
the NI SCC-AO10 is referenced to its own isolated ground, allowing up to
60 VDC of common-mode voltage between grounds (channel-to-channel
or channel-to-chassis). In addition, the SCC-AO10 increases the output
current drive capacity of an M Series, E Series, or B Series multifunction
DAQ device to ±30 mA. Because the modules are isolated, you can
cascade two SCC-AO10 modules for an output range of ±20 V. There is
a maximum of two SCC-AO10 modules per carrier.
Note: Use the SCC-AO10 with only multifunction DAQ devices that have
analog outputs.
Specifications
SCC-AO10
Output Characteristics
Number of output channels ................
1 nonreferenced single ended
Input range ..........................................
±10 V
Output range .......................................
±10 V
Current drive .......................................
±30 mA
Gain nonlinearity.................................
0.5% of full-scale output range
Propagation delay ...............................
10 µs
Output noise........................................
2.5 mVrms typ; 4 mVrms max
Bandwidth ...........................................
>23 kHz
Slew rate.............................................
1 V/µs
Safety Isolation
Channel-to-earth
(signal + common mode) ................
60 VDC, CAT I
Environment
Operating temperature .......................
0 to 50 °C
Relative humidity ................................
10 to 90% noncondensing
Stability
Output offset temperature
coefficient...................................
300 µV/°C
Gain temperature coefficient .........
300 ppm/°C
Power Requirements
Analog .................................................
180 mW
Digital..................................................
1.15 W
Model
Channel
Description
Part Number
SCC-AO10
1
±10 V isolated voltage output
777459-50


Similar Part No. - 777459-37

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7774 ETC2-7774 Datasheet
545Kb / 1P
   PC SCREW TERMINALS
logo
CommScope Inc.
7774061 COMMSCOPE-7774061 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
logo
National Instruments Co...
777420-01 NI-777420-01 Datasheet
823Kb / 4P
   Configurable Signal Conditioning Enclosure
777431-01 NI-777431-01 Datasheet
560Kb / 3P
   GPIB Interface for PCI Mezzanine Bus
logo
CommScope Inc.
7774353-00 COMMSCOPE-7774353-00 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
More results

Similar Description - 777459-37

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT116B7 CTS-RT116B7 Datasheet
70Kb / 2P
   Configuration Selector Guide
logo
Silicon Laboratories
AN957 SILABS-AN957 Datasheet
2Mb / 25P
   TouchXpress Configuration and Profiling Guide
logo
Maxim Integrated Produc...
UG6040 MAXIM-UG6040 Datasheet
1,004Kb / 59P
   MAX11300/MAX11301 PIXI Configuration Software User Guide
Rev 0, 1/15
logo
STMicroelectronics
EVAL6207N STMICROELECTRONICS-EVAL6207N Datasheet
411Kb / 34P
   PractiSPIN evaluation system configuration and set up guide
AN1794 STMICROELECTRONICS-AN1794 Datasheet
411Kb / 34P
   PractiSPIN evaluation system configuration and set up guide
logo
Zilog, Inc.
ZRE200BP ZILOG-ZRE200BP Datasheet
54Kb / 8P
   ZMOTION Detection Lens and Pyro Sensor Configuration Guide
logo
Intel Corporation
82530 INTEL-82530 Datasheet
1Mb / 32P
   SERIAL COMMUNICATIONS CONTROLLER (SCC)
logo
Wurth Elektronik GmbH &...
744282100 WURTH-744282100 Datasheet
261Kb / 2P
   Stromkompensierter SMD Line Filter WE-SCC
logo
PHOENIX CONTACT
2901642 PHOENIX-2901642 Datasheet
972Kb / 25P
   Patch panels - FL-PP-RJ45-SCC
Dec 6, 2022
logo
National Instruments Co...
SC-2345 NI-SC-2345 Datasheet
269Kb / 5P
   Portable, Shielded SCC Module Carriers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com