Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

778512-01 Datasheet(PDF) 6 Page - National Instruments Corporation

Part # 778512-01
Description  High-Speed Voltage Output- up to 1 MS/s/Channel, up to 16-Bit, up to 32 Channels
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

778512-01 Datasheet(HTML) 6 Page - National Instruments Corporation

  778512-01 Datasheet HTML 1Page - National Instruments Corporation 778512-01 Datasheet HTML 2Page - National Instruments Corporation 778512-01 Datasheet HTML 3Page - National Instruments Corporation 778512-01 Datasheet HTML 4Page - National Instruments Corporation 778512-01 Datasheet HTML 5Page - National Instruments Corporation 778512-01 Datasheet HTML 6Page - National Instruments Corporation 778512-01 Datasheet HTML 7Page - National Instruments Corporation 778512-01 Datasheet HTML 8Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
High-Speed Voltage Output
Cables and Accessories
6 National Instruments • Tel: (800) 813 3693 • info@ni.com • ni.com
Recommended Configurations
• Shielded options for minimal noise interference
• Direct connectivity options such as BNC
• Low-cost options for OEM
• Front-mount terminal block for PXI
• Custom connectivity with the CA-1000
I/O Connector Blocks
BNC-2110 – Shielded I/O connector block with signal-labeled BNC
connectors for easy connectivity of your analog output (AO), digital
I/O (DIO), and counter/timer signals.
BNC-2110..............................................................................777643-01
Dimensions – 20.3 by 11.2 by 5.5 cm (8.0 by 4.4 by 2.2 in.)
BNC-2115 – Shielded I/O connector block with signal-labeled BNC
connectors for easy connectivity of your extended analog output on
NI 6723 devices.
BNC-2115..............................................................................777807-01
Dimensions – 20.3 by 11.2 by 5.5 cm (8.0 by 4.4 by 2.2 in.)
SCB-68 – Shielded I/O connector blocks giving you rugged, very
low-noise signal termination. The SCB-68 also houses silk-screened
component locations for easy addition of simple signal conditioning
circuitry for your AO channels.
SCB-68 ..................................................................................776844-01
Dimensions – 19.5 by 15.2 by 4.5 cm (7.7 by 6.0 by 1.8 in.)
CA-1000 – Configurable enclosure that gives you user-defined
connectivity and flexibility through customized panelettes.
CA-1000 ................................................................................777664-01
Dimensions – 30.7 by 25.4 by 4.3 cm (12.1 by 10 by 1.7 in.)
TBX-68 – 68 screw terminals for easy connection of field signals to
68-pin DAQ devices. It includes one 68-pin male connector for
direct connection to 68-pin cables. The TBX-68 is mounted in a
protective plastic base with hardware for mounting on a standard
DIN rail.
TBX-68 ..................................................................................777141-01
Dimensions – 12.50 by 10.74 cm (4.92 by 4.23 in.)
CB-68LP, CB-68LPR – 68 screw terminals for easy connection of
field signals to AO devices. They include one 68-pin male connector
for direct connection to 68-pin cables. The connector blocks include
standoffs for use on a desktop or for mounting in a custom panel.
The CB-68LP has a vertical mounted 68-pin connector. The
CB-68LPR has a right-angle mounted connector and can also be
used with the CA-1000.
CB-68LP................................................................................777145-01
Dimensions – 14.35 by 10.74 cm (5.65 by 4.23 in.)
Dimensions – 7.62 by 16.19 cm (3.00 by 6.36 in.)
BNC-2110
SCB-68
CA-1000
CB-68LP I/O
and CB-68LPR
Family
Shielding
Connect to…
Cable
Accessory
NI 673x,
NI 671x
Shielded
BNC
SH68-68-EP
BNC-2110
Screw terminals
SH68-68-EP
SCB-68
Unshielded
Screw terminals
R6868
CB-68LP
NI 6723
Shielded
BNC
Two SH68-C68-S
BNC-2110, BNC-2115
Screw terminals
Two SH68-C68-S
Two SCB-68
NI 6722
Shielded
BNC
SH68-C68-S
BNC-2110
Screw terminals
SH68-C68-S
SCB-68
Unshielded
Screw terminals
RC68-68
CB-68LP


Similar Part No. - 778512-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7785 ETC2-7785 Datasheet
150Kb / 2P
   PC SCREW TERMINALS
logo
Littelfuse
7785-02 LITTELFUSE-7785-02 Datasheet
420Kb / 1P
   FOOT OPERATED SWITCHES
2019 Rev: 021119
logo
Winchester Electronics ...
7785-40 WINCHESTER-7785-40 Datasheet
101Kb / 1P
   JACKFIELD, VIDEO
logo
ITT Industries
778500201 ITT-778500201 Datasheet
1Mb / 23P
   AUXILIARY ACTUATORS
logo
National Instruments Co...
778534-01 NI-778534-01 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
More results

Similar Description - 778512-01

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI673X NI-NI673X Datasheet
337Kb / 8P
   High-Speed Voltage Output - up to 1 MS/s/Channel,up to 16 Bits, up to 32 Channels
NI6123 NI-NI6123 Datasheet
633Kb / 7P
   S Series Multifunction DAQ-up to 16-Bit, up to 3 MS/s per Channel, up to 8 Analog Inputs
logo
Analog Devices
ADUCM322 AD-ADUCM322 Datasheet
565Kb / 24P
   Up to 16 ADC input channels
logo
Lowpower Semiconductor ...
LP6250 POWER-LP6250 Datasheet
399Kb / 8P
   2.1A Synchronous Current Boost DC/DC Regulator
Sep.-2010
logo
A-Data Technology
DDR2 A-DATA-DDR2 Datasheet
372Kb / 2P
   High speed up to 800MHz
DDR3L A-DATA-DDR3L Datasheet
438Kb / 2P
   High speed up to 1600MHz
DDR42400SO-DIMM A-DATA-DDR42400SO-DIMM Datasheet
401Kb / 2P
   High speed up to 2400MHz
DDR42400 A-DATA-DDR42400 Datasheet
394Kb / 2P
   High speed up to 2400MHz
DDR3 A-DATA-DDR3 Datasheet
434Kb / 2P
   High speed up to 1600MHz
DDR42133 A-DATA-DDR42133 Datasheet
401Kb / 2P
   High speed up to 2133MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com