Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1230IPWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1230IPWR
Description  20-Bit Analog-to-Digital Converter For Bridge Sensors
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1230IPWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS1230IPWR Datasheet HTML 7Page - Texas Instruments ADS1230IPWR Datasheet HTML 8Page - Texas Instruments ADS1230IPWR Datasheet HTML 9Page - Texas Instruments ADS1230IPWR Datasheet HTML 10Page - Texas Instruments ADS1230IPWR Datasheet HTML 11Page - Texas Instruments ADS1230IPWR Datasheet HTML 12Page - Texas Instruments ADS1230IPWR Datasheet HTML 13Page - Texas Instruments ADS1230IPWR Datasheet HTML 14Page - Texas Instruments ADS1230IPWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
www.ti.com
VOLTAGE REFERENCE INPUTS
CLOCK SOURCES
Z
EFF
+
1
2f
MODCBUF
Z
EFF
+
1
(2)(76.8kHz)(13fF)
+ 500MW
CLK_DETECT
Internal
Oscillator
MUX
ToADC
S
S0
S1
EN
CLKIN
AVDD
(1)f
MOD =76.8kHz
Z
=500MW
EFF
(1)
REFP
REFN
AVDD
ESD
Protection
C
BUF
ADS1230
SBAS366A – OCTOBER 2006 – REVISED JULY 2007
(REFP, REFN)
The ADS1230 can use an external clock source or
The voltage reference used by the modulator is
internal oscillator to accommodate a wide variety of
generated from the voltage difference between REFP
applications. Figure 20 shows the equivalent circuitry
and REFN: VREF = REFP – REFN. The reference
of
the
clock
source.
The
CLK_DETECT
block
inputs use a structure similar to that of the analog
determines whether the crystal oscillator/external
inputs. In order to increase the reference input
clock signal is applied to the CLKIN pin so that the
impedance, a switching buffer circuitry is used to
internal oscillator is bypassed or activated. When the
reduce
the
input
equivalent
capacitance.
The
CLKIN
pin
frequency
is
above
~200kHz,
the
reference drift and noise impact ADC performance. In
CLK_DETECT output goes low and shuts down the
order to achieve best results, pay close attention to
internal oscillator. When the CLKIN pin frequency is
the
reference
noise
and
drift
specifications.
A
below ~200kHz, the CLK_DETECT output goes high
simplified diagram of the circuitry on the reference
and activates the internal oscillator. It is highly
inputs is shown in Figure 19. The switches and
recommended to hard-wire the CLKIN pin to ground
capacitors can be modeled approximately using an
when the internal oscillator is chosen.
effective impedance of:
Where:
fMOD = modulator sampling frequency (76.8kHz)
CBUF = input capacitance of the buffer
For the ADS1230:
Figure 20. Equivalent Circuitry of the Clock
Source
An external clock may be used by driving the CLKIN
pin directly. The Electrical Characteristics table shows
the allowable frequency range. The clock input may
be driven with 5V logic, regardless of the DVDD or
AVDD voltage.
Figure 19. Simplified Reference Input Circuitry
ESD diodes protect the reference inputs. To prevent
these diodes from turning on, make sure the voltages
on the reference pins do not go below GND by more
than 100mV, and likewise, do not exceed AVDD by
100mV:
GND – 100mV < (REFP or REFN) < AVDD + 100mV
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS1230


Similar Part No. - ADS1230IPWR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1230IPWR BURR-BROWN-ADS1230IPWR Datasheet
501Kb / 25P
   20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Texas Instruments
ADS1230IPWR TI1-ADS1230IPWR Datasheet
1Mb / 30P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1230IPWRG4 TI1-ADS1230IPWRG4 Datasheet
1Mb / 30P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
More results

Similar Description - ADS1230IPWR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1230 BURR-BROWN-ADS1230 Datasheet
501Kb / 25P
   20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Texas Instruments
ADS1230 TI1-ADS1230_17 Datasheet
1Mb / 30P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1130 TI1-ADS1130_13 Datasheet
820Kb / 17P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI1-ADS1131_12 Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232 Datasheet
653Kb / 34P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
ADS1231 TI1-ADS1231 Datasheet
478Kb / 22P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1231 TI1-ADS1231_14 Datasheet
466Kb / 23P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131 TI1-ADS1131_14 Datasheet
844Kb / 21P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232_14 Datasheet
952Kb / 40P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1130 TI1-ADS1130 Datasheet
780Kb / 16P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com