Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1230IPWG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1230IPWG4
Description  20-Bit Analog-to-Digital Converter For Bridge Sensors
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1230IPWG4 Datasheet(HTML) 1 Page - Texas Instruments

  ADS1230IPWG4 Datasheet HTML 1Page - Texas Instruments ADS1230IPWG4 Datasheet HTML 2Page - Texas Instruments ADS1230IPWG4 Datasheet HTML 3Page - Texas Instruments ADS1230IPWG4 Datasheet HTML 4Page - Texas Instruments ADS1230IPWG4 Datasheet HTML 5Page - Texas Instruments ADS1230IPWG4 Datasheet HTML 6Page - Texas Instruments ADS1230IPWG4 Datasheet HTML 7Page - Texas Instruments ADS1230IPWG4 Datasheet HTML 8Page - Texas Instruments ADS1230IPWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
BurrBrown Products
from Texas Instruments
1
FEATURES
DESCRIPTION
APPLICATIONS
DS ADC
REFP REFN
CAP
DVDD
DGND
GAIN
AINP
AINN
SCLK
SPEED
DRDY/DOUT
PDWN
AVDD
CAP
Internal
Oscillator
CLKIN
Gain=64or128
PGA
AGND
ADS1230
SBAS366A – OCTOBER 2006 – REVISED JULY 2007
20-Bit Analog-to-Digital Converter
For Bridge Sensors
2
• Complete Front-End for Bridge Sensor
The ADS1230 is a precision 20-bit analog-to-digital
converter
(ADC).
With
an
onboard
low-noise
• Onboard PGA with Gain of 64 or 128
programmable
gain
amplifier
(PGA),
onboard
• Onboard Oscillator
oscillator, and precision 20-bit delta-sigma ADC, the
• RMS Noise:
ADS1230 provides a complete front-end solution for
40nV at 10SPS (G = 128)
bridge sensor applications including weigh scales,
88nV at 80SPS (G = 128)
strain gauges, and pressure sensors.
• 18-Bit Noise-Free Resolution
The low-noise PGA has a gain of 64 or 128,
• Selectable 10SPS or 80SPS Data Rates
supporting a full-scale differential input of ±39mV or
±19.5mV, respectively. The delta-sigma ADC has
• Simultaneous 50Hz and 60Hz Rejection at
20-bit effective resolution and is comprised of a
10SPS
3rd-order modulator and 4th-order digital filter. Two
• External Voltage Reference up to 5V for
data rates are supported: 10SPS (with both 50Hz and
Ratiometric Measurements
60Hz rejection) and 80SPS. The ADS1230 can be
clocked by the internal oscillator or an external clock
• Simple, Pin-Driven Control
source. Offset calibration is performed on-demand,
• Two-Wire Serial Digital Interface
and the ADS1230 can be put in a low-power standby
• Tiny 16-pin TSSOP Package
mode or shut off completely in power-down mode.
• Supply Range: 2.7V to 5.3V
All of the features of the ADS1230 are controlled by
• –40°C to +85°C Temperature Range
dedicated pins; there are no digital registers to
program. Data are output over an easily-isolated
serial interface that connects directly to the MSP430
and other microcontrollers.
• Weigh Scales
• Strain Gauges
The ADS1230 is available in a TSSOP-16 package
and is specified from –40
°C to +85°C.
• Pressure Sensors
• Industrial Process Control
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS1230IPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1230IPWG4 TI1-ADS1230IPWG4 Datasheet
1Mb / 30P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
More results

Similar Description - ADS1230IPWG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1230 BURR-BROWN-ADS1230 Datasheet
501Kb / 25P
   20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Texas Instruments
ADS1230 TI1-ADS1230_17 Datasheet
1Mb / 30P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1130 TI1-ADS1130_13 Datasheet
820Kb / 17P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI1-ADS1131_12 Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232 Datasheet
653Kb / 34P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
ADS1231 TI1-ADS1231 Datasheet
478Kb / 22P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1231 TI1-ADS1231_14 Datasheet
466Kb / 23P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131 TI1-ADS1131_14 Datasheet
844Kb / 21P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232_14 Datasheet
952Kb / 40P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1130 TI1-ADS1130 Datasheet
780Kb / 16P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com