Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

777459-03 Datasheet(PDF) 5 Page - National Instruments Corporation

Part # 777459-03
Description  SCC Configuration Guide
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

777459-03 Datasheet(HTML) 5 Page - National Instruments Corporation

  777459-03 Datasheet HTML 1Page - National Instruments Corporation 777459-03 Datasheet HTML 2Page - National Instruments Corporation 777459-03 Datasheet HTML 3Page - National Instruments Corporation 777459-03 Datasheet HTML 4Page - National Instruments Corporation 777459-03 Datasheet HTML 5Page - National Instruments Corporation 777459-03 Datasheet HTML 6Page - National Instruments Corporation 777459-03 Datasheet HTML 7Page - National Instruments Corporation 777459-03 Datasheet HTML 8Page - National Instruments Corporation 777459-03 Datasheet HTML 9Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
NI SCC-RTD01 RTD Input
The National Instruments SCC-RTD01 is a dual-channel module that
accepts 2, 3, or 4-wire platinum RTDs. Each channel of the
NI SCC-RTD01 has an amplifier with a gain of 25 and a 30 Hz lowpass
filter. In addition, the module has a 1 mA excitation source for powering
the RTDs.
Specifications
SCC-RTD01
Analog Input
Number of input channels ..................
2 differential
Input range ..........................................
±400 mVDC (fixed gain of 25
on each channel)
Maximum working voltage
(signal + common mode) ................
Each input should remain within
±12 V of ground
Overvoltage protection .......................
±42 Vpk/25 VDC (powered on
or off)
Input impedance .................................
2 MΩ in parallel with 4.7 nF
powered on; 20 kΩ min
powered off
Filter type ............................................
Lowpass 3-pole Butterworth filter
-3 dB cutoff frequency ........................
30 Hz
System noise.......................................
4.5 µVrms (referred to input)
Transfer Characteristics
Gain ....................................................
25
Gain error ............................................
±1.2%
Gain-error temperature coefficient.....
±10 ppm/°C
Offset error..........................................
±250 µV RTI
Offset-error temperature coefficient ..
±1.6 µV/°C
Nonlinearity.........................................
10 ppm of full scale
Recommended warm-up time.............
5 minutes (SCC system only)
Amplifier Characteristics
CMRR ..................................................
110 dB at 60 Hz
Output range .......................................
±10 V
Excitation
Number of channels............................
1
Constant-current source .....................
1 mA
Maximum voltage level without
losing regulation.............................
24 V
Drift ....................................................
±127 ppm/°C
Environment
Operating temperature .......................
0 to 50 °C
Relative humidity ................................
5 to 90% noncondensing
Power Requirements
Analog .................................................
135 mW maximum
Digital..................................................
153 mW maximum
Portable, Modular Signal Conditioning Modules
5
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Model
Channel
Description
Part Number
SCC-RTD01
2
2, 3, or 4-wire Pt RTD
777459-18


Similar Part No. - 777459-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7774 ETC2-7774 Datasheet
545Kb / 1P
   PC SCREW TERMINALS
logo
CommScope Inc.
7774061 COMMSCOPE-7774061 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
logo
National Instruments Co...
777420-01 NI-777420-01 Datasheet
823Kb / 4P
   Configurable Signal Conditioning Enclosure
777431-01 NI-777431-01 Datasheet
560Kb / 3P
   GPIB Interface for PCI Mezzanine Bus
logo
CommScope Inc.
7774353-00 COMMSCOPE-7774353-00 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
More results

Similar Description - 777459-03

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT116B7 CTS-RT116B7 Datasheet
70Kb / 2P
   Configuration Selector Guide
logo
Silicon Laboratories
AN957 SILABS-AN957 Datasheet
2Mb / 25P
   TouchXpress Configuration and Profiling Guide
logo
Maxim Integrated Produc...
UG6040 MAXIM-UG6040 Datasheet
1,004Kb / 59P
   MAX11300/MAX11301 PIXI Configuration Software User Guide
Rev 0, 1/15
logo
STMicroelectronics
EVAL6207N STMICROELECTRONICS-EVAL6207N Datasheet
411Kb / 34P
   PractiSPIN evaluation system configuration and set up guide
AN1794 STMICROELECTRONICS-AN1794 Datasheet
411Kb / 34P
   PractiSPIN evaluation system configuration and set up guide
logo
Zilog, Inc.
ZRE200BP ZILOG-ZRE200BP Datasheet
54Kb / 8P
   ZMOTION Detection Lens and Pyro Sensor Configuration Guide
logo
Intel Corporation
82530 INTEL-82530 Datasheet
1Mb / 32P
   SERIAL COMMUNICATIONS CONTROLLER (SCC)
logo
Wurth Elektronik GmbH &...
744282100 WURTH-744282100 Datasheet
261Kb / 2P
   Stromkompensierter SMD Line Filter WE-SCC
logo
PHOENIX CONTACT
2901642 PHOENIX-2901642 Datasheet
972Kb / 25P
   Patch panels - FL-PP-RJ45-SCC
Dec 6, 2022
logo
National Instruments Co...
SC-2345 NI-SC-2345 Datasheet
269Kb / 5P
   Portable, Shielded SCC Module Carriers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com