Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

778561-01 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # 778561-01
Description  Portable E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, 16 Analog Inputs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

778561-01 Datasheet(HTML) 2 Page - National Instruments Corporation

  778561-01 Datasheet HTML 1Page - National Instruments Corporation 778561-01 Datasheet HTML 2Page - National Instruments Corporation 778561-01 Datasheet HTML 3Page - National Instruments Corporation 778561-01 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NI PGIA – Measurement and instrument class amplifier that
guarantees settling times at all gains. Typical commercial off-the-
shelf amplifier components do not meet the settling time
requirements for high-gain measurement applications.
PFI Lines – Eight programmable function input (PFI) lines that can
be used for software-controlled routing of intraboard digital and
timing signals.
RSE Mode – In addition to differential and nonreferenced single-
ended modes, NI portable E Series devices offer referenced
single-ended (RSE) mode for use with floating signal sources in
applications with channel counts higher than eight.
Onboard Temperature Sensor – Included for monitoring the
operating temperature of the device to ensure that it is operating
within the specified range.
Analog and Digital Triggering – Some portable E Series devices
provide the ability to set a trigger based on the level of an analog signal,
in addition to the ability to trigger off an edge of a digital signal.
High-Performance, Easy-to-Use Driver Software
Measurement Services Software includes NI-DAQ, the robust driver
software that makes it easy to access the functionality of your data
acquisition hardware, whether you are a beginning or advanced user.
Helpful features include:
Automatic Code Generation – The DAQ Assistant is an interactive
guide that steps you through configuring, testing, and programming
measurement tasks and generates the necessary code automatically
for LabVIEW, LabWindows/CVI, or Measurement Studio.
Cleaner Code Development – Basic and advanced software functions
have been combined into one easy-to-use yet powerful set to help
you build cleaner code and move from basic to advanced
applications without replacing functions.
High-Performance Driver Engine – Software-timed single point
input (typically used in control loops) with NI-DAQ achieves rates of
up to 50 kHz. NI-DAQ also delivers maximum system throughput
I/O with a multithreaded driver.
Test Panels – With NI-DAQ, you can test all of your device
functionality before you begin development.
Scaled Channels – Easily scale your voltage data into the proper
engineering units using the NI-DAQ measurement-ready virtual
channels by choosing from a list of common sensors and signals or
creating your own custom scale.
LabVIEW Integration – All NI-DAQ functions use the waveform data
type, which carries acquired data and timing information directly
into more than 400 LabVIEW built-in analysis routines for display of
results in engineering units on a graph.
Portable E Series Multifunction DAQ
12 or 16-Bit, up to 1.25 MS/s, 16 Analog Inputs
2 National Instruments • Tel: (800) 433-3488 • info@ni.com • ni.com
Models
NI 6052E
NI 6070E
DAQCard-6062E
DAQPad-6020E
DAQCard-6036E,
DAQCard-6024E
Measurement Sensitivity* (mV)
0.0025
0.009
0.010
0.006
0.004
0.009
Nominal Range (V)
Positive FS
Negative FS
Absolute Accuracy (mV)
10
-10
4.747
14.369
17.945
14.826
8.653
19.012
5
-5
0.876
5.193
6.983
4.671
2.357
6.517
2.5
-2.5
1.190
3.605
4.502
3.719
1
-1
0.479
1.452
1.813
1.498
0.5
-0.5
0.243
0.735
0.917
0.757
0.454
0.0972
0.25
-0.25
0.137
0.379
0.474
0.387
0.1
-0.1
0.064
0.163
0.203
0.165
0.05
-0.05
0.035
0.091
0.113
0.091
0.067
0.119
10
0
1.232
6.765
8.55
5.721
5
0
2.119
5.391
6.288
5.619
2
0
0.850
2.167
2.528
2.258
1
0
0.428
1.092
1.274
1.137
0.5
0
0.242
0.558
0.653
0.577
0.2
0
0.111
0.235
0.274
0.241
0.1
0
0.059
0.127
0.149
0.129
Note: Accuracies are valid for measurements following an internal Calibration. Measurement accuracies are listed for operational temperatures within ±1 °C of internal calibration temperature and ±10 °C of external or
factory-calibration temperature. One-year calibration interval recommended. The Absolute Accuracy at Full Scale calculations were performed for a maximum range input voltage (for example, 10 V for the ±10 V range) after one
year, assuming 100 pt averaging of data.*Smallest detectable voltage change in the input signal at the smallest input range.
Models
NI 6052E
NI 6070E
DAQCard-6062E
DAQPad-6020E
DAQCard-6036E,
DAQCard-6024E
Nominal Range (V)
Positive FS
Negative FS
Absolute Accuracy (mV)
10
-10
1.405
8.127
10.568
8.133
2.547
10.568
10
0
1.176
5.685
5.691
Table 3. NI Portable E Series Analog Output Absolute Accuracy Specifications
Table 2. NI Portable E Series Analog Input Absolute Accuracy Specifications


Similar Part No. - 778561-01

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
778561-01 NI-778561-01 Datasheet
536Kb / 4P
   Low-Cost E Series Multifunction DAQ-12 or 16-Bit, 200 kS/s, 16 Analog Inputs
More results

Similar Description - 778561-01

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI6071E NI-NI6071E Datasheet
257Kb / 11P
   Full-Featured E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, up to 64 Analog Inputs
NI6120 NI-NI6120 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
778397-01 NI-778397-01 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
778465-01 NI-778465-01 Datasheet
536Kb / 4P
   Low-Cost E Series Multifunction DAQ-12 or 16-Bit, 200 kS/s, 16 Analog Inputs
NI6123 NI-NI6123 Datasheet
633Kb / 7P
   S Series Multifunction DAQ-up to 16-Bit, up to 3 MS/s per Channel, up to 8 Analog Inputs
NIPXIE-6124 NI-NIPXIE-6124 Datasheet
326Kb / 7P
   S Series Simultaneous Sampling Multifunction DAQ 16-Bit, 4 MS/s per Channel, 4 Analog Inputs
logo
Advantech Co., Ltd.
PCI-1712 ADVANTECH-PCI-1712_15 Datasheet
204Kb / 1P
   1 MS/s, 12-bit, 16-ch PCI Multifunction DAQ Card
logo
National Instruments Co...
778913-01 NI-778913-01 Datasheet
556Kb / 7P
   S Series Multifunction DAQ 16-Bit, 250 kS/s/Channel, 8 Analog Inputs
logo
Advantech Co., Ltd.
PCIE-1816 ADVANTECH-PCIE-1816_15 Datasheet
209Kb / 1P
   1 MS/s, 16-bit, 16-ch PCI Express Multifunction DAQ Card
logo
List of Unclassifed Man...
DAQ-2200 ETC2-DAQ-2200 Datasheet
357Kb / 2P
   64-CH 12/16-Bit Up to 3 MS/s Multi-Function DAQ Cards
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com