Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1230 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1230
Description  20-Bit Analog-to-Digital Converter For Bridge Sensors
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1230 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS1230 Datasheet HTML 5Page - Texas Instruments ADS1230 Datasheet HTML 6Page - Texas Instruments ADS1230 Datasheet HTML 7Page - Texas Instruments ADS1230 Datasheet HTML 8Page - Texas Instruments ADS1230 Datasheet HTML 9Page - Texas Instruments ADS1230 Datasheet HTML 10Page - Texas Instruments ADS1230 Datasheet HTML 11Page - Texas Instruments ADS1230 Datasheet HTML 12Page - Texas Instruments ADS1230 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
www.ti.com
10
5
0
-5
-10
40
-10
0
10
20
30
-40
-30
-20
V
(mV)
IN
-40°C
-20°C
+25°C
+70°C
+85°C
PGA=64
DataRate=10SPS
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
20
0
10
-20
-10
V
(mV)
IN
PGA=128
DataRate=10SPS
-
°
20 C
+
°
85 C
+
°
25 C
+
°
70 C
-
°
40 C
1200
1000
800
600
400
200
0
100
75
50
25
0
-25
-50
Temperature( C)
°
PGA=64,128
97
96
95
94
93
92
91
90
89
88
100
75
50
25
0
-25
-50
Temperature( C)
°
PGA=64
PGA=128
9.85
9.80
9.75
9.70
100
75
50
25
0
-25
-50
Temperature( C)
°
ADS1230
SBAS366A – OCTOBER 2006 – REVISED JULY 2007
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, AVDD = DVDD = REFP = 5V, and REFN = AGND, unless otherwise noted.
INTEGRAL NONLINEARITY
INTEGRAL NONLINEARITY
vs INPUT SIGNAL
vs INPUT SIGNAL
Figure 13.
Figure 14.
ANALOG CURRENT vs TEMPERATURE
DIGITAL CURRENT vs TEMPERATURE
(Normal Mode)
(Normal Mode)
Figure 15.
Figure 16.
DATA RATE
vs TEMPERATURE
Figure 17.
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS1230


Similar Part No. - ADS1230

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1230 BURR-BROWN-ADS1230 Datasheet
501Kb / 25P
   20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Texas Instruments
ADS1230 TI1-ADS1230 Datasheet
1Mb / 30P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Burr-Brown (TI)
ADS1230IPW BURR-BROWN-ADS1230IPW Datasheet
501Kb / 25P
   20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Texas Instruments
ADS1230IPW TI1-ADS1230IPW Datasheet
1Mb / 30P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1230IPWG4 TI1-ADS1230IPWG4 Datasheet
1Mb / 30P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
More results

Similar Description - ADS1230

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1230 BURR-BROWN-ADS1230 Datasheet
501Kb / 25P
   20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Texas Instruments
ADS1230 TI1-ADS1230_17 Datasheet
1Mb / 30P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1130 TI1-ADS1130_13 Datasheet
820Kb / 17P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI1-ADS1131_12 Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232 Datasheet
653Kb / 34P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
ADS1231 TI1-ADS1231 Datasheet
478Kb / 22P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1231 TI1-ADS1231_14 Datasheet
466Kb / 23P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131 TI1-ADS1131_14 Datasheet
844Kb / 21P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232_14 Datasheet
952Kb / 40P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1130 TI1-ADS1130 Datasheet
780Kb / 16P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com