Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

778534-01 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # 778534-01
Description  S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

778534-01 Datasheet(HTML) 1 Page - National Instruments Corporation

  778534-01 Datasheet HTML 1Page - National Instruments Corporation 778534-01 Datasheet HTML 2Page - National Instruments Corporation 778534-01 Datasheet HTML 3Page - National Instruments Corporation 778534-01 Datasheet HTML 4Page - National Instruments Corporation 778534-01 Datasheet HTML 5Page - National Instruments Corporation 778534-01 Datasheet HTML 6Page - National Instruments Corporation 778534-01 Datasheet HTML 7Page - National Instruments Corporation 778534-01 Datasheet HTML 8Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Overview and Applications
National Instruments S Series devices combine the latest in PC
technologies to deliver simultaneous-sampling, high-bandwidth
capabilities for low and high-channel-count data acquisition and control
systems. Use S Series devices in a variety of applications including:
• Stimulus/response applications where synchronization among high-
speed analog input (AI), analog output (AO), and digital I/O is required
• 42 V automotive applications
• Radar, sonar, ultrasound
• Transient/ballistics measurements
• High-energy physics
• IF digitization
Features
The NI high-performance S Series DAQ devices have the same
basic features of a typical multifunction device – eight digital I/O lines,
two counter/timers, two analog outputs, RTSI or PXI trigger bus for
multidevice synchronization, and PFI lines for software-controlled routing
of timing and triggering signals. S Series devices exceed the analog input
performance of traditional multiplexed devices with features including:
S Series Multifunction DAQ 12 or 16-Bit,
1 to 10 MS/s, 4 Analog Inputs
Analog
Input
Sampling
Input
Analog
Max Output
Output
Digital
Counter/
Family
Bus
Inputs
Resolution (bits)
Rate (MS/s)
Range (V)
Outputs
Rate (MS/s)
Range (V)
I/O
Timers
Triggers
NI 6120
PCI, PXI
4
16
13
±0.2 to ±42
2
41
±10
82
2, 24-bit
Analog, digital
NI 6115
PCI, PXI
4
12
10
±0.2 to ±42
2
41
±10
82
2, 24-bit
Analog, digital
NI 6110
PCI
4
12
5
±0.2 to ±42
2
41
±10
8
2, 24-bit
Analog, digital
NI 6111
PCI
2
12
5
±0.2 to ±42
2
41
±10
8
2, 24-bit
Analog, digital
14 MS/s single channel; 2.5 MS/s on two channels 2Hardware-timed up to 10 MB/s 3800 kS/s with NI-DAQmx, 1 MS/s with additional download. Special conditions apply.
Table 1. Channel, Speed, and Resolution Specifications
Onboard Memory
Signal
Input
Family
(samples)
Antialias Filters1
Coupling
Configuration
DIO
NI 6120
64 M
5-pole Bessel,
AC and DC
Pseudodifferential
Hardware-timed
100 kHz
NI 6115
32 M or 64 M
3-pole Bessel
AC and DC
Pseudodifferential
Hardware-timed
50 and 500 kHz
NI 6110
8,192
DC
Pseudodifferential
Software-timed
NI 6111
8,192
DC
Pseudodifferential
Software-timed
1Filter can be bypassed.
Table 2. Special Features
NI 6120, NI 6115, NI 6110, NI 6111
• 2 or 4 analog inputs; dedicated
A/D converter per channel
• 1 to 10 MS/s per channel
maximum sample rate
• Analog and digital triggering
• AC or DC coupling
• 8 input ranges from ±200 mV
to ±42 V
• 2 analog outputs at 4 MS/s single
channel or 2.5 MS/s dual channel
• 8 digital I/O lines
(5 V TTL/CMOS)
• Two 24-bit counter/timers
• Measurement services that simplify
configuration and measurements
Operating Systems
• Windows 2000/NT/XP
• Mac OS X
• Linux
Recommended Software
• LabVIEW 7.x or higher
• LabWindows/CVI 7.x or higher
• Measurement Studio 7.x or higher
• Digital Waveform Editor
• SignalExpress 1.x or higher
Other Compatible Software
• VI Logger 2.x or higher
• Visual Studio .NET
• Visual Basic, C/C++, and C#
Measurement Services
Software (included)1
• NI-DAQmx driver software
• Measurement & Automation
Explorer configuration utility
• VI Logger Lite data-logging software
1Mac OS X and Linux applications
must use NI-DAQmx Base driver software.
Calibration Certificate Available


Similar Part No. - 778534-01

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
778535-01 NI-778535-01 Datasheet
446Kb / 4P
   Portable E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, 16 Analog Inputs
778535-04 NI-778535-04 Datasheet
446Kb / 4P
   Portable E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, 16 Analog Inputs
778535-06 NI-778535-06 Datasheet
446Kb / 4P
   Portable E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, 16 Analog Inputs
778536-01 NI-778536-01 Datasheet
446Kb / 4P
   Portable E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, 16 Analog Inputs
778536-04 NI-778536-04 Datasheet
446Kb / 4P
   Portable E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, 16 Analog Inputs
More results

Similar Description - 778534-01

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI6120 NI-NI6120 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
777666-01 NI-777666-01 Datasheet
446Kb / 4P
   Portable E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, 16 Analog Inputs
NIPXIE-6124 NI-NIPXIE-6124 Datasheet
326Kb / 7P
   S Series Simultaneous Sampling Multifunction DAQ 16-Bit, 4 MS/s per Channel, 4 Analog Inputs
logo
Advantech Co., Ltd.
PCI-1712 ADVANTECH-PCI-1712_15 Datasheet
204Kb / 1P
   1 MS/s, 12-bit, 16-ch PCI Multifunction DAQ Card
logo
National Instruments Co...
NI6071E NI-NI6071E Datasheet
257Kb / 11P
   Full-Featured E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, up to 64 Analog Inputs
778465-01 NI-778465-01 Datasheet
536Kb / 4P
   Low-Cost E Series Multifunction DAQ-12 or 16-Bit, 200 kS/s, 16 Analog Inputs
778913-01 NI-778913-01 Datasheet
556Kb / 7P
   S Series Multifunction DAQ 16-Bit, 250 kS/s/Channel, 8 Analog Inputs
NI6123 NI-NI6123 Datasheet
633Kb / 7P
   S Series Multifunction DAQ-up to 16-Bit, up to 3 MS/s per Channel, up to 8 Analog Inputs
logo
Advantech Co., Ltd.
PCIE-1816 ADVANTECH-PCIE-1816_15 Datasheet
209Kb / 1P
   1 MS/s, 16-bit, 16-ch PCI Express Multifunction DAQ Card
PCI-1712 ADVANTECH-PCI-1712 Datasheet
659Kb / 2P
   1 MS/s, 12-bit, 16-ch PCI Multifunction Card
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com